Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BSS138 Datasheet (PDF) - GOOD-ARK Electronics

BSS138 Datasheet PDF - GOOD-ARK Electronics
No. de pieza BSS138
Descarga  BSS138 Descarga

Tamaño del archivo   839.3 Kbytes
Page   7 Pages
Fabricante Electrónico  GOOD-ARK [GOOD-ARK Electronics]
Página de inicio  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics
Descripción Electrónicos 50V N-Channel MOSFET

BSS138 Datasheet (PDF)

Go To PDF Page Descarga Datasheet
BSS138 Datasheet PDF - GOOD-ARK Electronics

No. de pieza BSS138
Descarga  BSS138 Click to download

Tamaño del archivo   839.3 Kbytes
Page   7 Pages
Fabricante Electrónico  GOOD-ARK [GOOD-ARK Electronics]
Página de inicio  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics
Descripción Electrónicos 50V N-Channel MOSFET

BSS138 Datasheet (HTML) - GOOD-ARK Electronics

BSS138 Datasheet HTML 1Page - GOOD-ARK Electronics BSS138 Datasheet HTML 2Page - GOOD-ARK Electronics BSS138 Datasheet HTML 3Page - GOOD-ARK Electronics BSS138 Datasheet HTML 4Page - GOOD-ARK Electronics BSS138 Datasheet HTML 5Page - GOOD-ARK Electronics BSS138 Datasheet HTML 6Page - GOOD-ARK Electronics BSS138 Datasheet HTML 7Page - GOOD-ARK Electronics

BSS138 Detalles de producto

GENERAL FEATURES
● VDS = 50V,ID = 0.22A
   RDS(ON) < 6Ω @ VGS=4.5V
   RDS(ON) < 3.5Ω @ VGS=10V
   ESD Rating:1000V HBM
● High Power and current handing capability
● Lead free product
● Surface Mount Package

APPLICATIONS
● Direct Logic-Level Interface: TTL/CMOS
● Drivers: Relays, Solenoids, Lamps, Hammers, Display, Memories, Transistors, etc.
● Battery Operated Systems
● Solid-State Relays




Número de pieza similar - BSS138

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Zetex Semiconductors
BSS138 ZETEX-BSS138 Datasheet
58Kb / 3P
   N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
logo
TECH PUBLIC Electronics...
BSS138 TECHPUBLIC-BSS138 Datasheet
1Mb / 5P
   N-Channel Enhancement Mode MOSFET
logo
Unisonic Technologies
BSS138 UTC-BSS138 Datasheet
157Kb / 3P
   N-CHANNEL LOGIC LEVEL ENHANCEMENT MODE
logo
Micro Commercial Compon...
BSS138 MCC-BSS138 Datasheet
325Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
logo
Siemens Semiconductor G...
BSS138 SIEMENS-BSS138 Datasheet
138Kb / 8P
   SIPMOS Small-Signal Transistor (N channel Enhancement mode Logic Level)
More results


Descripción similar - BSS138

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Diodes Incorporated
AF15N50 DIODES-AF15N50 Datasheet
252Kb / 9P
   50V N-Channel MOSFET
logo
GOOD-ARK Electronics
BSS138 GOOD-ARK-BSS138_15 Datasheet
839Kb / 7P
   50V N-Channel MOSFET
logo
Unisonic Technologies
UTT100N05 UTC-UTT100N05 Datasheet
129Kb / 3P
   100A, 50V N-CHANNEL POWER MOSFET
logo
Diodes Incorporated
DMT5015LFDF DIODES-DMT5015LFDF Datasheet
353Kb / 6P
   50V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
AiT Semiconductor Inc.
BSS138L AITSEMI-BSS138L Datasheet
478Kb / 6P
   POWER MOSFET 0.2A, 50V N-CHANNEL
REV2.0
logo
KIA Semiconductor Techn...
65R300 KIA-65R300 Datasheet
380Kb / 6P
   15A竊?50V N-CHANNEL MOSFET
logo
Diodes Incorporated
BSS138K DIODES-BSS138K Datasheet
509Kb / 7P
   50V N-CHANNEL ENHANCEMENT MODE MOSFET
October 2019
DMN52D0UVA DIODES-DMN52D0UVA Datasheet
588Kb / 8P
   50V N-CHANNEL ENHANCEMENT MODE MOSFET
December 2022 Rev. 3 - 2
DMN52D0LT DIODES-DMN52D0LT Datasheet
698Kb / 8P
   50V N-CHANNEL ENHANCEMENT MODE MOSFET
November 2022 Rev. 2 - 2
logo
Unisonic Technologies
60N05 UTC-60N05 Datasheet
136Kb / 3P
   60A, 50V N-CHANNEL POWER MOSFET
More results




Acerca de GOOD-ARK Electronics


GOOD-ARK Electronics is a multinational company based in Taiwan that specializes in the design, development, and production of diodes, rectifiers, and transient voltage suppressors (TVS) for various applications. The company was founded in 1990 and has since expanded globally, with subsidiaries and sales offices in Asia, Europe, and the Americas.

GOOD-ARK Electronics' product portfolio includes a wide range of diodes, including standard, high-voltage, high-current, and ultrafast types, as well as TVS devices for ESD and surge protection. The company's products are used in various industries, such as automotive, consumer electronics, telecommunications, and industrial automation.

GOOD-ARK Electronics is committed to quality, reliability, and innovation, and it has obtained numerous certifications, such as ISO 9001, ISO 14001, and IATF 16949. The company's advanced manufacturing facilities and stringent quality control processes ensure that its products meet the highest standards of performance and reliability.

GOOD-ARK Electronics is recognized as one of the leading diode manufacturers in the world, with a strong reputation for providing high-quality and cost-effective solutions to its customers.

*Esta información es solo para fines informativos generales, no seremos responsables de ninguna pérdida o daño causado por la información anterior.




Enlace URL



Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com