Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SDP530WMUF Datasheet (PDF) - AUK corp

SDP530WMUF Datasheet PDF - AUK corp
No. de pieza SDP530WMUF
Descarga  SDP530WMUF Descarga

Tamaño del archivo   59.23 Kbytes
Page   3 Pages
Fabricante Electrónico  AUK [AUK corp]
Página de inicio  https:www.auk.co.kr
Logo AUK - AUK corp
Descripción Electrónicos Attenuator Diode

SDP530WMUF Datasheet (PDF)

Go To PDF Page Descarga Datasheet
SDP530WMUF Datasheet PDF - AUK corp

No. de pieza SDP530WMUF
Descarga  SDP530WMUF Click to download

Tamaño del archivo   59.23 Kbytes
Page   3 Pages
Fabricante Electrónico  AUK [AUK corp]
Página de inicio  https:www.auk.co.kr
Logo AUK - AUK corp
Descripción Electrónicos Attenuator Diode

SDP530WMUF Datasheet (HTML) - AUK corp

SDP530WMUF Datasheet HTML 1Page - AUK corp SDP530WMUF Datasheet HTML 2Page - AUK corp SDP530WMUF Datasheet HTML 3Page - AUK corp

SDP530WMUF Detalles de producto

Features
• Low capacitance : Max 0.5pF
• Low series resistance : rs=3Ω(Typ.)@IF=10mA
• AGC and attenuator diode for VHF/UHF band tuner




Número de pieza similar - SDP530WMUF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AUK corp
SDP530WMUF AUK-SDP530WMUF Datasheet
158Kb / 3P
   Attenuator Diode
SDP530WMUF AUK-SDP530WMUF_1 Datasheet
158Kb / 3P
   Attenuator Diode
More results


Descripción similar - SDP530WMUF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AUK corp
SDP530Q AUK-SDP530Q Datasheet
47Kb / 3P
   Attenuator Diode
logo
KODENSHI_AUK CORP.
SDP520WMF KODENSHI-SDP520WMF Datasheet
144Kb / 3P
   Attenuator Diode
logo
AUK corp
SDP530WKF AUK-SDP530WKF_1 Datasheet
47Kb / 3P
   Attenuator Diode
SDP530WMF AUK-SDP530WMF Datasheet
139Kb / 3P
   Attenuator Diode
SDP530WAF AUK-SDP530WAF_1 Datasheet
49Kb / 3P
   Attenuator Diode
SDP520Q AUK-SDP520Q Datasheet
49Kb / 3P
   Attenuator Diode
SDP520D AUK-SDP520D Datasheet
61Kb / 3P
   Attenuator Diode
SDP520Q AUK-SDP520Q_1 Datasheet
159Kb / 3P
   Attenuator Diode
SDP520WMF AUK-SDP520WMF_1 Datasheet
63Kb / 3P
   Attenuator Diode
SDP520WMUF AUK-SDP520WMUF Datasheet
61Kb / 3P
   Attenuator Diode
More results




Acerca de AUK corp


AUK corp is a Taiwan-based semiconductor company that specializes in the design, development, and manufacturing of discrete semiconductor components, including diodes, transistors, and MOSFETs. The company was founded in 1991 and is headquartered in New Taipei City, Taiwan.

AUK's products are used in a wide range of applications, including automotive, communications, computing, and consumer electronics. The company's product portfolio includes a variety of diodes, such as switching, zener, and Schottky diodes, as well as MOSFETs and bipolar transistors.

AUK is committed to quality and reliability, and it has obtained various certifications, including ISO 9001, ISO 14001, and IATF 16949. The company's manufacturing facilities use advanced production equipment and quality control processes to ensure the highest levels of product performance and reliability.

Today, AUK is recognized as a leading semiconductor company in Taiwan, with a strong reputation for providing high-quality and cost-effective solutions to its customers. The company continues to invest in research and development to stay at the forefront of new technologies and applications in the semiconductor industry.

*Esta información es solo para fines informativos generales, no seremos responsables de ninguna pérdida o daño causado por la información anterior.




Enlace URL



Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com