Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ISL98002CRZ-140 Datasheet (PDF) - Intersil Corporation

ISL98002CRZ-140 Datasheet PDF - Intersil Corporation
No. de pieza ISL98002CRZ-140
Descarga  ISL98002CRZ-140 Descarga

Tamaño del archivo   513.32 Kbytes
Page   28 Pages
Fabricante Electrónico  INTERSIL [Intersil Corporation]
Página de inicio  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Descripción Electrónicos Triple Video Digitizer with Digital PLL

ISL98002CRZ-140 Datasheet (PDF)

Go To PDF Page Descarga Datasheet
ISL98002CRZ-140 Datasheet PDF - Intersil Corporation

No. de pieza ISL98002CRZ-140
Descarga  ISL98002CRZ-140 Click to download

Tamaño del archivo   513.32 Kbytes
Page   28 Pages
Fabricante Electrónico  INTERSIL [Intersil Corporation]
Página de inicio  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Descripción Electrónicos Triple Video Digitizer with Digital PLL

ISL98002CRZ-140 Datasheet (HTML) - Intersil Corporation

Back Button ISL98002CRZ-140 Datasheet HTML 1Page - Intersil Corporation ISL98002CRZ-140 Datasheet HTML 2Page - Intersil Corporation ISL98002CRZ-140 Datasheet HTML 3Page - Intersil Corporation ISL98002CRZ-140 Datasheet HTML 4Page - Intersil Corporation ISL98002CRZ-140 Datasheet HTML 5Page - Intersil Corporation ISL98002CRZ-140 Datasheet HTML 6Page - Intersil Corporation ISL98002CRZ-140 Datasheet HTML 7Page - Intersil Corporation ISL98002CRZ-140 Datasheet HTML 8Page - Intersil Corporation ISL98002CRZ-140 Datasheet HTML 9Page - Intersil Corporation ISL98002CRZ-140 Datasheet HTML 10Page - Intersil Corporation Next Button 

ISL98002CRZ-140 Detalles de producto

The ISL98002 3-Channel, 8-bit Analog Front End (AFE)
contains all the functions necessary to digitize analog YPbPr
video signals and RGB graphics signals from DVD players,
digital VCRs, video set-top boxes, and personal computers.
This product family’s conversion rates support HDTV
resolutions up to 1080p and PC monitor resolutions up to
UXGA, while the front end's programmable input bandwidth
ensures sharp, clear images at all resolutions.
To maximize performance with the widest variety of video
sources, the ISL98002 features a fast-responding digital PLL
(DPLL), providing extremely low jitter with PC graphics signals
and quick recovery from VCR head switching with video
signals. Integrated HSYNC and SOG processing eliminate the
need for external slicers, sync separators, Schmitt triggers,
and filters.
Glitchless, automatic Macrovision®- compliance is obtained
by a digital Macrovision® detection function that detects and
automatically removes Macrovision® from the HSYNC
signal.
Ease of use is also emphasized with features such as the
elimination of PLL charge pump current/VCO range
programming and single-bit switching between RGB and
YPbPr signals. Automatic Black Level Compensation
(ABLC™) eliminates part-to-part offset variation, ensuring
perfect black level performance in every application.

Features
• 140MSPS and 170MSPS maximum conversion rates
• Glitchless Macrovision®-compliant sync separator
• Extremely fast recovery from VCR head switching
• Low PLL clock jitter (250ps peak-to-peak @ 170MSPS)
• 64 interpixel sampling positions
• 0.35VP-P to 1.4VP-P video input range
• Programmable bandwidth (100MHz to 780MHz)
• RGB 4:4:4 and YUV 4:2:2 output formats
• Low power (535mW @ 170MSPS)
• Small 10mmx10mm 72 Ld QFN package
• Completely independent 8-bit gain/10-bit offset control
• Pb-free (RoHS Compliant)

Applications
• Digital TVs
• Projectors
• Multifunction Monitors
• Digital KVM
• RGB Graphics Processing




Número de pieza similar - ISL98002CRZ-140

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISL98002CRZ-140 INTERSIL-ISL98002CRZ-140 Datasheet
510Kb / 28P
   Triple Video Digitizer with Digital PLL
logo
Renesas Technology Corp
ISL98002CRZ-140 RENESAS-ISL98002CRZ-140 Datasheet
1Mb / 28P
   Triple Video Digitizer with Digital PLL
More results


Descripción similar - ISL98002CRZ-140

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISL98001 INTERSIL-ISL98001_07 Datasheet
370Kb / 31P
   Triple Video Digitizer with Digital PLL
ISL98001 INTERSIL-ISL98001 Datasheet
474Kb / 31P
   Triple Video Digitizer with Digital PLL
logo
Renesas Technology Corp
ISL98001 RENESAS-ISL98001 Datasheet
1Mb / 31P
   Triple Video Digitizer with Digital PLL
ISL98002 RENESAS-ISL98002 Datasheet
1Mb / 28P
   Triple Video Digitizer with Digital PLL
logo
Intersil Corporation
ISL98001IQZ-140 INTERSIL-ISL98001IQZ-140 Datasheet
470Kb / 31P
   Triple Video Digitizer with Digital PLL
September 21, 2010
ISL98001 INTERSIL-ISL98001_06 Datasheet
488Kb / 31P
   Triple Video Digitizer with Digital PLL
ISL98002 INTERSIL-ISL98002 Datasheet
510Kb / 28P
   Triple Video Digitizer with Digital PLL
X98014L128-3.3 INTERSIL-X98014L128-3.3 Datasheet
443Kb / 29P
   140MHz Triple Video Digitizer with Digital PLL
March 8, 2006
X98024 INTERSIL-X98024 Datasheet
295Kb / 29P
   240MHz Triple Video Digitizer with Digital PLL
X98021 INTERSIL-X98021_06 Datasheet
448Kb / 29P
   210MHz Triple Video Digitizer with Digital PLL
More results




Acerca de Intersil Corporation


Intersil Corporation era una compañía de semiconductores estadounidenses que se especializó en el diseño y fabricación de circuitos integrados analógicos y de señal mixta de alto rendimiento.
La compañía fue fundada en 1967 y era conocida por su experiencia en gestión de energía, conversión de datos y tecnologías de radiofrecuencia (RF).
Los productos de Intersil se utilizaron en una amplia gama de aplicaciones, como la electrónica de consumo, industrial, telecomunicaciones y aeroespacial y defensa.
En 2016, Intersil fue adquirido por Renesas Electronics Corporation, una empresa de semiconductores japoneses.
La marca y la tecnología Intersil continúan desarrollándose y vendiendo como parte de la cartera de productos de Renesas.

*Esta información es solo para fines informativos generales, no seremos responsables de ninguna pérdida o daño causado por la información anterior.




Enlace URL



Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com