Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ISL28227FRTBZ Datasheet (PDF) - Intersil Corporation

ISL28227FRTBZ Datasheet PDF - Intersil Corporation
No. de pieza ISL28227FRTBZ
Descarga  ISL28227FRTBZ Descarga

Tamaño del archivo   1519.86 Kbytes
Page   27 Pages
Fabricante Electrónico  INTERSIL [Intersil Corporation]
Página de inicio  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Descripción Electrónicos Precision Single and Dual Low Noise Operational Amplifiers

ISL28227FRTBZ Datasheet (PDF)

Go To PDF Page Descarga Datasheet
ISL28227FRTBZ Datasheet PDF - Intersil Corporation

No. de pieza ISL28227FRTBZ
Descarga  ISL28227FRTBZ Click to download

Tamaño del archivo   1519.86 Kbytes
Page   27 Pages
Fabricante Electrónico  INTERSIL [Intersil Corporation]
Página de inicio  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Descripción Electrónicos Precision Single and Dual Low Noise Operational Amplifiers

ISL28227FRTBZ Datasheet (HTML) - Intersil Corporation

Back Button ISL28227FRTBZ Datasheet HTML 1Page - Intersil Corporation ISL28227FRTBZ Datasheet HTML 2Page - Intersil Corporation ISL28227FRTBZ Datasheet HTML 3Page - Intersil Corporation ISL28227FRTBZ Datasheet HTML 4Page - Intersil Corporation ISL28227FRTBZ Datasheet HTML 5Page - Intersil Corporation ISL28227FRTBZ Datasheet HTML 6Page - Intersil Corporation ISL28227FRTBZ Datasheet HTML 7Page - Intersil Corporation ISL28227FRTBZ Datasheet HTML 8Page - Intersil Corporation ISL28227FRTBZ Datasheet HTML 9Page - Intersil Corporation ISL28227FRTBZ Datasheet HTML 10Page - Intersil Corporation Next Button 

ISL28227FRTBZ Detalles de producto

The ISL28127 and ISL28227 are very high precision amplifiers
featuring very low noise, low offset voltage, low input bias
current and low temperature drift making them the ideal
choice for applications requiring both high DC accuracy and AC
performance. The combination of precision, low noise, and
small footprint provides the user with outstanding value and
flexibility relative to similar competitive parts.
Applications for these amplifiers include precision active
filters, medical and analytical instrumentation, precision
power supply controls, and industrial controls.
The ISL28127 single and ISL28227 dual are available in an 8
Ld SOIC, TDFN and MSOP packages. All devices are offered in
standard pin configurations and operate over the extended
temperature range to -40°C to +125°C.

Features
• Very Low Voltage Noise . . . . . . . . . . . . . . . . . . . . . . . .2.5nV/Hz
• Low Input Offset. . . . . . . . . . . . . . . . . . . . . . . . . . . . 70µV, Max.
• Superb Offset Drift. . . . . . . . . . . . . . . . . . . . . . 0.5µV/°C, Max.
• Input Bias Current . . . . . . . . . . . . . . . . . . . . . . . . . . 10nA, Max.
• Wide Supply Range . . . . . . . . . . . . . . . . . . . . . . . . .4.5V to 40V
• Gain-bandwidth Product . . . . . . . . . 10MHz Unity Gain Stable
• No Phase Reversal

Applications
• Precision Instruments
• Medical Instrumentation
• Industrial Controls
• Active Filter Blocks
• Data Acquisition
• Power Supply Control




Número de pieza similar - ISL28227FRTBZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISL28227FRTBZ INTERSIL-ISL28227FRTBZ Datasheet
1Mb / 23P
   Precision Single and Dual Low Noise Operational Amplifiers
ISL28227FRTBZ INTERSIL-ISL28227FRTBZ Datasheet
1Mb / 26P
   Precision Single and Dual Low Noise Operational Amplifiers
logo
Renesas Technology Corp
ISL28227FRTBZ RENESAS-ISL28227FRTBZ Datasheet
2Mb / 33P
   Precision Single and Dual Low Noise Operational Amplifiers
More results


Descripción similar - ISL28227FRTBZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISL28107 INTERSIL-ISL28107_09 Datasheet
1Mb / 22P
   Precision Single and Dual Low Noise Operational Amplifiers
ISL28107 INTERSIL-ISL28107_10 Datasheet
1Mb / 23P
   Precision Single and Dual Low Noise Operational Amplifiers
ISL28127 INTERSIL-ISL28127_10 Datasheet
1Mb / 23P
   Precision Single and Dual Low Noise Operational Amplifiers
logo
Renesas Technology Corp
ISL28127 RENESAS-ISL28127 Datasheet
2Mb / 33P
   Precision Single and Dual Low Noise Operational Amplifiers
logo
Intersil Corporation
ISL28107 INTERSIL-ISL28107 Datasheet
957Kb / 12P
   Precision Single and Dual Low Noise Operational Amplifiers
ISL28127 INTERSIL-ISL28127 Datasheet
1Mb / 12P
   Precision Single and Dual Low Noise Operational Amplifiers
ISL28127_1012 INTERSIL-ISL28127_1012 Datasheet
1Mb / 26P
   Precision Single and Dual Low Noise Operational Amplifiers
ISL28107FBZ INTERSIL-ISL28107FBZ Datasheet
1Mb / 31P
   Precision Single, Dual and Quad Low Noise Operational Amplifiers
September 29, 2015
ISL28107_1110 INTERSIL-ISL28107_1110 Datasheet
1Mb / 32P
   Precision Single, Dual and Quad Low Noise Operational Amplifiers
logo
Renesas Technology Corp
ISL28107 RENESAS-ISL28107 Datasheet
1Mb / 31P
   Precision Single, Dual and Quad Low Noise Operational Amplifiers
More results




Acerca de Intersil Corporation


Intersil Corporation era una compañía de semiconductores estadounidenses que se especializó en el diseño y fabricación de circuitos integrados analógicos y de señal mixta de alto rendimiento.
La compañía fue fundada en 1967 y era conocida por su experiencia en gestión de energía, conversión de datos y tecnologías de radiofrecuencia (RF).
Los productos de Intersil se utilizaron en una amplia gama de aplicaciones, como la electrónica de consumo, industrial, telecomunicaciones y aeroespacial y defensa.
En 2016, Intersil fue adquirido por Renesas Electronics Corporation, una empresa de semiconductores japoneses.
La marca y la tecnología Intersil continúan desarrollándose y vendiendo como parte de la cartera de productos de Renesas.

*Esta información es solo para fines informativos generales, no seremos responsables de ninguna pérdida o daño causado por la información anterior.




Enlace URL



Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com