Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ZD5232A Datasheet (PDF) - Cystech Electonics Corp.

ZD5232A Datasheet PDF - Cystech Electonics Corp.
No. de pieza ZD5232A
Descarga  ZD5232A Descarga

Tamaño del archivo   287.11 Kbytes
Page   7 Pages
Fabricante Electrónico  CYSTEKEC [Cystech Electonics Corp.]
Página de inicio  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.
Descripción Electrónicos 500mW Zener Diode Series

ZD5232A Datasheet (PDF)

Go To PDF Page Descarga Datasheet
ZD5232A Datasheet PDF - Cystech Electonics Corp.

No. de pieza ZD5232A
Descarga  ZD5232A Click to download

Tamaño del archivo   287.11 Kbytes
Page   7 Pages
Fabricante Electrónico  CYSTEKEC [Cystech Electonics Corp.]
Página de inicio  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.
Descripción Electrónicos 500mW Zener Diode Series

ZD5232A Datasheet (HTML) - Cystech Electonics Corp.

ZD5232A Datasheet HTML 1Page - Cystech Electonics Corp. ZD5232A Datasheet HTML 2Page - Cystech Electonics Corp. ZD5232A Datasheet HTML 3Page - Cystech Electonics Corp. ZD5232A Datasheet HTML 4Page - Cystech Electonics Corp. ZD5232A Datasheet HTML 5Page - Cystech Electonics Corp. ZD5232A Datasheet HTML 6Page - Cystech Electonics Corp. ZD5232A Datasheet HTML 7Page - Cystech Electonics Corp.

ZD5232A Detalles de producto

Description
The ZD5221ASH thru ZD5267ASH series covers zener voltage range from 2.4V to 75V, and is encapsulated in SOD-123 package, very suitable for low cost, low power voltage regulation application.

Features
• VZ tolerance : ±2%
• Ultra small surface mount package
• General purpose, medium current
• Planar die construction
• Pb-free lead plating and halogen-free package




Número de pieza similar - ZD5232A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cystech Electonics Corp...
ZD5232A CYSTEKEC-ZD5232A Datasheet
269Kb / 6P
   500mW Zener Diode Series
ZD5232A CYSTEKEC-ZD5232A Datasheet
340Kb / 14P
   Zener Diode Series
ZD5232A CYSTEKEC-ZD5232A Datasheet
340Kb / 14P
   Zener Diode Series
ZD5232A CYSTEKEC-ZD5232A Datasheet
340Kb / 14P
   Zener Diode Series
ZD5232A CYSTEKEC-ZD5232A Datasheet
340Kb / 14P
   Zener Diode Series
More results


Descripción similar - ZD5232A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cystech Electonics Corp...
ZD5221ASH CYSTEKEC-ZD5221ASH Datasheet
269Kb / 6P
   500mW Zener Diode Series
ZD4688BSH CYSTEKEC-ZD4688BSH Datasheet
284Kb / 1P
   500mW Zener Diode Series
ZD4699BSH CYSTEKEC-ZD4699BSH Datasheet
277Kb / 1P
   500mW Zener Diode Series
ZD4705SH CYSTEKEC-ZD4705SH Datasheet
277Kb / 1P
   500mW Zener Diode Series
ZD4684SH CYSTEKEC-ZD4684SH Datasheet
277Kb / 8P
   500mW Zener Diode Series
ZD5228ASH CYSTEKEC-ZD5228ASH Datasheet
287Kb / 7P
   500mW Zener Diode Series
ZD5227BSH CYSTEKEC-ZD5227BSH Datasheet
322Kb / 7P
   500mW Zener Diode Series
ZD5223ASH CYSTEKEC-ZD5223ASH Datasheet
287Kb / 7P
   500mW Zener Diode Series
ZD5234BN3 CYSTEKEC-ZD5234BN3 Datasheet
229Kb / 7P
   500mW Zener Diode Series
ZD5265BSH CYSTEKEC-ZD5265BSH Datasheet
448Kb / 7P
   500mW Zener Diode Series
ZD5228BSH CYSTEKEC-ZD5228BSH Datasheet
322Kb / 7P
   500mW Zener Diode Series
More results



Enlace URL



Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com