Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LC503NBG1-15Q Datasheet (PDF) - Marktech Corporate

LC503NBG1-15Q Datasheet PDF - Marktech Corporate
No. de pieza LC503NBG1-15Q
Descarga  LC503NBG1-15Q Descarga

Tamaño del archivo   83.07 Kbytes
Page   3 Pages
Fabricante Electrónico  MARKTECH [Marktech Corporate]
Página de inicio  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate
Descripción Electrónicos Blue Green 15 5mm LED lamp with water transparent lens

LC503NBG1-15Q Datasheet (PDF)

Go To PDF Page Descarga Datasheet
LC503NBG1-15Q Datasheet PDF - Marktech Corporate

No. de pieza LC503NBG1-15Q
Descarga  LC503NBG1-15Q Click to download

Tamaño del archivo   83.07 Kbytes
Page   3 Pages
Fabricante Electrónico  MARKTECH [Marktech Corporate]
Página de inicio  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate
Descripción Electrónicos Blue Green 15 5mm LED lamp with water transparent lens

LC503NBG1-15Q Datasheet (HTML) - Marktech Corporate

LC503NBG1-15Q Datasheet HTML 1Page - Marktech Corporate LC503NBG1-15Q Datasheet HTML 2Page - Marktech Corporate LC503NBG1-15Q Datasheet HTML 3Page - Marktech Corporate

LC503NBG1-15Q Detalles de producto

Product Description: Blue Green 15º 5mm LED lamp with water transparent lens

Resin: Epoxy
Lens Color: Water Transparent
Lead Frame: Ag Plating Iron Alloy
Dice: InGaN/SiC




Número de pieza similar - LC503NBG1-15Q

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Marktech Corporate
LC503NBL1-15Q MARKTECH-LC503NBL1-15Q Datasheet
61Kb / 3P
   Blue 15 5mm LED lamp with water transparent lens
More results


Descripción similar - LC503NBG1-15Q

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Marktech Corporate
LC503MBG1-15Q MARKTECH-LC503MBG1-15Q Datasheet
61Kb / 3P
   Blue-Green 15 5mm LED lamp with water transparent lens
LC503NBL1-15Q MARKTECH-LC503NBL1-15Q Datasheet
61Kb / 3P
   Blue 15 5mm LED lamp with water transparent lens
LC503NPG1-15Q MARKTECH-LC503NPG1-15Q Datasheet
56Kb / 3P
   Green 15 5mm LED lamp with water transparent lens
LC503MHR1-15Q MARKTECH-LC503MHR1-15Q Datasheet
59Kb / 3P
   Red 15 5mm LED lamp with water transparent lens
LC503MYL1-15Q MARKTECH-LC503MYL1-15Q Datasheet
66Kb / 3P
   Yellow 15 5mm LED lamp with water transparent lens
LC512MBG1-25Q MARKTECH-LC512MBG1-25Q Datasheet
62Kb / 3P
   Blue-Green 25 5mm LED lamp with water transparent lens.
LC512NBL1-25Q MARKTECH-LC512NBL1-25Q Datasheet
60Kb / 4P
   Blue 25 5mm LED lamp with water transparent lens.
LC503MBL1-06Q MARKTECH-LC503MBL1-06Q Datasheet
59Kb / 3P
   Blue 6 5mm LED lamp with water transparent lens
LC369MBL1-15Q MARKTECH-LC369MBL1-15Q Datasheet
85Kb / 3P
   Blue 15 3mm LED lamp with water transparent lens
LC512NPG1-25Q MARKTECH-LC512NPG1-25Q Datasheet
60Kb / 3P
   Green 25 5mm LED lamp with water transparent lens
More results



Enlace URL



Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com