Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

HI1175 Datasheet (PDF) - Intersil Corporation

HI1175 Datasheet PDF - Intersil Corporation
No. de pieza HI1175
Descarga  HI1175 Descarga

Tamaño del archivo   74.06 Kbytes
Page   13 Pages
Fabricante Electrónico  INTERSIL [Intersil Corporation]
Página de inicio  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Descripción Electrónicos 8-Bit, 20 MSPS, Flash A/D Converter

HI1175 Datasheet (PDF)

Go To PDF Page Descarga Datasheet
HI1175 Datasheet PDF - Intersil Corporation

No. de pieza HI1175
Descarga  HI1175 Click to download

Tamaño del archivo   74.06 Kbytes
Page   13 Pages
Fabricante Electrónico  INTERSIL [Intersil Corporation]
Página de inicio  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Descripción Electrónicos 8-Bit, 20 MSPS, Flash A/D Converter

HI1175 Datasheet (HTML) - Intersil Corporation

Back Button HI1175 Datasheet HTML 1Page - Intersil Corporation HI1175 Datasheet HTML 2Page - Intersil Corporation HI1175 Datasheet HTML 3Page - Intersil Corporation HI1175 Datasheet HTML 4Page - Intersil Corporation HI1175 Datasheet HTML 5Page - Intersil Corporation HI1175 Datasheet HTML 6Page - Intersil Corporation HI1175 Datasheet HTML 7Page - Intersil Corporation HI1175 Datasheet HTML 8Page - Intersil Corporation HI1175 Datasheet HTML 9Page - Intersil Corporation HI1175 Datasheet HTML 10Page - Intersil Corporation Next Button 

HI1175 Detalles de producto

Description
The HI1175 is an 8-bit, analog-to-digital converter built in a 1.4µm CMOS process. The low power, low differential gain and phase, high sampling rate, and single 5V supply make the HI1175 ideal for video and imaging applications.

Features
• Resolution . . . . . . . . . . . . . . . . . . 8-Bit ±0.3 LSB (DNL)
• Maximum Sampling Frequency . . . . . . . . . . . 20 MSPS
• Low Power Consumption . . . .60mW (at 20 MSPS Typ) (Reference Current Excluded)
• Built-In Sample and Hold Circuit
• Built-In Reference Voltage Self Bias Circuit
• Three-State TTL Compatible Output
• Single +5V Power Supply
• Low Input Capacitance . . . . . . . . . . . . . . . . . 11pF (Typ)
• Reference Impedance . . . . . . . . . . . . . . . . . . 300Ω (Typ)
• Evaluation Board Available (HI1175-EV)
• Low Cost
• Direct Replacement for the Sony CXD1175

Applications
• Video Digitizing
• Image Scanners
• Multimedia
• PC Video Capture
• TV Set Top Boxes
• Personal Communication Systems (PCS)




Número de pieza similar - HI1175

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
HI1175 RENESAS-HI1175 Datasheet
607Kb / 13P
   8-Bit, 20MSPS, Flash A/D Converter
logo
Intersil Corporation
HI1175-EV INTERSIL-HI1175-EV Datasheet
280Kb / 13P
   8-Bit, 20 MSPS, Flash A/D Converter
logo
Renesas Technology Corp
HI1175-EV RENESAS-HI1175-EV Datasheet
607Kb / 13P
   8-Bit, 20MSPS, Flash A/D Converter
logo
Intersil Corporation
HI1175JCB INTERSIL-HI1175JCB Datasheet
280Kb / 13P
   8-Bit, 20 MSPS, Flash A/D Converter
logo
Renesas Technology Corp
HI1175JCB RENESAS-HI1175JCB Datasheet
607Kb / 13P
   8-Bit, 20MSPS, Flash A/D Converter
More results


Descripción similar - HI1175

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
HI1176 INTERSIL-HI1176_05 Datasheet
341Kb / 12P
   8-Bit, 20 MSPS, Flash A/D Converter
HI-5700 INTERSIL-HI-5700 Datasheet
746Kb / 12P
   8-Bit, 20 MSPS Flash A/D Converter
HI-5700883 INTERSIL-HI-5700883 Datasheet
668Kb / 8P
   8-Bit, 20 MSPS Flash A/D Converter
logo
National Semiconductor ...
ADC0881 NSC-ADC0881 Datasheet
384Kb / 12P
   8-Bit 20 MSPS Flash A/D Converter
logo
Intersil Corporation
HI1175 INTERSIL-HI1175_05 Datasheet
280Kb / 13P
   8-Bit, 20 MSPS, Flash A/D Converter
logo
National Semiconductor ...
ADC0882 NSC-ADC0882 Datasheet
344Kb / 11P
   8-Bit 20 MSPS Flash A/D Converter
logo
Intersil Corporation
HI1176 INTERSIL-HI1176 Datasheet
85Kb / 11P
   8-Bit, 20 MSPS, Flash A/D Converter
October 1998
logo
Renesas Technology Corp
HI1176 RENESAS-HI1176 Datasheet
643Kb / 12P
   8-Bit, 20 MSPS, Flash A/D Converter
October 25, 2005
logo
Micro Linear Corporatio...
ML6401 MICRO-LINEAR-ML6401 Datasheet
554Kb / 10P
   8-Bit 20 MSPS A/D Converter
logo
Fairchild Semiconductor
SPT7725 FAIRCHILD-SPT7725 Datasheet
134Kb / 12P
   8-BIT, 300 MSPS, FLASH A/D CONVERTER
More results




Acerca de Intersil Corporation


Intersil Corporation era una compañía de semiconductores estadounidenses que se especializó en el diseño y fabricación de circuitos integrados analógicos y de señal mixta de alto rendimiento.
La compañía fue fundada en 1967 y era conocida por su experiencia en gestión de energía, conversión de datos y tecnologías de radiofrecuencia (RF).
Los productos de Intersil se utilizaron en una amplia gama de aplicaciones, como la electrónica de consumo, industrial, telecomunicaciones y aeroespacial y defensa.
En 2016, Intersil fue adquirido por Renesas Electronics Corporation, una empresa de semiconductores japoneses.
La marca y la tecnología Intersil continúan desarrollándose y vendiendo como parte de la cartera de productos de Renesas.

*Esta información es solo para fines informativos generales, no seremos responsables de ninguna pérdida o daño causado por la información anterior.




Enlace URL



Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com