Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

HD74LV174A Datasheet (PDF) - Hitachi Semiconductor

HD74LV174A Datasheet PDF - Hitachi Semiconductor
No. de pieza HD74LV174A
Descarga  HD74LV174A Descarga

Tamaño del archivo   64.0 Kbytes
Page   15 Pages
Fabricante Electrónico  HITACHI [Hitachi Semiconductor]
Página de inicio  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor
Descripción Electrónicos Hex D-type Flip-Flops with Clear

HD74LV174A Datasheet (PDF)

Go To PDF Page Descarga Datasheet
HD74LV174A Datasheet PDF - Hitachi Semiconductor

No. de pieza HD74LV174A
Descarga  HD74LV174A Click to download

Tamaño del archivo   64.0 Kbytes
Page   15 Pages
Fabricante Electrónico  HITACHI [Hitachi Semiconductor]
Página de inicio  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor
Descripción Electrónicos Hex D-type Flip-Flops with Clear

HD74LV174A Datasheet (HTML) - Hitachi Semiconductor

Back Button HD74LV174A Datasheet HTML 1Page - Hitachi Semiconductor HD74LV174A Datasheet HTML 2Page - Hitachi Semiconductor HD74LV174A Datasheet HTML 3Page - Hitachi Semiconductor HD74LV174A Datasheet HTML 4Page - Hitachi Semiconductor HD74LV174A Datasheet HTML 5Page - Hitachi Semiconductor HD74LV174A Datasheet HTML 6Page - Hitachi Semiconductor HD74LV174A Datasheet HTML 7Page - Hitachi Semiconductor HD74LV174A Datasheet HTML 8Page - Hitachi Semiconductor HD74LV174A Datasheet HTML 9Page - Hitachi Semiconductor HD74LV174A Datasheet HTML 10Page - Hitachi Semiconductor Next Button 

HD74LV174A Detalles de producto

Description
This device contains 6 master-slave flip-flops with a common clock and common clear. Data on the D input having the specified setup and hold times is transferred to the Q output on the low to high transition of the clock input. The clear input when low, sets all outputs to a low state. Low-voltage and high-speed operation is suitable for battery-powered products (e.g., notebook computers), and the low-power consumption extends the battery life.

Features
• VCC = 2.0 V to 5.5 V operation
• All inputs VIH (Max.) = 5.5 V (@VCC = 0 V to 5.5 V)
• All outputs VO (Max.) = 5.5 V (@VCC = 0 V)
• Typical VOL ground bounce < 0.8 V (@VCC = 3.3 V, Ta = 25°C)
• Typical VOH undershoot > 2.3 V (@VCC = 3.3 V, Ta = 25°C)
• Output current ±6 mA (@VCC = 3.0 V to 3.6 V), ±12 mA (@VCC = 4.5 V to 5.5 V)




Número de pieza similar - HD74LV174A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Hitachi Semiconductor
HD74LV175A HITACHI-HD74LV175A Datasheet
66Kb / 15P
   Quad. D-type Flip-Flops with Clear
More results


Descripción similar - HD74LV174A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SN54LV174A TI-SN54LV174A Datasheet
146Kb / 7P
[Old version datasheet]   HEX D-TYPE FLIP-FLOPS WITH CLEAR
logo
Hitachi Semiconductor
HD74HC174 HITACHI-HD74HC174 Datasheet
51Kb / 9P
   Hex D-type Flip-Flops (with Clear)
logo
Texas Instruments
SN54AHC174 TI-SN54AHC174_07 Datasheet
584Kb / 18P
[Old version datasheet]   HEX D-TYPE FLIP-FLOPS WITH CLEAR
SN54AHCT174 TI1-SN54AHCT174_15 Datasheet
775Kb / 17P
[Old version datasheet]   HEX D-TYPE FLIP-FLOPS WITH CLEAR
logo
Fairchild Semiconductor
MM74HC174 FAIRCHILD-MM74HC174 Datasheet
72Kb / 7P
   Hex D-Type Flip-Flops with Clear
logo
Texas Instruments
SN54LV174 TI-SN54LV174 Datasheet
155Kb / 8P
[Old version datasheet]   HEX D-TYPE FLIP-FLOPS WITH CLEAR
SN54HC174 TI-SN54HC174 Datasheet
92Kb / 6P
[Old version datasheet]   HEX D-TYPE FLIP-FLOPS WITH CLEAR
SN54AHCT174 TI-SN54AHCT174 Datasheet
101Kb / 6P
[Old version datasheet]   HEX D-TYPE FLIP-FLOPS WITH CLEAR
CD54ACT174 TI-CD54ACT174 Datasheet
316Kb / 10P
[Old version datasheet]   HEX D-TYPE FLIP-FLOPS WITH CLEAR
logo
Renesas Technology Corp
HD74HC174 RENESAS-HD74HC174 Datasheet
100Kb / 8P
   Hex D-type Flip-Flops (with Clear)
More results




Acerca de Hitachi Semiconductor


Hitachi Semiconductor es una subsidiaria de Hitachi, Ltd., una compañía japonesa que se especializa en el diseño y fabricación de semiconductores.
La compañía se estableció en 1970 y tiene su sede en Tokio, Japón.
Hitachi Semiconductor ofrece una amplia gama de productos que incluyen productos de memoria, microcontroladores, ICS de administración de energía y otros semiconductores analógicos y digitales.
Los productos de la compañía se utilizan en diversas aplicaciones, como la electrónica de consumo, los sistemas automotrices y los equipos industriales.
Hitachi Semiconductor es conocido por su experiencia en tecnología de semiconductores y su capacidad para ofrecer productos confiables y de alta calidad a sus clientes.
La compañía tiene operaciones e instalaciones en varios países de todo el mundo y trabaja en estrecha colaboración con sus clientes para proporcionar soluciones de semiconductores personalizadas que satisfagan sus requisitos y necesidades específicas.

*Esta información es solo para fines informativos generales, no seremos responsables de ninguna pérdida o daño causado por la información anterior.




Enlace URL



Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com