Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

Q10N5 Datasheet (PDF) - Littelfuse

Q10N5 Datasheet PDF - Littelfuse
No. de pieza Q10N5
Descarga  Q10N5 Descarga

Tamaño del archivo   967.29 Kbytes
Page   9 Pages
Fabricante Electrónico  LITTELFUSE [Littelfuse]
Página de inicio  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Descripción Electrónicos 10 Amp Standard & Alternistor (High Communitation) Triacs

Q10N5 Datasheet (PDF)

Go To PDF Page Descarga Datasheet
Q10N5 Datasheet PDF - Littelfuse

No. de pieza Q10N5
Descarga  Q10N5 Click to download

Tamaño del archivo   967.29 Kbytes
Page   9 Pages
Fabricante Electrónico  LITTELFUSE [Littelfuse]
Página de inicio  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Descripción Electrónicos 10 Amp Standard & Alternistor (High Communitation) Triacs

Q10N5 Datasheet (HTML) - Littelfuse

Q10N5 Datasheet HTML 1Page - Littelfuse Q10N5 Datasheet HTML 2Page - Littelfuse Q10N5 Datasheet HTML 3Page - Littelfuse Q10N5 Datasheet HTML 4Page - Littelfuse Q10N5 Datasheet HTML 5Page - Littelfuse Q10N5 Datasheet HTML 6Page - Littelfuse Q10N5 Datasheet HTML 7Page - Littelfuse Q10N5 Datasheet HTML 8Page - Littelfuse Q10N5 Datasheet HTML 9Page - Littelfuse

Q10N5 Detalles de producto

Description
10 Amp bi-directional solid state switch series is designed for AC switching and phase control applications such as motor speed and temperature modulation controls, lighting controls, and static switching relays.
Standard type devices normally operate in Quadrants I & III triggered from AC line.

Features & Benefits
• RoHS Compliant
• Glass – passivated junctions
• Voltage capability up to 1000 V
• Surge capability up to 120 A
• Electrically isolated package “L - Package” and UL recognized for 2500Vrms
• Solid-state switching eliminates arcing or contact bounce that create voltage transients
• No contacts to wear out from reaction of switching events
• Restricted (or limited) RFI generation, depending on activation point sine wave

Applications
   Alternistor type devices are used in applications requiring high commutation performance such as controlling inductive loads. Isolated packages are offered with internal construction, having the case or mounting tab electrically isolated from the semiconductor chip.




Número de pieza similar - Q10N5

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Powerbox
Q10N-12 POWERBOX-Q10N-12 Datasheet
1Mb / 3P
   0.5 WATTS - 100 - 10KV SINGLE OUTPUT DC/DC INDUSTRIAL
Q10N-24 POWERBOX-Q10N-24 Datasheet
1Mb / 3P
   0.5 WATTS - 100 - 10KV SINGLE OUTPUT DC/DC INDUSTRIAL
Q10N-5 POWERBOX-Q10N-5 Datasheet
1Mb / 3P
   0.5 WATTS - 100 - 10KV SINGLE OUTPUT DC/DC INDUSTRIAL
logo
XP Power Limited
Q10N-5CTS XPPOWER-Q10N-5CTS Datasheet
1Mb / 14P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
More results


Descripción similar - Q10N5

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Littelfuse
Q4025K6TP LITTELFUSE-Q4025K6TP Datasheet
1,005Kb / 11P
   25 Amp Standard & Alternistor (High Commutation) Triacs
Q4025N5RP LITTELFUSE-Q4025N5RP Datasheet
320Kb / 11P
   25 Amp Standard & Alternistor (High Commutation) Triacs
Q6025J6TP LITTELFUSE-Q6025J6TP Datasheet
278Kb / 11P
   25 Amp Standard Alternistor (High Commutation) Triacs
Q6016LH651 LITTELFUSE-Q6016LH651 Datasheet
974Kb / 9P
   15 Amp Standard & 16 Amp Alternistor (High Commutation) Triacs
Q6008DH3RP LITTELFUSE-Q6008DH3RP Datasheet
435Kb / 14P
   8 Amp Sensitive, Standard & Alternistor (High Commutation) Triacs
E71639 LITTELFUSE-E71639 Datasheet
999Kb / 14P
   8 Amp Sensitive, Standard & Alternistor (High Commutation) Triacs
QJ8012XHX LITTELFUSE-QJ8012XHX Datasheet
596Kb / 8P
   12 Amp High Temperature Alternistor Triacs
LJ6008D8RP LITTELFUSE-LJ6008D8RP Datasheet
537Kb / 11P
   8 Amp High Temp Sensitive,Standard & Alternistor(High Communication)Triacs
Revised: GD. 05/07/21
HQ6025XH5 LITTELFUSE-HQ6025XH5 Datasheet
645Kb / 8P
   25 Amp High Temperature Alternistor Triacs
QJXX25XHX LITTELFUSE-QJXX25XHX Datasheet
583Kb / 9P
   25 Amp High Temperature Alternistor Triacs
More results




Acerca de Littelfuse


Littelfuse es una empresa estadounidense que se especializa en el diseño y fabricación de productos de protección y control de circuitos.
La compañía fue fundada en 1927 y tiene su sede en Chicago, Illinois.
Littelfuse proporciona una amplia gama de productos que incluyen fusibles, dispositivos de protección y control, y productos poliméricos.
Los productos de la compañía se utilizan en diversas aplicaciones, como la electrónica automotriz, industrial y de consumo.
Littelfuse es conocido por su experiencia en tecnología de protección y control de circuitos y su capacidad para ofrecer productos confiables y de alta calidad a sus clientes.
La compañía tiene operaciones e instalaciones en varios países de todo el mundo y trabaja en estrecha colaboración con sus clientes para proporcionar soluciones personalizadas que satisfagan sus requisitos y necesidades específicas.
Además de su negocio principal, Littelfuse también proporciona soluciones para los mercados de centros de energía y energía renovable.

*Esta información es solo para fines informativos generales, no seremos responsables de ninguna pérdida o daño causado por la información anterior.




Enlace URL



Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com