Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SM6T10CA52 Datasheet (PDF) - Vishay Siliconix

SM6T10CA52 Datasheet PDF - Vishay Siliconix
No. de pieza SM6T10CA52
Descarga  SM6T10CA52 Descarga

Tamaño del archivo   128.24 Kbytes
Page   6 Pages
Fabricante Electrónico  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Descripción Electrónicos Surface Mount TRANSZORB Transient Voltage Suppressors

SM6T10CA52 Datasheet (PDF)

Go To PDF Page Descarga Datasheet
SM6T10CA52 Datasheet PDF - Vishay Siliconix

No. de pieza SM6T10CA52
Descarga  SM6T10CA52 Click to download

Tamaño del archivo   128.24 Kbytes
Page   6 Pages
Fabricante Electrónico  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Descripción Electrónicos Surface Mount TRANSZORB Transient Voltage Suppressors

SM6T10CA52 Datasheet (HTML) - Vishay Siliconix

SM6T10CA52 Datasheet HTML 1Page - Vishay Siliconix SM6T10CA52 Datasheet HTML 2Page - Vishay Siliconix SM6T10CA52 Datasheet HTML 3Page - Vishay Siliconix SM6T10CA52 Datasheet HTML 4Page - Vishay Siliconix SM6T10CA52 Datasheet HTML 5Page - Vishay Siliconix SM6T10CA52 Datasheet HTML 6Page - Vishay Siliconix

SM6T10CA52 Detalles de producto

FEATURES
• Low profile package
• Ideal for automated placement
• Glass passivated chip junction
• 600 W peak pulse power capability with a 10/1000 µs waveform
• Available in uni-directional and bi-directional
• Excellent clamping capability
• Low inductance
• Meets MSL level 1, per J-STD-020, LF maximum peak of 260 °C
• Solder dip 260 °C, 40 s
• Component in accordance to RoHS 2002/95/EC and WEEE 2002/96/EC

TYPICAL APPLICATIONS
    Use in sensitive electronics protection against voltage transients induced by inductive load switching and lighting on ICs, MOSFET, signal lines of sensor units for consumer, computer, industrial, automotive and telecommunication.




Número de pieza similar - SM6T10CA52

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SM6T10CA52 VISHAY-SM6T10CA52 Datasheet
128Kb / 6P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 13-Dec-13
More results


Descripción similar - SM6T10CA52

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
MSP3V3 VISHAY-MSP3V3_10 Datasheet
84Kb / 4P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 23-Apr-10
SM15T36CA-E3 VISHAY-SM15T36CA-E3 Datasheet
93Kb / 5P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 13-Dec-13
1.5SMC250A-E3 VISHAY-1.5SMC250A-E3 Datasheet
109Kb / 6P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 14-Dec-12
SMP3V3 VISHAY-SMP3V3_13 Datasheet
91Kb / 5P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 11-Dec-12
SMAJ18CA-E3 VISHAY-SMAJ18CA-E3 Datasheet
85Kb / 5P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 21-Sep-12
SMCJ64CA-E3 VISHAY-SMCJ64CA-E3 Datasheet
114Kb / 5P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 10-Dec-13
SM15T39A-E3 VISHAY-SM15T39A-E3 Datasheet
93Kb / 5P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 13-Dec-13
SM6T22CA-E3 VISHAY-SM6T22CA-E3 Datasheet
128Kb / 6P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 13-Dec-13
TGL41-6.8 VISHAY-TGL41-6.8 Datasheet
66Kb / 5P
   Surface Mount TRANSZORB Transient Voltage Suppressors
03-May-02
1.5SMC43CA VISHAY-1.5SMC43CA Datasheet
47Kb / 3P
   Surface Mount TRANSZORB Transient Voltage Suppressors
31-Jul-03
P4SMA440A-E3 VISHAY-P4SMA440A-E3 Datasheet
94Kb / 6P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 13-Dec-12
More results




Acerca de Vishay Siliconix


Vishay Siliconix es una subsidiaria de Vishay Intertechnology, un fabricante global de componentes electrónicos pasivos.
Vishay Siliconix se especializa en el diseño, la fabricación y la comercialización de MOSFET de potencia, IGBTS y otros semiconductores de poder.
La compañía fue fundada en 1962 y tiene su sede en Santa Clara, California.
Vishay Siliconix proporciona soluciones de energía para una variedad de aplicaciones, incluidos sistemas de energía renovable, equipos industriales, informática y telecomunicaciones, y electrónica automotriz.
Los productos de la compañía están diseñados para alta eficiencia, bajo consumo de energía y alta confiabilidad, y se fabrican en instalaciones de última generación utilizando procesos de fabricación avanzados.
Con un enfoque en la innovación y la satisfacción del cliente, Vishay Siliconix se compromete a proporcionar a sus clientes las mejores soluciones de gestión de energía para satisfacer sus necesidades.

*Esta información es solo para fines informativos generales, no seremos responsables de ninguna pérdida o daño causado por la información anterior.




Enlace URL



Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com