Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AQZ264 Datasheet (PDF) - Panasonic Semiconductor

AQZ264 Datasheet PDF - Panasonic Semiconductor
No. de pieza AQZ264
Descarga  AQZ264 Descarga

Tamaño del archivo   648.09 Kbytes
Page   3 Pages
Fabricante Electrónico  PANASONIC [Panasonic Semiconductor]
Página de inicio  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor
Descripción Electrónicos High capacity up to 6A in a slim SIL package

AQZ264 Datasheet (PDF)

Go To PDF Page Descarga Datasheet
AQZ264 Datasheet PDF - Panasonic Semiconductor

No. de pieza AQZ264
Descarga  AQZ264 Click to download

Tamaño del archivo   648.09 Kbytes
Page   3 Pages
Fabricante Electrónico  PANASONIC [Panasonic Semiconductor]
Página de inicio  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor
Descripción Electrónicos High capacity up to 6A in a slim SIL package

AQZ264 Datasheet (HTML) - Panasonic Semiconductor

AQZ264 Datasheet HTML 1Page - Panasonic Semiconductor AQZ264 Datasheet HTML 2Page - Panasonic Semiconductor AQZ264 Datasheet HTML 3Page - Panasonic Semiconductor

AQZ264 Detalles de producto

FEATURES
1. High capacity type power PhotoMOS.
   Can switch a wide range of currents and voltages. Can control various types of loads, from very small loads to a max. 6A AC/DC current for sequencers, motors, and lamps.
2. Low on-resistance and high sensitivity.
   Low on-resistance of less than typ.
   0.036Ω (AQZ262). High sensitivity LED operate current of typ. 1 mA.
3. AC/DC dual use
   Bi-directional control is possible. There is no need to differentiate depending on the load as was necessary with the conventional SSR.
4. 4-pin SIL type
   (L) 43.0 mm × (W) 9.0 mm × (H) 32.0 mm
   (L) 1.693 inch × (W) .354 inch × (H) 1.260 inch.
5. Low-level off state leakage current of max. 10 µA
6. Controls low-level analog signals
   The triac, photocoupler, or SSR cannot be used to control signals of less than several hundred mV. The high capacity type power PhotoMOS feature extremely low closed-circuit offset voltage to enable control of low-level analog signals without distortion.

TYPICAL APPLICATIONS
• Mercury relay replacement
• Compact motors, lamps, heaters
• OA equipment




Número de pieza similar - AQZ264

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Panasonic Semiconductor
AQZ26 PANASONIC-AQZ26 Datasheet
168Kb / 3P
   PhotoMOS Relay Dimensions
logo
List of Unclassifed Man...
AQZ26 ETC2-AQZ26 Datasheet
168Kb / 3P
   PhotoMOS Relay Dimensions
AQZ26 ETC2-AQZ26 Datasheet
168Kb / 3P
   PhotoMOS Relay Dimensions
AQZ26 ETC-AQZ26 Datasheet
168Kb / 3P
   PhotoMOS Relay Dimensions
AQZ26 ETC2-AQZ26 Datasheet
168Kb / 3P
   PhotoMOS Relay Dimensions
More results


Descripción similar - AQZ264

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
LETEX TECHNOLOGY CORP.
LT11004V LETEX-LT11004V Datasheet
505Kb / 4P
   High capacity in a slim SIL package
logo
CIT Relay & Switch
J098 CIT-J098 Datasheet
92Kb / 3P
   Switching capacity up to 6A
logo
Omron Electronics LLC
G8P-1A2T-F-DC5 OMRON-G8P-1A2T-F-DC5 Datasheet
1Mb / 8P
   Up to 30 A switching capacity in compact package.
logo
Panasonic Semiconductor
AQV252G3S PANASONIC-AQV252G3S Datasheet
168Kb / 5P
   High capacity in a miniature SOP package
logo
Shanghai Leiditech Elec...
L8550HQLT1G LEIDITECH-L8550HQLT1G Datasheet
469Kb / 3P
   High current capacity in compact package.
S8550 LEIDITECH-S8550 Datasheet
469Kb / 3P
   High current capacity in compact package
logo
Panasonic Semiconductor
AQZ102 PANASONIC-AQZ102 Datasheet
132Kb / 7P
   Slim type with high capacity up to 4A DC load type also available
logo
Shanghai Leiditech Elec...
SS8550T1 LEIDITECH-SS8550T1 Datasheet
469Kb / 3P
   High current capacity in compact package
logo
Schurter Inc.
UMK250 SCHURTER-UMK250 Datasheet
303Kb / 3P
   High breaking capacity of up to 200 A @ 250 VAC
logo
Omron Electronics LLC
G5NB-EL OMRON-G5NB-EL Datasheet
250Kb / 4P
   A slim compact Relay with 7 A switching capacity
More results




Acerca de Panasonic Semiconductor


Panasonic Semiconductor es una subsidiaria de Panasonic Corporation, una compañía de electrónica japonesa.
Panasonic Semiconductor proporciona una amplia gama de productos que incluyen microcontroladores, sensores, ICS de administración de energía y otros componentes electrónicos para diversas aplicaciones en los mercados automotrices, industriales y de consumo.
La compañía es conocida por su enfoque en la calidad y la confiabilidad, y sus productos se utilizan ampliamente en gestión de energía, iluminación y otras aplicaciones.
Panasonic Semiconductor tiene operaciones en varios países y es uno de los principales proveedores de componentes electrónicos en la región de Asia y el Pacífico.

*Esta información es solo para fines informativos generales, no seremos responsables de ninguna pérdida o daño causado por la información anterior.




Enlace URL



Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com