Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SMAJ22CA Datasheet (PDF) - Socay Electornics Co., Ltd.

SMAJ22CA Datasheet PDF - Socay Electornics Co., Ltd.
No. de pieza SMAJ22CA
Descarga  SMAJ22CA Descarga

Tamaño del archivo   621.48 Kbytes
Page   7 Pages
Fabricante Electrónico  SOCAY [Socay Electornics Co., Ltd.]
Página de inicio  http://www.socay.com
Logo SOCAY - Socay Electornics Co., Ltd.
Descripción Electrónicos Surface Mount Transient Voltage Suppressors (TVS)

SMAJ22CA Datasheet (PDF)

Go To PDF Page Descarga Datasheet
SMAJ22CA Datasheet PDF - Socay Electornics Co., Ltd.

No. de pieza SMAJ22CA
Descarga  SMAJ22CA Click to download

Tamaño del archivo   621.48 Kbytes
Page   7 Pages
Fabricante Electrónico  SOCAY [Socay Electornics Co., Ltd.]
Página de inicio  http://www.socay.com
Logo SOCAY - Socay Electornics Co., Ltd.
Descripción Electrónicos Surface Mount Transient Voltage Suppressors (TVS)

SMAJ22CA Datasheet (HTML) - Socay Electornics Co., Ltd.

SMAJ22CA Datasheet HTML 1Page - Socay Electornics Co., Ltd. SMAJ22CA Datasheet HTML 2Page - Socay Electornics Co., Ltd. SMAJ22CA Datasheet HTML 3Page - Socay Electornics Co., Ltd. SMAJ22CA Datasheet HTML 4Page - Socay Electornics Co., Ltd. SMAJ22CA Datasheet HTML 5Page - Socay Electornics Co., Ltd. SMAJ22CA Datasheet HTML 6Page - Socay Electornics Co., Ltd. SMAJ22CA Datasheet HTML 7Page - Socay Electornics Co., Ltd.

SMAJ22CA Detalles de producto

Description
The SMAJ series is designed specifically to protect sensitive electronic equipment from voltage transients induced by lightning and other transient voltage events.

Features
✦ For surface mounted applications in order to optimize board space
✦ Low leakage
✦ Uni and Bidirectional unit
✦ Glass passivated junction
✦ Low inductance
✦ Excellent clamping capability
✦ 400W Peak power capability at 10 × 1000µs waveform Repetition rate
   (duty cycle):0.01%
✦ Fast response time: typically less than 1.0ps from 0 Volts to VBR min
✦ Typical IR less than 5μA above 12V
✦ High Temperature soldering: 260°C/40 seconds at terminals
✦ Typical maximum temperature coefficient ΔVBR = 0.1% ×
   VBR@25°C× ΔT
✦ Plastic package has Underwriters Laboratory Flammability 94V-0
✦ Matte tin lead–free Plated
✦ Halogen free and RoHS compliant
✦ Typical failure mode is short from over-specified voltage or current
✦ Whisker test is conducted based on JEDEC JESD201A per its table
   4a and 4c
✦ IEC-61000-4-2 ESD 15kV(Air), 8kV (Contact)
✦ ESD protection of data lines in accordance with IEC 61000-4-2
   (IEC801-2)
✦ EFT protection of data lines in accordance with IEC 61000-4-4
   (IEC801-4)

Applications
   TVS devices are ideal for the protection of I/O interfaces,
   VCC bus and other vulnerable circuits used in Telecom,
   Computer, Industrial and Consumer electronic applications.



Número de pieza similar - SMAJ22CA

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Bytes
SMAJ22CA BYTES-SMAJ22CA Datasheet
336Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Alpha & Omega Semicondu...
SMAJ22CA AOSMD-SMAJ22CA Datasheet
713Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Rev.1.2 July 2021
logo
Diodes Incorporated
SMAJ22CA DIODES-SMAJ22CA Datasheet
118Kb / 5P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
PACELEADER INDUSTRIAL
SMAJ22CA PACELEADER-SMAJ22CA Datasheet
122Kb / 2P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
SeCoS Halbleitertechnol...
SMAJ22CA SECOS-SMAJ22CA Datasheet
554Kb / 4P
   Peak Power Surface Mount TVS
More results


Descripción similar - SMAJ22CA

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Socay Electornics Co., ...
SMBJ60A SOCAY-SMBJ60A Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
SMBJ64CA SOCAY-SMBJ64CA Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
SMBJ75 SOCAY-SMBJ75 Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
SMBJ78A SOCAY-SMBJ78A Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
SMBJ80 SOCAY-SMBJ80 Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
SMBJ80C SOCAY-SMBJ80C Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
SMBJ85 SOCAY-SMBJ85 Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
SMBJ90 SOCAY-SMBJ90 Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
SMAJ6.0 SOCAY-SMAJ6.0 Datasheet
621Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
SMAJ6.5CA SOCAY-SMAJ6.5CA Datasheet
621Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
SMAJ7.0 SOCAY-SMAJ7.0 Datasheet
621Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
More results



Enlace URL



Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com