Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD7243BQ Datasheet (PDF) - Analog Devices

AD7243BQ Datasheet PDF - Analog Devices
No. de pieza AD7243BQ
Descarga  AD7243BQ Descarga

Tamaño del archivo   161.84 Kbytes
Page   12 Pages
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices
Descripción Electrónicos LC2MOS 12-Bit Serial DACPORT

AD7243BQ Datasheet (PDF)

Go To PDF Page Descarga Datasheet
AD7243BQ Datasheet PDF - Analog Devices

No. de pieza AD7243BQ
Descarga  AD7243BQ Click to download

Tamaño del archivo   161.84 Kbytes
Page   12 Pages
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices
Descripción Electrónicos LC2MOS 12-Bit Serial DACPORT

AD7243BQ Datasheet (HTML) - Analog Devices

Back Button AD7243BQ Datasheet HTML 1Page - Analog Devices AD7243BQ Datasheet HTML 2Page - Analog Devices AD7243BQ Datasheet HTML 3Page - Analog Devices AD7243BQ Datasheet HTML 4Page - Analog Devices AD7243BQ Datasheet HTML 5Page - Analog Devices AD7243BQ Datasheet HTML 6Page - Analog Devices AD7243BQ Datasheet HTML 7Page - Analog Devices AD7243BQ Datasheet HTML 8Page - Analog Devices AD7243BQ Datasheet HTML 9Page - Analog Devices AD7243BQ Datasheet HTML 10Page - Analog Devices Next Button 

AD7243BQ Detalles de producto

GENERAL DESCRIPTION
The AD7243 is a complete 12-bit, voltage output, digital-to-analog converter with output amplifier and Zener voltage reference on a monolithic CMOS chip. No external trims are required to achieve full specified performance.
The output amplifier is capable of developing +10 V across a 2 kΩ load. The output voltage ranges with single supply operation are 0 V to +5 V or 0 V to +10 V, while an additional bipolar ±5 V output range is available with dual supplies. The ranges are selected using the internal gain resistor.
The data format is natural binary in both unipolar ranges, while either offset binary or two’s complement format may be selected in the bipolar range. A CLR function is provided which sets the output to 0 V in both unipolar ranges and in the two’s complement bipolar range, while with offset binary data format, the output is set to –REFIN. This function is useful as a power-on reset as it allows the output to be set to a known voltage level.

FEATURES
   12-Bit CMOS DAC with
      On-Chip Voltage Reference
      Output Amplifier
   Three Selectable Output Ranges
      –5 V to +5 V, 0 V to +5 V, 0 V to +10 V
   Serial Interface
   300 kHz DAC Update Rate
   Small Size: 16-Lead DIP or SOIC
   Nonlinearity: ±1/2 LSB TMIN to TMAX
   Low Power Dissipation: 100 mW Typical

APPLICATIONS
   Process Control
   Industrial Automation
   Digital Signal Processing Systems
   Input/Output Ports




Número de pieza similar - AD7243BQ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD7243BQ AD-AD7243BQ Datasheet
171Kb / 12P
   LC2MOS 12-Bit Serial DACPORT
REV. A
AD7243BQ AD-AD7243BQ Datasheet
161Kb / 12P
   LC2MOS 12-Bit Serial DACPORT
REV. A
AD7243BQ AD-AD7243BQ Datasheet
282Kb / 13P
   LC2MOS 12-Bit Serial DACPORT
Rev. B
More results


Descripción similar - AD7243BQ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD7243 AD-AD7243 Datasheet
171Kb / 12P
   LC2MOS 12-Bit Serial DACPORT
REV. A
AD7243ARZ AD-AD7243ARZ Datasheet
161Kb / 12P
   LC2MOS 12-Bit Serial DACPORT
REV. A
AD7243 AD-AD7243_V01 Datasheet
282Kb / 13P
   LC2MOS 12-Bit Serial DACPORT
Rev. B
AD7249 AD-AD7249 Datasheet
149Kb / 12P
   LC2MOS Dual 12-Bit Serial DACPORT
REV. C
AD7245JNZ AD-AD7245JNZ Datasheet
3Mb / 16P
   LC2MOS 12-BiT DACPORT
AD7233 AD-AD7233 Datasheet
99Kb / 8P
   LC2MOS 12-Bit Serial Mini-DIP DACPORT
REV. A
AD7233ANZ AD-AD7233ANZ Datasheet
95Kb / 8P
   LC2MOS 12-Bit Serial Mini-DIP DACPORT
REV. B
AD7248JNZ AD-AD7248JNZ Datasheet
3Mb / 16P
   LC2MOS 12-Bit DACPORT
AD7245 AD-AD7245 Datasheet
1Mb / 16P
   LC2MOS 12-Bit DACPORT
REV. A
AD7247AAR-REEL AD-AD7247AAR-REEL Datasheet
1Mb / 12P
   LC2MOS Dual 12-Bit DACPORT
REV. A
More results




Acerca de Analog Devices


Analog Devices, Inc. (ADI) es una empresa que cotiza en bolsa que diseña, desarrolla y fabrica circuitos integrados (ICS) analógicos, de señal mixtos y digitales (DSP).
La compañía fue fundada en 1965 y tiene su sede en Norwood, Massachusetts.
ADI sirve una amplia gama de industrias, incluidas aeroespaciales y defensa, automotriz, comunicaciones, consumidores, industriales, médicos y pruebas y medidas.
La cartera de productos de la compañía incluye convertidores de datos, amplificadores y comparadores, ICS de administración de energía, microcontroladores, sensores y radiofrecuencia (RF) y componentes de microondas, entre otros.
ADI se dedica a la innovación y la satisfacción del cliente, y se compromete a proporcionar a sus clientes soluciones confiables y de alta calidad para satisfacer sus necesidades.
Con un enfoque en la eficiencia energética y la sostenibilidad, ADI es un líder en la industria de IC analógicas y de señal mixta, impulsando los avances tecnológicos y proporcionando soluciones innovadoras a los problemas más desafiantes del mundo.

*Esta información es solo para fines informativos generales, no seremos responsables de ninguna pérdida o daño causado por la información anterior.




Enlace URL



Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com