Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SPT7610 Datasheet (PDF) - Fairchild Semiconductor

SPT7610 Datasheet PDF - Fairchild Semiconductor
No. de pieza SPT7610
Descarga  SPT7610 Descarga

Tamaño del archivo   97.15 Kbytes
Page   10 Pages
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Descripción Electrónicos 6-BIT, 1 GSPS FLASH A/D CONVERTER

SPT7610 Datasheet (PDF)

Go To PDF Page Descarga Datasheet
SPT7610 Datasheet PDF - Fairchild Semiconductor

No. de pieza SPT7610
Descarga  SPT7610 Click to download

Tamaño del archivo   97.15 Kbytes
Page   10 Pages
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Descripción Electrónicos 6-BIT, 1 GSPS FLASH A/D CONVERTER

SPT7610 Datasheet (HTML) - Fairchild Semiconductor

SPT7610 Datasheet HTML 1Page - Fairchild Semiconductor SPT7610 Datasheet HTML 2Page - Fairchild Semiconductor SPT7610 Datasheet HTML 3Page - Fairchild Semiconductor SPT7610 Datasheet HTML 4Page - Fairchild Semiconductor SPT7610 Datasheet HTML 5Page - Fairchild Semiconductor SPT7610 Datasheet HTML 6Page - Fairchild Semiconductor SPT7610 Datasheet HTML 7Page - Fairchild Semiconductor SPT7610 Datasheet HTML 8Page - Fairchild Semiconductor SPT7610 Datasheet HTML 9Page - Fairchild Semiconductor SPT7610 Datasheet HTML 10Page - Fairchild Semiconductor

SPT7610 Detalles de producto

GENERAL DESCRIPTION
The SPT7610 is a full parallel (flash) analog-to-digital converter capable of digitizing full-scale (0 to –1 V) inputs into six-bit digital words at an update rate of 1 GSPS. The ECL-compatible outputs are demultiplexed into two separate output banks, each with differential data-ready outputs to ease the task of data capture. The SPT7610’s wide input bandwidth and low capacitance eliminate the need for external track-and-hold amplifiers for most applications. A proprietary decoding scheme reduces metastable errors to the 1 LSB level. The SPT7610 operates from a single –5.2 V supply, with a nominal power dissipation of 2.75 W.

FEATURES
• 1:2 demuxed ECL-compatible outputs
• 1.0 GSPS conversion rate
• Wide input bandwidth: 1.4 GHz
• Low input capacitance: 8 pF
• Metastable errors reduced to 1 LSB
• Monolithic construction
• Binary/Two’s complement output

APPLICATIONS
• Radar, EW, ECM
• Direct RF down-conversion
• Microwave modems
• Industrial ultrasound
• Transient capture
• Test and measurement




Número de pieza similar - SPT7610

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cadeka Microcircuits LL...
SPT7610 CADEKA-SPT7610 Datasheet
193Kb / 10P
   6-BIT, 1 GSPS FLASH A/D CONVERTER
SPT7610SIQ CADEKA-SPT7610SIQ Datasheet
193Kb / 10P
   6-BIT, 1 GSPS FLASH A/D CONVERTER
More results


Descripción similar - SPT7610

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cadeka Microcircuits LL...
SPT7610 CADEKA-SPT7610 Datasheet
193Kb / 10P
   6-BIT, 1 GSPS FLASH A/D CONVERTER
logo
List of Unclassifed Man...
SPT7760 ETC-SPT7760 Datasheet
98Kb / 8P
   8-BIT, 1 GSPS FLASH A/D CONVERTER
logo
Cadeka Microcircuits LL...
CDK1303 CADEKA-CDK1303 Datasheet
1Mb / 9P
   8-bit, 1 GSPS, Flash A/D Converter
SPT7760 CADEKA-SPT7760 Datasheet
282Kb / 8P
   8-BIT, 1 GSPS, FLASH A/D CONVERTER
logo
Nippon Precision Circui...
SM6104 NPC-SM6104 Datasheet
199Kb / 7P
   6-BIT FLASH A/D CONVERTER
logo
Intersil Corporation
HA-5701 INTERSIL-HA-5701 Datasheet
202Kb / 12P
   6-Bit, 30MSPS, Flash A/D Converter
logo
Sony Corporation
CXA3086Q SONY-CXA3086Q Datasheet
775Kb / 30P
   6-bit 140MSPS Flash A/D Converter
CXA1866Q SONY-CXA1866Q Datasheet
594Kb / 24P
   6-bit 140MSPS Flash A/D Converter
logo
Renesas Technology Corp
HI-5701 RENESAS-HI-5701 Datasheet
588Kb / 12P
   6-Bit, 30MSPS, Flash A/D Converter
logo
Intersil Corporation
HI-5701 INTERSIL-HI-5701_05 Datasheet
202Kb / 12P
   6-Bit, 30MSPS, Flash A/D Converter
More results




Acerca de Fairchild Semiconductor


Fairchild Semiconductor fue una compañía pionera de semiconductores que se fundó a fines de la década de 1950.
La compañía era conocida por su innovación en el desarrollo del primer transistor comercial y por sus contribuciones al avance de la tecnología de circuito integrado.
Fairchild se convirtió en un proveedor líder de semiconductores de energía, circuitos integrados analógicos y de señal mixta y otros productos de semiconductores.
La compañía fue adquirida por Semiconductor en 2016 y sus productos y tecnologías continúan desarrollándose y vendiendo bajo la marca On Semiconductor.

*Esta información es solo para fines informativos generales, no seremos responsables de ninguna pérdida o daño causado por la información anterior.




Enlace URL



Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com