Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SL1002A230SM Datasheet (PDF) - Littelfuse

SL1002A230SM Datasheet PDF - Littelfuse
No. de pieza SL1002A230SM
Descarga  SL1002A230SM Descarga

Tamaño del archivo   206.53 Kbytes
Page   5 Pages
Fabricante Electrónico  LITTELFUSE [Littelfuse]
Página de inicio  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Descripción Electrónicos Gas Discharge Tube (GDT) Products SL1002A Series

SL1002A230SM Datasheet (PDF)

Go To PDF Page Descarga Datasheet
SL1002A230SM Datasheet PDF - Littelfuse

No. de pieza SL1002A230SM
Descarga  SL1002A230SM Click to download

Tamaño del archivo   206.53 Kbytes
Page   5 Pages
Fabricante Electrónico  LITTELFUSE [Littelfuse]
Página de inicio  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Descripción Electrónicos Gas Discharge Tube (GDT) Products SL1002A Series

SL1002A230SM Datasheet (HTML) - Littelfuse

SL1002A230SM Datasheet HTML 1Page - Littelfuse SL1002A230SM Datasheet HTML 2Page - Littelfuse SL1002A230SM Datasheet HTML 3Page - Littelfuse SL1002A230SM Datasheet HTML 4Page - Littelfuse SL1002A230SM Datasheet HTML 5Page - Littelfuse

SL1002A230SM Detalles de producto

Description
The Broadband Optimized™ SL1002A series has been especially developed for use in broadband equipment. Special design features provide high levels of protection against fast rising transients in the 100V/μs to 1kV/μs range usually caused by lightning disturbances. These devices have ultra low capacitance (typically 1.2pF or less) and present insignificant signal losses up to 1.5GHz. These devices are extremely robust and are able to divert a 5000A pulse without destruction. For AC Power Cross of long duration, overcurrent protection is recommended.

Features
• RoHS compliant/Lead free
• Ultra low insertion loss
• Surface mountable
• 5kA surge capability
   tested with 8/20μS–Pulse as defined by IEC 61000-4-5
• Excellent response to
   fast rising transients
• Can be used to meet
   Telcordia GR1089 without series resistance
• 10/700 6kV capability,
   as per ITU-T Rec. K.21, enhanced test level
• 2000 A 2/10μs surge rating
• Meet FCC part 68
   10/160μs waveform, 200A test
   and 10/560μs waveform 100A test
• Halogen-free

Applications
• Broadband equipment
• ADSL equipment
• XDSL equipment
• Satellite and CATV equipment
• General telecom equipment




Número de pieza similar - SL1002A230SM

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Littelfuse
SL1002A230 LITTELFUSE-SL1002A230 Datasheet
217Kb / 3P
   Gas Discharge Tubes - High Performance Beta Range
SL1002A230 LITTELFUSE-SL1002A230 Datasheet
206Kb / 2P
   Greentube??SL1002A Series Gas Plasma Arrester
SL1002A230 LITTELFUSE-SL1002A230 Datasheet
206Kb / 5P
   Gas Discharge Tube (GDT) Products
More results


Descripción similar - SL1002A230SM

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Littelfuse
SL1002A075SM LITTELFUSE-SL1002A075SM Datasheet
206Kb / 5P
   Gas Discharge Tube (GDT) Products SL1002A Series
SL1002A090SM LITTELFUSE-SL1002A090SM Datasheet
206Kb / 5P
   Gas Discharge Tube (GDT) Products SL1002A Series
SG75 LITTELFUSE-SG75 Datasheet
652Kb / 3P
   Gas Discharge Tube (GDT) Products
SL1021B400R LITTELFUSE-SL1021B400R Datasheet
185Kb / 5P
   Gas Discharge Tube (GDT) Products
SL1011A230A LITTELFUSE-SL1011A230A Datasheet
420Kb / 6P
   Gas Discharge Tube (GDT) Products
SL1002A350SM LITTELFUSE-SL1002A350SM Datasheet
212Kb / 5P
   Gas Discharge Tube (GDT) Products
CG2230L LITTELFUSE-CG2230L Datasheet
780Kb / 6P
   Gas Discharge Tube (GDT) Products
SG350Q LITTELFUSE-SG350Q Datasheet
750Kb / 4P
   Gas Discharge Tube (GDT) Products
CG75L LITTELFUSE-CG75L Datasheet
780Kb / 6P
   Gas Discharge Tube (GDT) Products
SL0902A090SM LITTELFUSE-SL0902A090SM Datasheet
1Mb / 5P
   Gas Discharge Tube (GDT) Products
More results




Acerca de Littelfuse


Littelfuse es una empresa estadounidense que se especializa en el diseño y fabricación de productos de protección y control de circuitos.
La compañía fue fundada en 1927 y tiene su sede en Chicago, Illinois.
Littelfuse proporciona una amplia gama de productos que incluyen fusibles, dispositivos de protección y control, y productos poliméricos.
Los productos de la compañía se utilizan en diversas aplicaciones, como la electrónica automotriz, industrial y de consumo.
Littelfuse es conocido por su experiencia en tecnología de protección y control de circuitos y su capacidad para ofrecer productos confiables y de alta calidad a sus clientes.
La compañía tiene operaciones e instalaciones en varios países de todo el mundo y trabaja en estrecha colaboración con sus clientes para proporcionar soluciones personalizadas que satisfagan sus requisitos y necesidades específicas.
Además de su negocio principal, Littelfuse también proporciona soluciones para los mercados de centros de energía y energía renovable.

*Esta información es solo para fines informativos generales, no seremos responsables de ninguna pérdida o daño causado por la información anterior.




Enlace URL



Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com