Fabricante Electrónico | No. de pieza | Datasheet | Descripción Electrónicos |
PHOENIX CONTACT |
1424713
|
81Kb / 3P |
Safe use in the field, thanks to a high degree of protection
|
TP-5120S
|
58Kb / 3P |
IP65 degree of protection (front) IP20 degree of protection (back)
|
TP-5150S
|
57Kb / 3P |
IP65 degree of protection (front) IP20 degree of protection (back)
|
2701338
|
79Kb / 8P |
IP65 degree of protection (front) IP20 degree of protection (back)
|
Littelfuse |
16R
|
781Kb / 6P |
Littelfuse 16R Series Radial Leaded PTCs are designed to provide resettable overcurrent protection serving a wide range of electronics applications
|
Panasonic Semiconductor |
AHF21
|
92Kb / 3P |
SMALL, HIGHLY RELIABLE TIP SENSOR CONTAINING A PHOTO SENSOR
|
Megawin Technology Co.,... |
MG65P701A
|
1Mb / 42P |
Build-in a over current protection circuit
|
ABLE Power Products |
AP5P277
|
305Kb / 1P |
Surge Protection for Protection of LED Drivers and Controls
2/16/2023 |
Littelfuse |
SPUSB1
|
97Kb / 3P |
The Littelfuse SPUSB1 Series is a multifunctional USB port protection
|
SP1026
|
2Mb / 5P |
Zener diodes fabricated in a proprietary silicon avalanche technology protect each I/O pin to provide a high level of protection for electronic equipment that may experience
|