Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CXA3238TN Datasheet (PDF) - Sony Corporation

CXA3238TN Datasheet PDF - Sony Corporation
No. de pieza CXA3238TN
Descarga  CXA3238TN Descarga

Tamaño del archivo   333.68 Kbytes
Page   27 Pages
Fabricante Electrónico  SONY [Sony Corporation]
Página de inicio  http://www.sony.co.jp
Logo SONY - Sony Corporation
Descripción Electrónicos 6/4-channel Read/Write Amplifier for GMR-Ind Head Hard Disk Drive

CXA3238TN Datasheet (PDF)

Go To PDF Page Descarga Datasheet
CXA3238TN Datasheet PDF - Sony Corporation

No. de pieza CXA3238TN
Descarga  CXA3238TN Click to download

Tamaño del archivo   333.68 Kbytes
Page   27 Pages
Fabricante Electrónico  SONY [Sony Corporation]
Página de inicio  http://www.sony.co.jp
Logo SONY - Sony Corporation
Descripción Electrónicos 6/4-channel Read/Write Amplifier for GMR-Ind Head Hard Disk Drive

CXA3238TN Datasheet (HTML) - Sony Corporation

Back Button CXA3238TN Datasheet HTML 1Page - Sony Corporation CXA3238TN Datasheet HTML 2Page - Sony Corporation CXA3238TN Datasheet HTML 3Page - Sony Corporation CXA3238TN Datasheet HTML 4Page - Sony Corporation CXA3238TN Datasheet HTML 5Page - Sony Corporation CXA3238TN Datasheet HTML 6Page - Sony Corporation CXA3238TN Datasheet HTML 7Page - Sony Corporation CXA3238TN Datasheet HTML 8Page - Sony Corporation CXA3238TN Datasheet HTML 9Page - Sony Corporation CXA3238TN Datasheet HTML 10Page - Sony Corporation Next Button 

CXA3238TN Detalles de producto

Description
The CXA3238TN/CXA3239TN is a Read/Write amplifier for GMR-Ind (Giant Magneto Resistive Inductive) heads used in hard disk drives, and is capable of supporting up to six channels.

Features
• +5 V and –3 V power supply.
• Current bias voltage sense type.
• Drives up to six heads (CXA3238TN)
• Drives up to four heads (CXA3239TN)
• Low power 180 mW at Read
• Differential read amplifier gain ; ×140/190 (RMR=50 Ω)
• Input noise of 0.77 nV/ √ Hz (typ.), RMR=50 Ω, IB=6.0 mA.
• Recovery time write to read ; 300 nsec. (typ.)
• Write data is triggered by differential P-ECL signal.
• Servo bank write. (All channels)
• Write unsafe detection circuit.
• Serial port …
    Head selection
    MR bias
    Write current

Applications
    Hard disk drives with GMR-Ind heads.




Número de pieza similar - CXA3238TN

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sony Corporation
CXA3235 SONY-CXA3235 Datasheet
313Kb / 23P
   All Band TV Tuner IC with On-chip PLL
CXA3236N SONY-CXA3236N Datasheet
313Kb / 23P
   All Band TV Tuner IC with On-chip PLL
More results


Descripción similar - CXA3238TN

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sony Corporation
CXA3541N SONY-CXA3541N Datasheet
190Kb / 17P
   2-channel Read/Write Amplifier for GMR-Ind Head Hard Disk Drive
CXA1940N SONY-CXA1940N Datasheet
225Kb / 16P
   4ch. Read/Write Amplifier for Thin Film Head of Hard Disk Drive
CXA3170AN SONY-CXA3170AN Datasheet
232Kb / 18P
   6ch. Read/Write Amplifier for Thin Film Head of Hard Disk Drive
logo
Hitachi Semiconductor
HA166024FP HITACHI-HA166024FP Datasheet
150Kb / 6P
   Read/Write IC for Hard Disk Drive
logo
Sony Corporation
CXA3090N SONY-CXA3090N Datasheet
223Kb / 17P
   6ch. Read/Write Amplifier for Thin Film Head of Hard Disk Drive
CXA3092N SONY-CXA3092N Datasheet
192Kb / 18P
   4ch. Read/Write Amplifier for Thin Film Head of Hard Disk Drive
CXA3188N SONY-CXA3188N Datasheet
209Kb / 16P
   2ch. Read/Write Amplifier for Thin Film Head of Hard Disk Drive
CXA3510N SONY-CXA3510N Datasheet
205Kb / 18P
   4ch. Read/Write Amplifier for Thin Film Head of Hard Disk Drive
CXA3171N SONY-CXA3171N Datasheet
230Kb / 18P
   4ch. Read/Write Amplifier for three terminal MIG Head of Hard Disk Drive
logo
Motorola, Inc
MC34250 MOTOROLA-MC34250 Datasheet
145Kb / 4P
   HARD DISK DRIVE READ CHANNEL
More results



Enlace URL



Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com