Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CXA3171N Datasheet (PDF) - Sony Corporation

CXA3171N Datasheet PDF - Sony Corporation
No. de pieza CXA3171N
Descarga  CXA3171N Descarga

Tamaño del archivo   230.45 Kbytes
Page   18 Pages
Fabricante Electrónico  SONY [Sony Corporation]
Página de inicio  http://www.sony.co.jp
Logo SONY - Sony Corporation
Descripción Electrónicos 4ch. Read/Write Amplifier for three terminal MIG Head of Hard Disk Drive

CXA3171N Datasheet (PDF)

Go To PDF Page Descarga Datasheet
CXA3171N Datasheet PDF - Sony Corporation

No. de pieza CXA3171N
Descarga  CXA3171N Click to download

Tamaño del archivo   230.45 Kbytes
Page   18 Pages
Fabricante Electrónico  SONY [Sony Corporation]
Página de inicio  http://www.sony.co.jp
Logo SONY - Sony Corporation
Descripción Electrónicos 4ch. Read/Write Amplifier for three terminal MIG Head of Hard Disk Drive

CXA3171N Datasheet (HTML) - Sony Corporation

Back Button CXA3171N Datasheet HTML 1Page - Sony Corporation CXA3171N Datasheet HTML 2Page - Sony Corporation CXA3171N Datasheet HTML 3Page - Sony Corporation CXA3171N Datasheet HTML 4Page - Sony Corporation CXA3171N Datasheet HTML 5Page - Sony Corporation CXA3171N Datasheet HTML 6Page - Sony Corporation CXA3171N Datasheet HTML 7Page - Sony Corporation CXA3171N Datasheet HTML 8Page - Sony Corporation CXA3171N Datasheet HTML 9Page - Sony Corporation CXA3171N Datasheet HTML 10Page - Sony Corporation Next Button 

CXA3171N Detalles de producto

Description
The CXA3171N is a Read/Write Amplifier for the special three terminal MIG head of hard disk drive and designed to handle up to 4 channel heads.

Features
• Operate on single +5 V power supply
• Low power consumption
    Read : 95 mW
    Write : 115 mW + IW × 5
• Designed for special three terminal MIG heads
• Read amplifier emitter follower output featuring 420 times gain (typ).
• Differential input capacitance for Read : 6.7 pF (typ)
• Input noise : 0.46nV / √ Hz (typ)
• Differential Head voltage swing : 9 Vp-p (typ)
• Differential P-ECL write data input
• Built-in write unsafe detection circuit.
• Built-in Servo write function (2/4 ch).
• Built-in IC protection circuit for short of head and GND.
• Read data outputs are high impedance in write mode.
• Built-in supply voltage monitor circuit prohibits incorrect write during power on or abnormal voltage.
• Self switching damping resistance (RD=420 Ω).

Function
    Read, Write and Write unsafe detection for HDD, power supply ON/OFF detection.




Número de pieza similar - CXA3171N

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sony Corporation
CXA3170AN SONY-CXA3170AN Datasheet
232Kb / 18P
   6ch. Read/Write Amplifier for Thin Film Head of Hard Disk Drive
CXA3174N SONY-CXA3174N Datasheet
158Kb / 10P
   AGC IF for GSM/PCS
CXA3176N SONY-CXA3176N Datasheet
317Kb / 21P
   IF Amplifier for FM Receiver (AFC Supported)
CXA3176N SONY-CXA3176N Datasheet
27Kb / 2P
   Achieving Low Power and High Speed in Paging System IF IC
CXA3179N SONY-CXA3179N Datasheet
374Kb / 27P
   IF Amplifier for M-ary FSK Pagers (AFC Supported)
More results


Descripción similar - CXA3171N

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sony Corporation
CXA1940N SONY-CXA1940N Datasheet
225Kb / 16P
   4ch. Read/Write Amplifier for Thin Film Head of Hard Disk Drive
CXA3092N SONY-CXA3092N Datasheet
192Kb / 18P
   4ch. Read/Write Amplifier for Thin Film Head of Hard Disk Drive
CXA3510N SONY-CXA3510N Datasheet
205Kb / 18P
   4ch. Read/Write Amplifier for Thin Film Head of Hard Disk Drive
CXA3170AN SONY-CXA3170AN Datasheet
232Kb / 18P
   6ch. Read/Write Amplifier for Thin Film Head of Hard Disk Drive
CXA3090N SONY-CXA3090N Datasheet
223Kb / 17P
   6ch. Read/Write Amplifier for Thin Film Head of Hard Disk Drive
CXA3188N SONY-CXA3188N Datasheet
209Kb / 16P
   2ch. Read/Write Amplifier for Thin Film Head of Hard Disk Drive
CXA3541N SONY-CXA3541N Datasheet
190Kb / 17P
   2-channel Read/Write Amplifier for GMR-Ind Head Hard Disk Drive
logo
Hitachi Semiconductor
HA166024FP HITACHI-HA166024FP Datasheet
150Kb / 6P
   Read/Write IC for Hard Disk Drive
logo
Sony Corporation
CXA1829N SONY-CXA1829N Datasheet
264Kb / 15P
   8ch. Read/Write Amplifier for Thin Film Heads of Hard Disk Drive
CXA3238TN SONY-CXA3238TN Datasheet
333Kb / 27P
   6/4-channel Read/Write Amplifier for GMR-Ind Head Hard Disk Drive
More results



Enlace URL



Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com