Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

P4SMAJ33-LFR Datasheet (PDF) - Frontier Electronics.

P4SMAJ33-LFR Datasheet PDF - Frontier Electronics.
No. de pieza P4SMAJ33-LFR
Descarga  P4SMAJ33-LFR Descarga

Tamaño del archivo   136.24 Kbytes
Page   5 Pages
Fabricante Electrónico  FRONTIER [Frontier Electronics.]
Página de inicio  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.
Descripción Electrónicos 400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR

P4SMAJ33-LFR Datasheet (PDF)

Go To PDF Page Descarga Datasheet
P4SMAJ33-LFR Datasheet PDF - Frontier Electronics.

No. de pieza P4SMAJ33-LFR
Descarga  P4SMAJ33-LFR Click to download

Tamaño del archivo   136.24 Kbytes
Page   5 Pages
Fabricante Electrónico  FRONTIER [Frontier Electronics.]
Página de inicio  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.
Descripción Electrónicos 400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR

P4SMAJ33-LFR Datasheet (HTML) - Frontier Electronics.

P4SMAJ33-LFR Datasheet HTML 1Page - Frontier Electronics. P4SMAJ33-LFR Datasheet HTML 2Page - Frontier Electronics. P4SMAJ33-LFR Datasheet HTML 3Page - Frontier Electronics. P4SMAJ33-LFR Datasheet HTML 4Page - Frontier Electronics. P4SMAJ33-LFR Datasheet HTML 5Page - Frontier Electronics.

P4SMAJ33-LFR Detalles de producto

FEATURES

OPTIMIZED FOR LAN PROTECTION APPLICATION

IDEAL FOR ESD PROTECTION OF DATA LINES IN ACCORDANCE WITH IEC 1000-4-2(IEC801-2)

IDEAL FOR EFT PROTECTION OF DATA LINE IN ACCORDANCE WITH IEC 1000-4-4(IEC801-4)

EXCELLENT CLAMPING CAPABILITY

LOW INCREMENTAL SURGE RESISTANCE

FAST RESPONSE TIME: TYPICALLY LESS THAN 1.0 ps FROM 0 VOLTS TO V(BR) MIN

400 W PEAK PULSE POWER CAPABILITY WITH A 10/1000 μS WAVEFORM , REPETITION RATE (DUTY CYCLE): 0.01%

TYPICAL ID LESS THAN 1μA ABOVE 10V

HIGH TEMPERATURE SOLDERING GUARANTEED: 250°C /10 SECONDS AT TERMINAL

ROHS



MECHANICAL DATA

CASE: MOLDED PLASTIC, DO-214AC (SMA), DIMENSIONS IN INCHES AND (MILLIMETERS)

TERMINALS: SOLDER PLATED

POLARITY: INDICATED BY CATHODE BAND

WEIGHT: 0.064 GRAMS




Número de pieza similar - P4SMAJ33-LFR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
SUNMATE electronic Co.,...
P4SMAJ33 SUNMATE-P4SMAJ33 Datasheet
727Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
logo
Pan Jit International I...
P4SMAJ33 PANJIT-P4SMAJ33 Datasheet
95Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 5.0 to 220 Volts 400 Watt Peak Power Pulse)
logo
Shanghai Lunsure Electr...
P4SMAJ33 CHENYI-P4SMAJ33 Datasheet
422Kb / 6P
   400Watt transient voltage suppressors 5.0to170 volts
logo
SUNMATE electronic Co.,...
P4SMAJ33 SUNMATE-P4SMAJ33 Datasheet
727Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
P4SMAJ33 SUNMATE-P4SMAJ33 Datasheet
727Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
More results


Descripción similar - P4SMAJ33-LFR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Diodes Incorporated
SMAJ18A-13 DIODES-SMAJ18A-13 Datasheet
118Kb / 5P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMAJ10A-13 DIODES-SMAJ10A-13 Datasheet
118Kb / 5P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
P4SMAJ5.0ADF DIODES-P4SMAJ5.0ADF Datasheet
426Kb / 6P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMAJ50CA DIODES-SMAJ50CA_1 Datasheet
81Kb / 4P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
DS19005 Rev. 13 - 2
logo
Won-Top Electronics
P4SMAJ WTE-P4SMAJ_06 Datasheet
81Kb / 6P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
TAITRON Components Inco...
SMAJ5 TAITRON-SMAJ5 Datasheet
160Kb / 6P
   400W Surface Mount Transient Voltage Suppressor
logo
Frontier Electronics.
P4SMAJ5.0 FRONTIER-P4SMAJ5.0 Datasheet
135Kb / 4P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diodes Incorporated
SM2615 DIODES-SM2615 Datasheet
146Kb / 5P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Won-Top Electronics
P4SMAJ180 WTE-P4SMAJ180 Datasheet
69Kb / 5P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diodes Incorporated
PSMAJ400A DIODES-PSMAJ400A Datasheet
114Kb / 4P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Rev. 3 - 2 November 2012
SMAJ8.5CA DIODES-SMAJ8.5CA Datasheet
79Kb / 4P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
DS19005 Rev. 10 - 2
More results



Enlace URL



Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com