Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LL4003G Datasheet (PDF) - Shenzhen Luguang Electronic Technology Co., Ltd

LL4003G Datasheet PDF - Shenzhen Luguang Electronic Technology Co., Ltd
No. de pieza LL4003G
Descarga  LL4003G Descarga

Tamaño del archivo   208.22 Kbytes
Page   2 Pages
Fabricante Electrónico  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Página de inicio  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd
Descripción Electrónicos 1.0AMP. Surface Mount Glass Plassivated Silicon Rectifiers

LL4003G Datasheet (PDF)

Go To PDF Page Descarga Datasheet
LL4003G Datasheet PDF - Shenzhen Luguang Electronic Technology Co., Ltd

No. de pieza LL4003G
Descarga  LL4003G Click to download

Tamaño del archivo   208.22 Kbytes
Page   2 Pages
Fabricante Electrónico  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Página de inicio  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd
Descripción Electrónicos 1.0AMP. Surface Mount Glass Plassivated Silicon Rectifiers

LL4003G Datasheet (HTML) - Shenzhen Luguang Electronic Technology Co., Ltd

LL4003G Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd LL4003G Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd

LL4003G Detalles de producto

Features

Plastic package has carries underwriters

  Laboratory flammability classification 94V-0

Surge overload rating to 30 Ampers peak

Ideal for printed circuit board.

Reliable low cost construction utilizing molded plastic technique results in in-expensive product.

High temperature soldering guaranteed: 260℃ / 10 seconds at terminals.



Mechanical Data

Mounting position: Any

Weight: 0.12 gram




Número de pieza similar - LL4003G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
LL4003G ETC-LL4003G Datasheet
52Kb / 2P
   1.0 AMP Surface Mount Glass Passivated Silicon Rectifiers
logo
Taiwan Semiconductor Co...
LL4003G TSC-LL4003G Datasheet
78Kb / 2P
   1.0 AMP Surface Mount Glass Passivated Silicon Rectifiers
logo
SEMTECH ELECTRONICS LTD...
LL4003G SEMTECH_ELEC-LL4003G Datasheet
409Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED SILICON RECTIFIERS
logo
RFE international
LL4003G RFE-LL4003G Datasheet
123Kb / 1P
   SURFACE MOUNT: General Purpose, Fast Recovery, & Super Fast Recovery
logo
Taiwan Semiconductor Co...
LL4003G TSC-LL4003G Datasheet
221Kb / 4P
   Surface Mount Glass Plassivated Silicon Rectifiers
More results


Descripción similar - LL4003G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Taiwan Semiconductor Co...
LL4001G TSC-LL4001G_1 Datasheet
239Kb / 2P
   1.0AMP Surface Mount Glass Plassivated Silicon Rectifiers
logo
Shenzhen Luguang Electr...
LL4933G LUGUANG-LL4933G Datasheet
218Kb / 2P
   1.0AMP. Surface Mount Glass Plassivated Silicon Rectifiers
logo
Taiwan Semiconductor Co...
LL4001G TSC-LL4001G_15 Datasheet
221Kb / 4P
   Surface Mount Glass Plassivated Silicon Rectifiers
LL4933G TSC-LL4933G_1 Datasheet
260Kb / 2P
   1.0AMP Surface Mount Glass Passivated Silicon Rectifiers
logo
Chongqing Pingwei Enter...
S1AF CHONGQING-S1AF_16 Datasheet
177Kb / 1P
   1.0AMP. GLASS PASSIVATED SURFACE MOUNT RECTIFIERS
logo
SeCoS Halbleitertechnol...
SM4001B SECOS-SM4001B Datasheet
191Kb / 2P
   1.0Amp Surface Mount Silicon Rectifiers
SM4001A SECOS-SM4001A_15 Datasheet
379Kb / 2P
   1.0Amp Surface Mount Silicon Rectifiers
SM4001B SECOS-SM4001B_15 Datasheet
191Kb / 2P
   1.0Amp Surface Mount Silicon Rectifiers
logo
Cystech Electonics Corp...
CSMA400XSA CYSTEKEC-CSMA400XSA Datasheet
125Kb / 3P
   1.0Amp. Surface Mount Glass Passivated Type Rectifiers
logo
DIYI Electronic Technol...
UF1A DYELEC-UF1A Datasheet
1Mb / 2P
   1.0AMP SURFACE MOUNT GLASS ULTRA FAST RECTIFIERS
More results



Enlace URL



Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com