Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MCM67C518 Datasheet (PDF) - Motorola, Inc

MCM67C518 Datasheet PDF - Motorola, Inc
No. de pieza MCM67C518
Descarga  MCM67C518 Descarga

Tamaño del archivo   214.42 Kbytes
Page   12 Pages
Fabricante Electrónico  MOTOROLA [Motorola, Inc]
Página de inicio  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Descripción Electrónicos 32K x 18 Bit BurstRAM Synchronous Fast Static RAM

MCM67C518 Datasheet (PDF)

Go To PDF Page Descarga Datasheet
MCM67C518 Datasheet PDF - Motorola, Inc

No. de pieza MCM67C518
Descarga  MCM67C518 Click to download

Tamaño del archivo   214.42 Kbytes
Page   12 Pages
Fabricante Electrónico  MOTOROLA [Motorola, Inc]
Página de inicio  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Descripción Electrónicos 32K x 18 Bit BurstRAM Synchronous Fast Static RAM

MCM67C518 Datasheet (HTML) - Motorola, Inc

Back Button MCM67C518 Datasheet HTML 1Page - Motorola, Inc MCM67C518 Datasheet HTML 2Page - Motorola, Inc MCM67C518 Datasheet HTML 3Page - Motorola, Inc MCM67C518 Datasheet HTML 4Page - Motorola, Inc MCM67C518 Datasheet HTML 5Page - Motorola, Inc MCM67C518 Datasheet HTML 6Page - Motorola, Inc MCM67C518 Datasheet HTML 7Page - Motorola, Inc MCM67C518 Datasheet HTML 8Page - Motorola, Inc MCM67C518 Datasheet HTML 9Page - Motorola, Inc MCM67C518 Datasheet HTML 10Page - Motorola, Inc Next Button 

MCM67C518 Detalles de producto

The MCM67C518 is a 589,824 bit synchronous static random access memory designed to provide a burstable, high–performance, secondary cache for the i486™ and Pentium™ microprocessors. It is organized as 32,768 words of 18 bits, fabricated with Motorola’s high–performance silicon–gate BiCMOS technology.
This device is ideally suited for systems that require wide data bus widths and cache memory. See Figure 2 for applications information.

• Single 5 V ± 5% Power Supply
• Fast Access Time/Fast Cycle Time = 6 ns/100 MHz, 7 ns/80 MHz, 9 ns/66 MHz
• Byte Writeable via Dual Write Enables
• Internal Input Registers (Address, Data, Control)
• Output Registers for Pipelined Applications
• Internally Self–Timed Write Cycle
• ADSP, ADSC, and ADV Burst Control Pins
• Asynchronous Output Enable Controlled Three–State Outputs
• Common Data Inputs and Data Outputs
• 3.3 V I/O Compatible
• High Board Density 52–Lead PLCC Package




Número de pieza similar - MCM67C518

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Motorola, Inc
MCM67C618 MOTOROLA-MCM67C618 Datasheet
228Kb / 12P
   64K x 18 Bit BurstRAM Synchronous Fast Static RAM
MCM67C618A MOTOROLA-MCM67C618A Datasheet
158Kb / 12P
   64K x 18 Bit BurstRAM Synchronous Fast Static RAM
MCM67C618AFN5 MOTOROLA-MCM67C618AFN5 Datasheet
158Kb / 12P
   64K x 18 Bit BurstRAM Synchronous Fast Static RAM
MCM67C618AFN7 MOTOROLA-MCM67C618AFN7 Datasheet
158Kb / 12P
   64K x 18 Bit BurstRAM Synchronous Fast Static RAM
MCM67C618B MOTOROLA-MCM67C618B Datasheet
201Kb / 12P
   64K x 18 Bit BurstRAM Synchronous Fast Static RAM
More results


Descripción similar - MCM67C518

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Motorola, Inc
MCM67M518 MOTOROLA-MCM67M518 Datasheet
205Kb / 12P
   32K x 18 Bit BurstRAM Synchronous Fast Static RAM
MCM67B518 MOTOROLA-MCM67B518 Datasheet
206Kb / 12P
   32K x 18 Bit BurstRAM Synchronous Fast Static RAM
MCM67H518 MOTOROLA-MCM67H518 Datasheet
208Kb / 12P
   32K x 18 Bit BurstRAM Synchronous Fast Static RAM
MCM67J518 MOTOROLA-MCM67J518 Datasheet
218Kb / 12P
   32K x 18 Bit BurstRAM Synchronous Fast Static RA
MCM62486B MOTOROLA-MCM62486B Datasheet
197Kb / 12P
   32K x 9 Bit BurstRAM Synchronous Static RAM
MCM67M618A MOTOROLA-MCM67M618A Datasheet
206Kb / 12P
   64K x 18 Bit BurstRAM Synchronous Fast Static RAM
MCM67C618 MOTOROLA-MCM67C618 Datasheet
228Kb / 12P
   64K x 18 Bit BurstRAM Synchronous Fast Static RAM
MCM67H618A MOTOROLA-MCM67H618A Datasheet
208Kb / 12P
   64K x 18 Bit BurstRAM Synchronous Fast Static RAM
MCM67C618B MOTOROLA-MCM67C618B Datasheet
201Kb / 12P
   64K x 18 Bit BurstRAM Synchronous Fast Static RAM
MCM63P531 MOTOROLA-MCM63P531 Datasheet
334Kb / 16P
   32K x 32 Bit Pipelined BurstRAM Synchronous Fast Static RAM
More results




Acerca de Motorola, Inc


Motorola, Inc. era una compañía de telecomunicaciones multinacional estadounidense que fue fundada en 1928. Tenía su sede en Schaumburg, Illinois y fue uno de los mayores proveedores de teléfonos móviles, equipos de telecomunicaciones y semiconductores. A lo largo de su historia, Motorola fue conocida por su innovación en el campo de las telecomunicaciones, incluido el desarrollo del primer teléfono celular disponible comercialmente, el Dynatac y el primer buscapersonas de dos vías del mundo, el Pageboy.

En 2011, Motorola se dividió en dos compañías separadas: Motorola Mobility y Motorola Solutions. Google luego adquirió la movilidad de Motorola en Google en 2012, y ahora es una subsidiaria de Lenovo. Motorola Solutions se centra en la seguridad pública y las soluciones de comunicación comercial e industrial. La compañía proporciona una amplia gama de productos que incluyen radios bidireccionales, dispositivos de computación móvil y equipos de infraestructura de red.

Motorola fue uno de los pioneros de la industria de los teléfonos móviles y tiene una rica historia de innovación y avances tecnológicos. El legado de la compañía continúa a través de sus subsidiarias y sus tecnología y productos continúan utilizándose en todo el mundo.

*Esta información es solo para fines informativos generales, no seremos responsables de ninguna pérdida o daño causado por la información anterior.




Enlace URL



Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com