Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

HYM321000S Datasheet (PDF) - Siemens Semiconductor Group

HYM321000S Datasheet PDF - Siemens Semiconductor Group
No. de pieza HYM321000S
Descarga  HYM321000S Descarga

Tamaño del archivo   80.36 Kbytes
Page   10 Pages
Fabricante Electrónico  SIEMENS [Siemens Semiconductor Group]
Página de inicio  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Descripción Electrónicos 1M x 32-Bit Dynamic RAM Module 2M x 16-Bit Dynamic RAM Module

HYM321000S Datasheet (PDF)

Go To PDF Page Descarga Datasheet
HYM321000S Datasheet PDF - Siemens Semiconductor Group

No. de pieza HYM321000S
Descarga  HYM321000S Click to download

Tamaño del archivo   80.36 Kbytes
Page   10 Pages
Fabricante Electrónico  SIEMENS [Siemens Semiconductor Group]
Página de inicio  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Descripción Electrónicos 1M x 32-Bit Dynamic RAM Module 2M x 16-Bit Dynamic RAM Module

HYM321000S Datasheet (HTML) - Siemens Semiconductor Group

HYM321000S Datasheet HTML 1Page - Siemens Semiconductor Group HYM321000S Datasheet HTML 2Page - Siemens Semiconductor Group HYM321000S Datasheet HTML 3Page - Siemens Semiconductor Group HYM321000S Datasheet HTML 4Page - Siemens Semiconductor Group HYM321000S Datasheet HTML 5Page - Siemens Semiconductor Group HYM321000S Datasheet HTML 6Page - Siemens Semiconductor Group HYM321000S Datasheet HTML 7Page - Siemens Semiconductor Group HYM321000S Datasheet HTML 8Page - Siemens Semiconductor Group HYM321000S Datasheet HTML 9Page - Siemens Semiconductor Group HYM321000S Datasheet HTML 10Page - Siemens Semiconductor Group

HYM321000S Detalles de producto

The HYM 321000S/GS-50/-60 is a 4 MByte DRAM module organized as 1 048 576 words by 32- bit in a 72-pin single-in-line package comprising two HYB 5118160BSJ 1M × 16 DRAMs in 400 mil wide SOJ-packages mounted together with two 0.2 µF ceramic decoupling capacitors on a PC board.

Advanced Information
• 1 048 576 words by 32-bit organization (alternative 2 097 152 words by 16-bit)
• Fast access and cycle time 50 ns access time 90 ns cycle time (-50 version) 60 ns access time 110 ns cycle time (-60 version)
• Fast page mode capability with 35 ns cycle time (-50 version) 40 ns cycle time (-60 version)
• Single + 5 V (± 10 %) supply
• Low power dissipation max 2200 mW active (-50 version) max. 1980 mW active (-60 version) CMOS – 11 mW standby TTL – 22 mW standby
• CAS-before-RAS refresh, RAS-only-refresh, Hidden refresh
• 2 decoupling capacitors mounted on substrate
• All inputs, outputs and clock fully TTL compatible
• 72 pin Single in-Line Memory Module
• Utilizes two 1M × 16 -DRAMs in SOJ-42 packages
• 1024 refresh cycles/16 ms
• Optimized for use in byte-write non-parity applications
• Tin-Lead contact pads HYM 321000S
• Gold-Lead contact pads HYM 321000GS
• single sided module with 20.32 mm (800 mil) height




Número de pieza similar - HYM321000S

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Siemens Semiconductor G...
HYM321005GS-50 SIEMENS-HYM321005GS-50 Datasheet
83Kb / 10P
   1M x 32-Bit Dynamic RAM Module
HYM321005GS-60 SIEMENS-HYM321005GS-60 Datasheet
83Kb / 10P
   1M x 32-Bit Dynamic RAM Module
HYM321005S SIEMENS-HYM321005S Datasheet
83Kb / 10P
   1M x 32-Bit Dynamic RAM Module
HYM321005S-50 SIEMENS-HYM321005S-50 Datasheet
83Kb / 10P
   1M x 32-Bit Dynamic RAM Module
HYM321005S-60 SIEMENS-HYM321005S-60 Datasheet
83Kb / 10P
   1M x 32-Bit Dynamic RAM Module
More results


Descripción similar - HYM321000S

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Siemens Semiconductor G...
HYM361120 SIEMENS-HYM361120 Datasheet
136Kb / 9P
   1M x 36-Bit Dynamic RAM Module (2M x 18-Bit Dynamic RAM Module)
HYM321160S SIEMENS-HYM321160S Datasheet
126Kb / 9P
   1M x 32-Bit Dynamic RAM Module
HYM322030S SIEMENS-HYM322030S Datasheet
113Kb / 9P
   2M x 32-Bit Dynamic RAM Module
HYM322005S SIEMENS-HYM322005S Datasheet
85Kb / 10P
   2M x 32-Bit Dynamic RAM Module
HYM322035S SIEMENS-HYM322035S Datasheet
79Kb / 10P
   2M x 32-Bit Dynamic RAM Module
HYM322160S SIEMENS-HYM322160S Datasheet
142Kb / 9P
   2M x 32-Bit Dynamic RAM Module
HYM321005S SIEMENS-HYM321005S Datasheet
83Kb / 10P
   1M x 32-Bit Dynamic RAM Module
HYM322030S-GS50 SIEMENS-HYM322030S-GS50 Datasheet
78Kb / 10P
   2M x 32-Bit Dynamic RAM Module
HYM641010GS-60- SIEMENS-HYM641010GS-60- Datasheet
82Kb / 11P
   1M x 64-Bit Dynamic RAM Module
HYM721000GS-60- SIEMENS-HYM721000GS-60- Datasheet
83Kb / 11P
   1M x 72-Bit Dynamic RAM Module
More results



Enlace URL



Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com