Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LV4993M Datasheet (PDF) - Sanyo Semicon Device

LV4993M Datasheet PDF - Sanyo Semicon Device
No. de pieza LV4993M
Descarga  LV4993M Descarga

Tamaño del archivo   524.22 Kbytes
Page   13 Pages
Fabricante Electrónico  SANYO [Sanyo Semicon Device]
Página de inicio  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Descripción Electrónicos For Portable Audio Equipment Monaural BTL Power Amplifier

LV4993M Datasheet (PDF)

Go To PDF Page Descarga Datasheet
LV4993M Datasheet PDF - Sanyo Semicon Device

No. de pieza LV4993M
Descarga  LV4993M Click to download

Tamaño del archivo   524.22 Kbytes
Page   13 Pages
Fabricante Electrónico  SANYO [Sanyo Semicon Device]
Página de inicio  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Descripción Electrónicos For Portable Audio Equipment Monaural BTL Power Amplifier

LV4993M Datasheet (HTML) - Sanyo Semicon Device

Back Button LV4993M Datasheet HTML 1Page - Sanyo Semicon Device LV4993M Datasheet HTML 2Page - Sanyo Semicon Device LV4993M Datasheet HTML 3Page - Sanyo Semicon Device LV4993M Datasheet HTML 4Page - Sanyo Semicon Device LV4993M Datasheet HTML 5Page - Sanyo Semicon Device LV4993M Datasheet HTML 6Page - Sanyo Semicon Device LV4993M Datasheet HTML 7Page - Sanyo Semicon Device LV4993M Datasheet HTML 8Page - Sanyo Semicon Device LV4993M Datasheet HTML 9Page - Sanyo Semicon Device LV4993M Datasheet HTML 10Page - Sanyo Semicon Device Next Button 

LV4993M Detalles de producto

Overview
LV4993M built-in the power amplifier circuit operable at low voltage (1.8V or more) and has additionally the standby function to reduce the current drain. It is power amplifier IC optimal for speaker drive used in battery-driven portable equipment and the low output power system equipment.

Function and Feature
• Monaural BTL power amplifier built-in
    Standard output power 1 = 1.5W (VCC = 5V, RL = 8Ω, THD = 10%)
    Standard output power 2 = 0.5W (VCC = 3V, RL = 8Ω, THD = 10%)
    Output coupling capacitor not necessary because of differential output type
• Operation at low voltage possible (Operate with two dry battery cells)
    VCC = 1.8V or more
• Standby function built-in
    Standard current drain at standby = 0.02μA (VCC = 5V)
• Second amplifier stop control function built-in: For BTL/SE mode switching, and signal muting at BTL mode.
• Overheat protection circuit built-in
• Gain setting possible
    BTL voltage gain = 0 to 26dB
• Output phase compensation capacitor not necessary

Application
    IC recorder, Portable-TV, Radio, Portable-NAVI, LCD-monitor, Digital-photo-frame, and etc.




Número de pieza similar - LV4993M

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
LV4993TH SANYO-LV4993TH Datasheet
563Kb / 13P
   For Portable Audio Equipment Monaural BTL Power Amplifier
More results


Descripción similar - LV4993M

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
LV4991TT SANYO-LV4991TT_08 Datasheet
196Kb / 11P
   For Portable Audio Equipment Monaural BTL Power Amplifier
LV4993TH SANYO-LV4993TH Datasheet
563Kb / 13P
   For Portable Audio Equipment Monaural BTL Power Amplifier
LV4991TH SANYO-LV4991TH Datasheet
150Kb / 11P
   Bi-CMOS IC For Portable Audio Equipment Monaural BTL Power Amplifier
LV4991TT SANYO-LV4991TT Datasheet
189Kb / 11P
   Bi-CMOS IC For Portable Audio Equipment Monaural BTL Power Amplifier
LV4991M SANYO-LV4991M Datasheet
173Kb / 11P
   Monaural BTL Power Amplifier
logo
Sony Corporation
CXA1622M SONY-CXA1622M Datasheet
215Kb / 13P
   Stereo Power Amplifier/Monaural BTL Power Amplifier
logo
Sanyo Semicon Device
LA42201 SANYO-LA42201 Datasheet
74Kb / 6P
   Monolithic Linear IC Audio Output for TV application BTL 20W Monaural Power Amplifier
logo
New Japan Radio
NJM2166 NJRC-NJM2166 Datasheet
94Kb / 8P
   MONAURAL AUDIO POWER AMPLIFIER IC
logo
NXP Semiconductors
TFA9879 PHILIPS-TFA9879_15 Datasheet
1Mb / 60P
   Mono BTL class-D audio amplifier for portable applications
Rev. 02-15 October 2010
logo
Toshiba Semiconductor
TA8201AK TOSHIBA-TA8201AK Datasheet
413Kb / 8P
   BTL AUDIO POWER AMPLIFIER
More results




Acerca de Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, o dispositivo Sanyo Semicon, fue una subsidiaria de Sanyo Electric Co., Ltd., una compañía de electrónica japonesa. El dispositivo Sanyo Semicon era un fabricante de dispositivos semiconductores, incluidos diodos, transistores y otros componentes para la electrónica de consumo, las aplicaciones automotrices e industriales. La compañía se estableció en 1970 y tuvo su sede en Osaka, Japón.

El dispositivo Sanyo Semicon era conocido por sus productos de alta calidad y su compromiso de satisfacer las necesidades de sus clientes. La compañía tuvo un fuerte enfoque en la investigación y el desarrollo y participó en el desarrollo de nuevas tecnologías y productos para la industria de los semiconductores. Los productos del dispositivo Sanyo Semicon se usaron ampliamente en una variedad de aplicaciones y ayudaron a apoyar el crecimiento de la industria electrónica.

En 2010, Sanyo Electric fue adquirido por Panasonic Corporation, una compañía líder global de electrónica. Como resultado, el dispositivo Sanyo Semicon se convirtió en una subsidiaria de Panasonic y se integró en su negocio de semiconductores. La adquisición permitió a Panasonic expandir su cartera de productos y ofertas en el mercado de semiconductores y fortalecer aún más su posición en la industria electrónica.

*Esta información es solo para fines informativos generales, no seremos responsables de ninguna pérdida o daño causado por la información anterior.




Enlace URL



Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com