Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

DG2728 Datasheet (PDF) - Vishay Siliconix

DG2728 Datasheet PDF - Vishay Siliconix
No. de pieza DG2728
Descarga  DG2728 Descarga

Tamaño del archivo   150.83 Kbytes
Page   8 Pages
Fabricante Electrónico  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Descripción Electrónicos 0.65-ohm, Low Voltage, Negative Swing Capable, Dual SPST Analog Switch

DG2728 Datasheet (PDF)

Go To PDF Page Descarga Datasheet
DG2728 Datasheet PDF - Vishay Siliconix

No. de pieza DG2728
Descarga  DG2728 Click to download

Tamaño del archivo   150.83 Kbytes
Page   8 Pages
Fabricante Electrónico  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Descripción Electrónicos 0.65-ohm, Low Voltage, Negative Swing Capable, Dual SPST Analog Switch

DG2728 Datasheet (HTML) - Vishay Siliconix

DG2728 Datasheet HTML 1Page - Vishay Siliconix DG2728 Datasheet HTML 2Page - Vishay Siliconix DG2728 Datasheet HTML 3Page - Vishay Siliconix DG2728 Datasheet HTML 4Page - Vishay Siliconix DG2728 Datasheet HTML 5Page - Vishay Siliconix DG2728 Datasheet HTML 6Page - Vishay Siliconix DG2728 Datasheet HTML 7Page - Vishay Siliconix DG2728 Datasheet HTML 8Page - Vishay Siliconix

DG2728 Detalles de producto

DESCRIPTION
The DG2727, DG2728, and DG2729 are 0.6 Ω dual SPST analog switches. When Sx are used as signal input, these devices support AC-coupled audio signals with single rail power supply. Audio signals can swing below ground down to V+ - 4.3 V.

FEATURES
• Halogen-free according to IEC 61249-2-21 definition
• Wide operation voltage range: 1.6 V to 4.3 V
• Low 0.6 Ω (typical at 2.7 V) on-resistance
• Guaranteed logic high threshold: Vth(high) = 1.2 V at V+ = 4.3 V
• - 82 dB crosstalk and - 76 dB off-isolation at 100 kHz
• 250 MHz, - 3 dB bandwidth
• 0.006 % total harmonic distortion
• > 250 mA latch up current per JESD78
• > 8 kV ESD/HBM per MIL-STD 883 (method 3015)
• Compliant to RoHS directive 2002/95/EC

BENEFITS
• Ultra small miniQFN-8L package of 1.4 mm x 1.4 mm x 0.55 mm
• High fidelity audio switch
• Reed relay replacement
• Low power consumption

APPLICATIONS
• Cellular phones
• GPS and portable media player
• Audio and video signal routing
• Modems
• Hard drives and computer peripherals
• Low voltage data-acquisition circuits
• Medical and test equipment




Número de pieza similar - DG2728

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
DG2728 VISHAY-DG2728 Datasheet
167Kb / 9P
   0.65-廓, Low Voltage, Negative Swing Capable, Dual SPST Analog Switch
02-Oct-12
DG2728DN-T1-E4 VISHAY-DG2728DN-T1-E4 Datasheet
167Kb / 9P
   0.65-廓, Low Voltage, Negative Swing Capable, Dual SPST Analog Switch
02-Oct-12
More results


Descripción similar - DG2728

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
DG2727 VISHAY-DG2727_V01 Datasheet
167Kb / 9P
   0.65-廓, Low Voltage, Negative Swing Capable, Dual SPST Analog Switch
02-Oct-12
logo
Intersil Corporation
ISL54063_0911 INTERSIL-ISL54063_0911 Datasheet
409Kb / 15P
   Negative Signal Swing, Sub-ohm, Dual SPST
logo
Renesas Technology Corp
ISL54060 RENESAS-ISL54060 Datasheet
744Kb / 15P
   Negative Signal Swing, Sub-ohm, Dual SPST Single Supply Switch
logo
Intersil Corporation
ISL54060_0911 INTERSIL-ISL54060_0911 Datasheet
399Kb / 15P
   Negative Signal Swing, Sub-ohm, Dual SPST Single Supply Switch
logo
Vishay Siliconix
DG2747 VISHAY-DG2747_09 Datasheet
155Kb / 9P
   0.4-ohm, Low Voltage, Dual SPST Analog Switch
Rev. B, 09-Mar-09
logo
MagnaChip Semiconductor...
MSI2021 MGCHIP-MSI2021 Datasheet
345Kb / 11P
   0.4(ohm) Dual SPDT Analog Switch with Negative Swing Feature
logo
Pericom Semiconductor C...
PI3A268C PERICOM-PI3A268C Datasheet
282Kb / 9P
   Low-Voltage Dual-SPDT Analog Switch with Negative Swing Audio Capability
logo
Vishay Siliconix
DG2750 VISHAY-DG2750 Datasheet
177Kb / 8P
   Low Voltage Dual SPDT Analog Switch with Negative Swing Audio Capability
Rev. C, 22-Mar-10
logo
ON Semiconductor
NLAS2750 ONSEMI-NLAS2750 Datasheet
152Kb / 8P
   Low Voltage Dual SPDT Analog Switch with Negative Swing Audio Capability
September, 2013 ??Rev. 0
logo
Vishay Siliconix
DG2750DN-T1-E4 VISHAY-DG2750DN-T1-E4 Datasheet
193Kb / 9P
   Low Voltage Dual SPDT Analog Switch with Negative Swing Audio Capability
Rev. C, 22-Mar-10
More results




Acerca de Vishay Siliconix


Vishay Siliconix es una subsidiaria de Vishay Intertechnology, un fabricante global de componentes electrónicos pasivos.
Vishay Siliconix se especializa en el diseño, la fabricación y la comercialización de MOSFET de potencia, IGBTS y otros semiconductores de poder.
La compañía fue fundada en 1962 y tiene su sede en Santa Clara, California.
Vishay Siliconix proporciona soluciones de energía para una variedad de aplicaciones, incluidos sistemas de energía renovable, equipos industriales, informática y telecomunicaciones, y electrónica automotriz.
Los productos de la compañía están diseñados para alta eficiencia, bajo consumo de energía y alta confiabilidad, y se fabrican en instalaciones de última generación utilizando procesos de fabricación avanzados.
Con un enfoque en la innovación y la satisfacción del cliente, Vishay Siliconix se compromete a proporcionar a sus clientes las mejores soluciones de gestión de energía para satisfacer sus necesidades.

*Esta información es solo para fines informativos generales, no seremos responsables de ninguna pérdida o daño causado por la información anterior.




Enlace URL



Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com