Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AL-513UY5C Datasheet (PDF) - A-BRIGHT Inc

AL-513UY5C Datasheet PDF - A-BRIGHT Inc
No. de pieza AL-513UY5C_09
Descarga  AL-513UY5C Descarga

Tamaño del archivo   238.11 Kbytes
Page   5 Pages
Fabricante Electrónico  A-BRIGHT [A-BRIGHT Inc]
Página de inicio  http://www.a-bright.com.tw
Logo A-BRIGHT - A-BRIGHT Inc
Descripción Electrónicos 5mm Round Type : LED Lamps

AL-513UY5C Datasheet (PDF)

Go To PDF Page Descarga Datasheet
AL-513UY5C Datasheet PDF - A-BRIGHT Inc

No. de pieza AL-513UY5C_09
Descarga  AL-513UY5C Click to download

Tamaño del archivo   238.11 Kbytes
Page   5 Pages
Fabricante Electrónico  A-BRIGHT [A-BRIGHT Inc]
Página de inicio  http://www.a-bright.com.tw
Logo A-BRIGHT - A-BRIGHT Inc
Descripción Electrónicos 5mm Round Type : LED Lamps

AL-513UY5C Datasheet (HTML) - A-BRIGHT Inc

AL-513UY5C_09 Datasheet HTML 1Page - A-BRIGHT Inc AL-513UY5C_09 Datasheet HTML 2Page - A-BRIGHT Inc AL-513UY5C_09 Datasheet HTML 3Page - A-BRIGHT Inc AL-513UY5C_09 Datasheet HTML 4Page - A-BRIGHT Inc AL-513UY5C_09 Datasheet HTML 5Page - A-BRIGHT Inc



Número de pieza similar - AL-513UY5C_09

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
A-BRIGHT Inc
AL-513UY5C-A A-BRIGHT-AL-513UY5C-A Datasheet
310Kb / 5P
   5 mm Round LED Lamps
2006/9/16
AL-513UY5C-A A-BRIGHT-AL-513UY5C-A_09 Datasheet
238Kb / 5P
   5mm Round LED Lamps
2009/2/25
More results


Descripción similar - AL-513UY5C_09

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Lucky Light Electronic
GB-333HD LUCKY-LIGHT-GB-333HD Datasheet
42Kb / 1P
   Round Type LED Lamps (5mm)
logo
Everlight Electronics C...
EL333RD EVERLIGHT-EL333RD Datasheet
167Kb / 1P
   ROUND TYPE LED LAMPS(5MM)
logo
Lucky Light Electronic
GB-343 LUCKY-LIGHT-GB-343 Datasheet
42Kb / 1P
   Round-Helmet Type LED Lamps (5mm)
GB-B336 LUCKY-LIGHT-GB-B336 Datasheet
42Kb / 1P
   Blinking, Round Type LED Lamps (5mm)
GB-353 LUCKY-LIGHT-GB-353 Datasheet
42Kb / 1P
   Round-Helmet Type LED Lamps (5mm)
logo
A-BRIGHT Inc
AL-513SGC-A A-BRIGHT-AL-513SGC-A_09 Datasheet
238Kb / 5P
   5mm Round LED Lamps
2009/2/25
AL-513TRC A-BRIGHT-AL-513TRC_09 Datasheet
238Kb / 5P
   5mm Round LED Lamps
2009/2/25
AL-513OR6C-A A-BRIGHT-AL-513OR6C-A_08 Datasheet
311Kb / 5P
   5mm Round LED Lamps
2008/3/19
AL-513UO5C-A A-BRIGHT-AL-513UO5C-A_08 Datasheet
311Kb / 5P
   5mm Round LED Lamps
2008/3/19
AL-513BG1C A-BRIGHT-AL-513BG1C Datasheet
311Kb / 5P
   5mm Round LED Lamps
2006/9/16
More results




Acerca de A-BRIGHT Inc


A-BRIGHT Inc is a Taiwanese company that specializes in the design, development, and production of LED lighting solutions for a variety of industries, including automotive, industrial, and commercial. The company was founded in 2008 and is headquartered in Taoyuan City, Taiwan.

A-BRIGHT's product portfolio includes a wide range of LED lighting solutions, such as LED modules, light bars, and flexible strips. The company also offers customized solutions for specific applications, including the design and development of LED lighting systems and modules.

The company's engineering team has extensive experience in developing advanced LED technologies for demanding applications. They work closely with customers to understand their requirements and develop customized solutions that meet their specific needs.

A-BRIGHT's products are known for their high quality, reliability, and energy efficiency. The company uses advanced technologies and materials to develop LED lighting solutions that are efficient, durable, and cost-effective.

Overall, A-BRIGHT Inc is a trusted provider of high-quality LED lighting solutions for a variety of industries. Its commitment to innovation, quality, and customer service has earned it a strong reputation in the industry.

*Esta información es solo para fines informativos generales, no seremos responsables de ninguna pérdida o daño causado por la información anterior.




Enlace URL



Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com