Fabricante Electrónico | No. de pieza | Datasheet | Descripción Electrónicos |
Molex Electronics Ltd. |
0887614600
|
80Kb / 2P |
1.27mm (.050) Pitch Serial ATA Power Harness-to-Pigtail, IDT, 1.50m (4.92) Length, Gold Flash, 5V12V, Leadfree
|
0685610020
|
89Kb / 2P |
1.27mm (.050) Pitch Serial ATA Power Latching Harness-to-Pigtail, IDT, 1.50m (4.92) Length, Gold Flash, 5V12V, Leadfree
|
0685610022
|
90Kb / 2P |
1.27mm (.050") Pitch Serial ATA Power Latching Harness-to-Pigtail, IDT, 1.50m (4.92Length, Gold Flash, 3.3V5V12V, Leadfree
|
0887577810
|
81Kb / 2P |
1.27mm (.050) Pitch Serial ATA Power-to-pigtail Cable Assembly, Crimping Type, 1.50m (4.92) Length, Gold Flash, 3.3V5V12V, Leadfree
|
0685610023
|
90Kb / 2P |
1.27mm (.050") Pitch Serial ATA Power Latching Harness-to-Pigtail, IDT, 1.50m (4.92 )Length, 0.76關m (30關") Gold (Au), 3.3V5V12V, Leadfree
|
0887511410
|
182Kb / 3P |
1.27mm (.050) Pitch , Serial ATA Power-to-pigtail Cable Assembly, Crimping Type, 1.50m (4.92) Length, Gold Flash (5V12V), Leadfree
|
0685610021
|
89Kb / 2P |
1.27mm (.050") Pitch Serial ATA Power Latching Harness-to-Pigtail, IDT, 1.50m (4.92 )Length, 0.76關m (30關") Gold (Au), 5V12V, Leadfree
|
0887614500
|
81Kb / 2P |
1.27mm (.050) Pitch Serial ATA IDT Power Adapter Cable, 0.152m (6.00) Length, Gold Flash, 5V12V, Leadfree
|
0685610018
|
90Kb / 2P |
1.27mm (.050") Pitch Serial ATA IDT Power Latching Adapter Cable Assembly, 0.152m(6.00") Length, Gold Flash, 5V12V, Leadfree
|
0887511310
|
87Kb / 2P |
1.27mm (.050) Pitch Serial ATA Power Adapter, 0.152m (6.00) Length, Crimping Type, Gold Flash, 5V12V, Leadfree
|