Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

K64004C1D Datasheet (PDF) - Samsung semiconductor

K64004C1D Datasheet PDF - Samsung semiconductor
No. de pieza K64004C1D
Descarga  K64004C1D Descarga

Tamaño del archivo   177.02 Kbytes
Page   9 Pages
Fabricante Electrónico  SAMSUNG [Samsung semiconductor]
Página de inicio  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor
Descripción Electrónicos 1Mx4 Bit High Speed Static RAM(5.0V Operating). Operated at Commercial and Industrial Temperature Ranges.

K64004C1D Datasheet (PDF)

Go To PDF Page Descarga Datasheet
K64004C1D Datasheet PDF - Samsung semiconductor

No. de pieza K64004C1D
Descarga  K64004C1D Click to download

Tamaño del archivo   177.02 Kbytes
Page   9 Pages
Fabricante Electrónico  SAMSUNG [Samsung semiconductor]
Página de inicio  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor
Descripción Electrónicos 1Mx4 Bit High Speed Static RAM(5.0V Operating). Operated at Commercial and Industrial Temperature Ranges.

K64004C1D Datasheet (HTML) - Samsung semiconductor

K64004C1D Datasheet HTML 1Page - Samsung semiconductor K64004C1D Datasheet HTML 2Page - Samsung semiconductor K64004C1D Datasheet HTML 3Page - Samsung semiconductor K64004C1D Datasheet HTML 4Page - Samsung semiconductor K64004C1D Datasheet HTML 5Page - Samsung semiconductor K64004C1D Datasheet HTML 6Page - Samsung semiconductor K64004C1D Datasheet HTML 7Page - Samsung semiconductor K64004C1D Datasheet HTML 8Page - Samsung semiconductor K64004C1D Datasheet HTML 9Page - Samsung semiconductor

K64004C1D Detalles de producto

GENERAL DESCRIPTION
The K6R4004C1D is a 4,194,304-bit high-speed Static Random Access Memory organized as 1,048,576 words by 4 bits. The K6R4004C1D uses 4 common input and output lines and has an output enable pin which operates faster than address access time at read cycle. The device is fabricated using SAMSUNG¢s advanced CMOS process and designed for high-speed circuit technology. It is particularly well suited for use in high-density high-speed system applications. The K6R4004C1D is packaged in a 400 mil 32-pin plastic SOJ.

FEATURES
• Fast Access Time 10ns(Max.)
• Low Power Dissipation
    Standby (TTL) : 20mA(Max.) (CMOS) : 5mA(Max.)
    Operating K6R4004C1D-10 : 65mA(Max.)
    Single 5.0V±10% Power Supply
• TTL Compatible Inputs and Outputs
• Fully Static Operation
- No Clock or Refresh required
• Three State Outputs
• Center Power/Ground Pin Configuration
• Standard Pin Configuration K6R4004C1D-J : 32-SOJ-400
• Operating in Commercial and Industrial Temperature range.




Número de pieza similar - K64004C1D

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
TE Connectivity Ltd
K64 TEC-K64 Datasheet
211Kb / 1P
   KILOVAC High Voltage Relays
logo
NXP Semiconductors
K64F NXP-K64F Datasheet
1Mb / 85P
   Kinetis K64F Sub-Family
Rev. 7, 11/2016
K64F NXP-K64F Datasheet
1Mb / 85P
   120 MHz ARM짰 Cortex짰-M4-based Microcontroller with FPU
Rev. 7, 11/2016
logo
Roithner LaserTechnik G...
K64L5111A ROITHNER-K64L5111A Datasheet
308Kb / 2P
   Light Emitting Diode
logo
NXP Semiconductors
K64P142M120SF5 NXP-K64P142M120SF5 Datasheet
1Mb / 76P
   Kinetis K64 Sub-Family
Rev. 7, 10/2016
More results


Descripción similar - K64004C1D

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Samsung semiconductor
K6R4004V1D SAMSUNG-K6R4004V1D Datasheet
218Kb / 9P
   1Mx4 Bit High Speed Static RAM(3.3V Operating). Operated at Commercial and Industrial Temperature Ranges
K6R4016C1D SAMSUNG-K6R4016C1D Datasheet
139Kb / 12P
   256Kx16 Bit High Speed Static RAM(5.0V Operating). Operated at Commercial and Industrial Temperature Ranges.
K6R4008V1C-C SAMSUNG-K6R4008V1C-C Datasheet
139Kb / 9P
   512Kx8 Bit High Speed Static RAM(3.3V Operating). Operated at Commercial and Industrial Temperature Ranges.
K6R4008V1D SAMSUNG-K6R4008V1D Datasheet
239Kb / 10P
   512Kx8 Bit High Speed Static RAM(3.3V Operating). Operated at Commercial and Industrial Temperature Ranges.
K6R4008V1D-KI10T00 SAMSUNG-K6R4008V1D-KI10T00 Datasheet
245Kb / 10P
   512Kx8 Bit High Speed Static RAM(3.3V Operating). Operated at Commercial and Industrial Temperature Ranges.
K6R1016V1D SAMSUNG-K6R1016V1D Datasheet
259Kb / 11P
   64Kx16 Bit High-Speed CMOS Static RAM(3.3V Operating) Operated at Commercial and Industrial Temperature Ranges.
KM68257E SAMSUNG-KM68257E Datasheet
166Kb / 8P
   32Kx8 Bit High-Speed CMOS Static RAM(5V Operating) Operated at Commercial and Industrial Temperature Ranges.
K6R1016V1C SAMSUNG-K6R1016V1C Datasheet
307Kb / 11P
   64Kx16 Bit High-Speed CMOS Static RAM(3.3V Operating) Operated at Commercial and Industrial Temperature Ranges.
K6R1008V1D SAMSUNG-K6R1008V1D Datasheet
102Kb / 9P
   64Kx16 Bit High-Speed CMOS Static RAM(3.3V Operating) Operated at Commercial and Industrial Temperature Ranges.
K6R1004V1D SAMSUNG-K6R1004V1D Datasheet
192Kb / 9P
   64Kx16 Bit High-Speed CMOS Static RAM(3.3V Operating) Operated at Commercial and Industrial Temperature Ranges.
More results



Enlace URL



Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com