Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

KM416C4100B Datasheet (PDF) - Samsung semiconductor

KM416C4100B Datasheet PDF - Samsung semiconductor
No. de pieza KM416C4100B
Descarga  KM416C4100B Descarga

Tamaño del archivo   826.88 Kbytes
Page   35 Pages
Fabricante Electrónico  SAMSUNG [Samsung semiconductor]
Página de inicio  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor
Descripción Electrónicos 4M x 16bit CMOS Dynamic RAM with Fast Page Mode

KM416C4100B Datasheet (PDF)

Go To PDF Page Descarga Datasheet
KM416C4100B Datasheet PDF - Samsung semiconductor

No. de pieza KM416C4100B
Descarga  KM416C4100B Click to download

Tamaño del archivo   826.88 Kbytes
Page   35 Pages
Fabricante Electrónico  SAMSUNG [Samsung semiconductor]
Página de inicio  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor
Descripción Electrónicos 4M x 16bit CMOS Dynamic RAM with Fast Page Mode

KM416C4100B Datasheet (HTML) - Samsung semiconductor

Back Button KM416C4100B Datasheet HTML 1Page - Samsung semiconductor KM416C4100B Datasheet HTML 2Page - Samsung semiconductor KM416C4100B Datasheet HTML 3Page - Samsung semiconductor KM416C4100B Datasheet HTML 4Page - Samsung semiconductor KM416C4100B Datasheet HTML 5Page - Samsung semiconductor KM416C4100B Datasheet HTML 6Page - Samsung semiconductor KM416C4100B Datasheet HTML 7Page - Samsung semiconductor KM416C4100B Datasheet HTML 8Page - Samsung semiconductor KM416C4100B Datasheet HTML 9Page - Samsung semiconductor KM416C4100B Datasheet HTML 10Page - Samsung semiconductor Next Button 

KM416C4100B Detalles de producto

DESCRIPTION
This is a family of 4,194,304 x 16 bit Fast Page Mode CMOS DRAMs. Fast Page Mode offers high speed random access of memory cells within the same row. Refresh cycle(4K Ref. or 8K Ref.), access time (-45, -5 or -6) are optional features of this family. All of this family have CAS-before-RAS refresh, RAS-only refresh and Hidden refresh capabilities. This 4Mx16 Fast Page Mode DRAM family is fabricated using Samsung¢s advanced CMOS process to realize high band-width, low power consumption and high reliability.

FEATURES
• Part Identification
    - KM416C4000B(5.0V, 8K Ref.)
    - KM416C4100B(5.0V, 4K Ref.)
• Active Power Dissipation
• Refresh Cycles
* Access mode & RAS only refresh mode : 8K cycle/64ms
    CAS-before-RAS & Hidden refresh mode : 4K cycle/64ms
• Performance Range
• Fast Page Mode operation
• 2CAS Byte/Word Read/Write operation
• CAS-before-RAS refresh capability
• RAS-only and Hidden refresh capability
• Fast parallel test mode capability
• TTL(5.0V) compatible inputs and outputs
• Early Write or output enable controlled write
• JEDEC Standard pinout
• Available in Plastic TSOP(II) package
• +5.0V±10% power supply




Número de pieza similar - KM416C4100B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Samsung semiconductor
KM416C4100C SAMSUNG-KM416C4100C Datasheet
901Kb / 35P
   4M x 16bit CMOS Dynamic RAM with Fast Page Mode
More results


Descripción similar - KM416C4100B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Samsung semiconductor
KM416V4000B SAMSUNG-KM416V4000B Datasheet
767Kb / 35P
   4M x 16bit CMOS Dynamic RAM with Fast Page Mode
K4F661612D SAMSUNG-K4F661612D Datasheet
390Kb / 35P
   4M X 16BIT CMOS DYNAMIC RAM WITH FAST PAGE MODE
K4F661612E SAMSUNG-K4F661612E Datasheet
386Kb / 35P
   4M x 16bit CMOS Dynamic RAM with Fast Page Mode
KM416V4000C SAMSUNG-KM416V4000C Datasheet
88Kb / 9P
   4M x 16bit CMOS Dynamic RAM with Fast Page Mode
KM416C4000C SAMSUNG-KM416C4000C Datasheet
901Kb / 35P
   4M x 16bit CMOS Dynamic RAM with Fast Page Mode
K4F661612C SAMSUNG-K4F661612C Datasheet
844Kb / 35P
   4M x 16bit CMOS Dynamic RAM with Fast Page Mode
K4F661612B SAMSUNG-K4F661612B Datasheet
844Kb / 35P
   4M x 16bit CMOS Dynamic RAM with Fast Page Mode
KM416C1000C SAMSUNG-KM416C1000C Datasheet
767Kb / 34P
   1M x 16Bit CMOS Dynamic RAM with Fast Page Mode
K4F171611D SAMSUNG-K4F171611D Datasheet
528Kb / 34P
   1M x 16Bit CMOS Dynamic RAM with Fast Page Mode
KM416C1000B SAMSUNG-KM416C1000B Datasheet
84Kb / 8P
   1M x 16Bit CMOS Dynamic RAM with Fast Page Mode
More results



Enlace URL



Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com