Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TV04A400J-G Datasheet (PDF) - Comchip Technology

TV04A400J-G Datasheet PDF - Comchip Technology
No. de pieza TV04A400J-G
Descarga  TV04A400J-G Descarga

Tamaño del archivo   161.9 Kbytes
Page   4 Pages
Fabricante Electrónico  COMCHIP [Comchip Technology]
Página de inicio  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology
Descripción Electrónicos SMD Transient Voltage Suppressor

TV04A400J-G Datasheet (PDF)

Go To PDF Page Descarga Datasheet
TV04A400J-G Datasheet PDF - Comchip Technology

No. de pieza TV04A400J-G
Descarga  TV04A400J-G Click to download

Tamaño del archivo   161.9 Kbytes
Page   4 Pages
Fabricante Electrónico  COMCHIP [Comchip Technology]
Página de inicio  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology
Descripción Electrónicos SMD Transient Voltage Suppressor

TV04A400J-G Datasheet (HTML) - Comchip Technology

TV04A400J-G Datasheet HTML 1Page - Comchip Technology TV04A400J-G Datasheet HTML 2Page - Comchip Technology TV04A400J-G Datasheet HTML 3Page - Comchip Technology TV04A400J-G Datasheet HTML 4Page - Comchip Technology

TV04A400J-G Detalles de producto

Working Peak Reverse Voltage: 5.0 to 170 Volts

Power Dissipation: 400 Watts RoHS Device



Features

-Ideal for surface mount applications.

-Easy pick and place.

-Plastic package has Underwriters Lab. flammability classification 94V-0.

-Typical IR less than 1μA above 10V.

-Fast response time: typically less than 1nS for uni-direction, less than 5nS for bi-direction, from 0V to BV min.



 




Número de pieza similar - TV04A400J-G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Comchip Technology
TV04A400J-HF COMCHIP-TV04A400J-HF Datasheet
130Kb / 6P
   SMD Transient Voltage Suppressor
More results


Descripción similar - TV04A400J-G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Comchip Technology
TV04A5V0 COMCHIP-TV04A5V0 Datasheet
103Kb / 4P
   SMD Transient Voltage Suppressor
TV05A5V0-G COMCHIP-TV05A5V0-G Datasheet
121Kb / 6P
   SMD Transient Voltage Suppressor
TV06B5V0-HF COMCHIP-TV06B5V0-HF Datasheet
130Kb / 6P
   SMD Transient Voltage Suppressor
TV06B5V0 COMCHIP-TV06B5V0 Datasheet
116Kb / 4P
   SMD Transient Voltage Suppressor
logo
Formosa MS
SMCJ5.0 FORMOSA-SMCJ5.0 Datasheet
1Mb / 10P
   SMD Transient Voltage Suppressor
3.0SMCJ5.0 FORMOSA-3.0SMCJ5.0 Datasheet
164Kb / 4P
   SMD Transient Voltage Suppressor
SMBJ5.0 FORMOSA-SMBJ5.0 Datasheet
855Kb / 10P
   SMD Transient Voltage Suppressor
logo
Comchip Technology
TV06B5V0-G COMCHIP-TV06B5V0-G_12 Datasheet
138Kb / 7P
   SMD Transient Voltage Suppressor
TVP06B6V8-G COMCHIP-TVP06B6V8-G Datasheet
117Kb / 5P
   SMD Transient Voltage Suppressor
ATV04A5V0-HF COMCHIP-ATV04A5V0-HF Datasheet
524Kb / 6P
   SMD Transient Voltage Suppressor
More results




Acerca de Comchip Technology


Comchip Technology is a global manufacturer of high-quality discrete semiconductors and passive components. The company was founded in 1987 and is headquartered in Taiwan.

Comchip Technology offers a wide range of products, including diodes, rectifiers, bridge rectifiers, transient voltage suppressors, and zener diodes. The company also produces a variety of passive components, such as ceramic capacitors, tantalum capacitors, and inductors.

Comchip Technology has a strong focus on research and development, and has developed a number of proprietary technologies that have helped to establish the company as a leader in its field. The company has also established strategic partnerships with other leading semiconductor manufacturers in order to further enhance its capabilities.

Comchip Technology's products are used in a variety of applications, including power management, consumer electronics, automotive, telecommunications, and industrial equipment. The company is committed to providing high-quality products and exceptional customer service, and is continuously improving its products and processes in order to better meet the needs of its customers.

*Esta información es solo para fines informativos generales, no seremos responsables de ninguna pérdida o daño causado por la información anterior.




Enlace URL



Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com