Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CAT5132ZI-10-GT3 Datasheet (PDF) - ON Semiconductor

CAT5132ZI-10-GT3 Datasheet PDF - ON Semiconductor
No. de pieza CAT5132ZI-10-GT3
Descarga  CAT5132ZI-10-GT3 Descarga

Tamaño del archivo   131.89 Kbytes
Page   14 Pages
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Descripción Electrónicos 16 Volt Digitally Programmable Potentiometer with 128 Taps and I2C Interface

CAT5132ZI-10-GT3 Datasheet (PDF)

Go To PDF Page Descarga Datasheet
CAT5132ZI-10-GT3 Datasheet PDF - ON Semiconductor

No. de pieza CAT5132ZI-10-GT3
Descarga  CAT5132ZI-10-GT3 Click to download

Tamaño del archivo   131.89 Kbytes
Page   14 Pages
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Descripción Electrónicos 16 Volt Digitally Programmable Potentiometer with 128 Taps and I2C Interface

CAT5132ZI-10-GT3 Datasheet (HTML) - ON Semiconductor

Back Button CAT5132ZI-10-GT3 Datasheet HTML 1Page - ON Semiconductor CAT5132ZI-10-GT3 Datasheet HTML 2Page - ON Semiconductor CAT5132ZI-10-GT3 Datasheet HTML 3Page - ON Semiconductor CAT5132ZI-10-GT3 Datasheet HTML 4Page - ON Semiconductor CAT5132ZI-10-GT3 Datasheet HTML 5Page - ON Semiconductor CAT5132ZI-10-GT3 Datasheet HTML 6Page - ON Semiconductor CAT5132ZI-10-GT3 Datasheet HTML 7Page - ON Semiconductor CAT5132ZI-10-GT3 Datasheet HTML 8Page - ON Semiconductor CAT5132ZI-10-GT3 Datasheet HTML 9Page - ON Semiconductor CAT5132ZI-10-GT3 Datasheet HTML 10Page - ON Semiconductor Next Button 

CAT5132ZI-10-GT3 Detalles de producto

Description
The CAT5132 is a high voltage digital POT with non-volatile wiper setting memory, operating like a mechanical potentiometer. The tap points between the 127 equal resistive elements are connected to the wiper output via CMOS switches. The switches are controlled by a 7-bit Wiper Control Register (WCR). The wiper setting can be stored in a 7-bit non-volatile Data Register (DR). The WCR is accessed via the I2C serial bus.

Features
• Single Linear Digital Potentiometer with 128 Taps
• End-to-end Resistance of 10 kΩ, 50 kΩ or 100 kΩ
• I2C Interface
• Fast Up/Down Wiper Control Mode
• Non-volatile Wiper Setting Storage
• Automatic Wiper Setting Recall at Power−up
• Digital Supply Range (VCC): 2.7 V to 5.5 V
• Analog Supply Range (V+): +8 V to +16 V
• Low Standby Current: 15 μA
• 100 Year Wiper Setting Memory
• Industrial Temperature Range: −40°C to +85°C
• 10-pin MSOP Package
• These Devices are Pb-Free, Halogen Free/BFR Free and are RoHS Compliant

Applications
• LCD Screen Adjustment
• Volume Control
• Mechanical Potentiometer Replacement
• Gain Adjustment
• Line Impedance Matching
• VCOM Setting Adjustments




Número de pieza similar - CAT5132ZI-10-GT3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Catalyst Semiconductor
CAT5132ZI-10-GT3 CATALYST-CAT5132ZI-10-GT3 Datasheet
540Kb / 14P
   16 Volt Digitally Programmable Potentiometer
CAT5132ZI-10-GT3 CATALYST-CAT5132ZI-10-GT3 Datasheet
205Kb / 14P
   16 Volt Digitally Programmable Potentiometer (DPP?? with 128 Taps and I2C Interface
logo
ON Semiconductor
CAT5132ZI-10-GT3 ONSEMI-CAT5132ZI-10-GT3 Datasheet
163Kb / 14P
   16 Volt Digitally Programmable Potentiometer (DPP) with 128 Taps and I2C Interface
July, 2010 ??Rev. 5
CAT5132ZI-10-GT3 ONSEMI-CAT5132ZI-10-GT3 Datasheet
165Kb / 12P
   16 Volt Digital Potentiometer (POT) with 128 Taps and I2C Interface
July, 2013 ??Rev. 7
More results


Descripción similar - CAT5132ZI-10-GT3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Catalyst Semiconductor
CAT5132 CATALYST-CAT5132_08 Datasheet
205Kb / 14P
   16 Volt Digitally Programmable Potentiometer (DPP?? with 128 Taps and I2C Interface
logo
ON Semiconductor
CAT5132 ONSEMI-CAT5132 Datasheet
163Kb / 14P
   16 Volt Digitally Programmable Potentiometer (DPP) with 128 Taps and I2C Interface
July, 2010 ??Rev. 5
CAT5133ZI-10-GT3 ONSEMI-CAT5133ZI-10-GT3 Datasheet
209Kb / 10P
   16 Volt Digitally Programmable Potentiometer with 128 Taps and an Increment Decrement Interface
Doc. No. MD-2125 Rev. D
logo
Catalyst Semiconductor
CAT5133 CATALYST-CAT5133_08 Datasheet
283Kb / 10P
   16 Volt Digitally Programmable Potentiometer (DPPTM) with 128 Taps and an Increment Decrement Interface
logo
ON Semiconductor
CAT5132ZI-10 ONSEMI-CAT5132ZI-10 Datasheet
165Kb / 12P
   16 Volt Digital Potentiometer (POT) with 128 Taps and I2C Interface
July, 2013 ??Rev. 7
logo
Catalyst Semiconductor
CAT5133 CATALYST-CAT5133 Datasheet
285Kb / 10P
   16 Volt Digitally Programmable Potentiometer (DPP TM) with 128 Taps and an Increment Decrement Interface
CAT5132 CATALYST-CAT5132 Datasheet
245Kb / 13P
   15 Volt Digitally Programmable Potentiometer (DPP) with 128 Taps and 2-wire Interface
logo
ON Semiconductor
CAT5221WI-25 ONSEMI-CAT5221WI-25 Datasheet
169Kb / 16P
   Dual Digitally Programmable Potentiometer with 64 Taps and I2C Interface
Doc. No. MD-2113 Rev. L
logo
Catalyst Semiconductor
CAT5221 CATALYST-CAT5221_08 Datasheet
304Kb / 16P
   Dual Digitally Programmable Potentiometer (DPP?? with 64 Taps and I2C Interface
logo
ON Semiconductor
CAT5221 ONSEMI-CAT5221 Datasheet
249Kb / 16P
   Dual Digitally Programmable Potentiometer (DPP?? with 64 Taps and I2C Interface
Doc. No. MD-2113 Rev. M
More results




Acerca de ON Semiconductor


ON Semiconductor hay una empresa que cotiza en bolsa que diseña, desarrolla y fabrica una amplia gama de productos de semiconductores para una variedad de aplicaciones que incluyen automotriz, informática, bienes de consumo, industriales y mercados de comunicaciones.
La compañía fue fundada en 1999 y tiene su sede en Phoenix, Arizona.
En Semiconductor ofrece una amplia cartera de gestión de energía, semiconductores analógicos y discretos que incluyen MOSFET de potencia, diodos, rectificadores, reguladores de voltaje, entre otros.
Los productos de la compañía están diseñados para ser eficientes en energía, confiables y rentables y se utilizan en una variedad de aplicaciones, incluidas la electrónica portátil, sistemas de automatización industrial, sistemas de energía renovable y electrónica automotriz.
El semiconductor se compromete con la innovación y la satisfacción del cliente, y se compromete a proporcionar las mejores soluciones de semiconductores para satisfacer las necesidades de nuestros clientes .

*Esta información es solo para fines informativos generales, no seremos responsables de ninguna pérdida o daño causado por la información anterior.




Enlace URL



Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com