Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD5623RBCPZ-3R2 Datasheet (PDF) - Analog Devices

AD5623RBCPZ-3R2 Datasheet PDF - Analog Devices
No. de pieza AD5623RBCPZ-3R2
Descarga  AD5623RBCPZ-3R2 Descarga

Tamaño del archivo   1396.38 Kbytes
Page   28 Pages
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices
Descripción Electrónicos Dual 12-/14-/16-Bit nanoDAC with 5 ppm/C On-Chip Reference

AD5623RBCPZ-3R2 Datasheet (PDF)

Go To PDF Page Descarga Datasheet
AD5623RBCPZ-3R2 Datasheet PDF - Analog Devices

No. de pieza AD5623RBCPZ-3R2
Descarga  AD5623RBCPZ-3R2 Click to download

Tamaño del archivo   1396.38 Kbytes
Page   28 Pages
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices
Descripción Electrónicos Dual 12-/14-/16-Bit nanoDAC with 5 ppm/C On-Chip Reference

AD5623RBCPZ-3R2 Datasheet (HTML) - Analog Devices

Back Button AD5623RBCPZ-3R2 Datasheet HTML 1Page - Analog Devices AD5623RBCPZ-3R2 Datasheet HTML 2Page - Analog Devices AD5623RBCPZ-3R2 Datasheet HTML 3Page - Analog Devices AD5623RBCPZ-3R2 Datasheet HTML 4Page - Analog Devices AD5623RBCPZ-3R2 Datasheet HTML 5Page - Analog Devices AD5623RBCPZ-3R2 Datasheet HTML 6Page - Analog Devices AD5623RBCPZ-3R2 Datasheet HTML 7Page - Analog Devices AD5623RBCPZ-3R2 Datasheet HTML 8Page - Analog Devices AD5623RBCPZ-3R2 Datasheet HTML 9Page - Analog Devices AD5623RBCPZ-3R2 Datasheet HTML 10Page - Analog Devices Next Button 

AD5623RBCPZ-3R2 Detalles de producto

GENERAL DESCRIPTION
The AD5623R/AD5643R/AD5663R, members of the nanoDAC® family, are low power, dual 12-, 14-, and 16-bit buffered voltageout digital-to-analog converters (DAC) that operate from a single 2.7 V to 5.5 V supply and are guaranteed monotonic by design.

FEATURES
   Low power, smallest pin-compatible, dual nanoDAC
      AD5663R: 16 bits
      AD5643R: 14 bits
      AD5623R: 12 bits
   User-selectable external or internal reference
      External reference default
      On-chip 1.25 V/2.5 V, 5 ppm/°C reference
   10-lead MSOP and 3 mm × 3 mm LFCSP
   2.7 V to 5.5 V power supply
   Guaranteed monotonic by design
   Power-on reset to zero scale
   Per channel power-down
   Serial interface up to 50 MHz
   Hardware LDAC and CLR functions

APPLICATIONS
   Process control
   Data acquisition systems
   Portable battery-powered instruments
   Digital gain and offset adjustment
   Programmable voltage and current sources
   Programmable attenuators




Número de pieza similar - AD5623RBCPZ-3R2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD5623RBCPZ-3R2 AD-AD5623RBCPZ-3R2 Datasheet
967Kb / 32P
   Dual 12-/14-/16-Bit nanoDAC with 5 ppm/ C On-Chip Reference
Rev. F
AD5623RBCPZ-3R2 AD-AD5623RBCPZ-3R2 Datasheet
967Kb / 32P
   Dual 12-/14-/16-Bit nanoDAC with 5 ppm/C On-Chip Reference
Rev. F
AD5623RBCPZ-3R2 AD-AD5623RBCPZ-3R2 Datasheet
1Mb / 32P
   Dual 12-/14-/16-Bit nanoDAC
More results


Descripción similar - AD5623RBCPZ-3R2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD5623RBCPZ-5REEL7 AD-AD5623RBCPZ-5REEL7 Datasheet
967Kb / 32P
   Dual 12-/14-/16-Bit nanoDAC with 5 ppm/ C On-Chip Reference
Rev. F
AD5623RARMZ-5 AD-AD5623RARMZ-5 Datasheet
967Kb / 32P
   Dual 12-/14-/16-Bit nanoDAC with 5 ppm/C On-Chip Reference
Rev. F
AD5620 AD-AD5620_15 Datasheet
661Kb / 28P
   Single, 12-/14-/16-Bit nanoDAC with 5 ppm/C On-Chip Reference in SOT-23
Rev. G
AD5640 AD-AD5640_15 Datasheet
661Kb / 28P
   Single, 12-/14-/16-Bit nanoDAC with 5 ppm/C On-Chip Reference in SOT-23
Rev. G
AD5620 AD-AD5620 Datasheet
558Kb / 24P
   Single, 12-/14-/16-Bit nanoDAC with 5 ppm/C On-Chip Reference in SOT-23
REV. A
AD5660 AD-AD5660_15 Datasheet
661Kb / 28P
   Single, 12-/14-/16-Bit nanoDAC with 5 ppm/C On-Chip Reference in SOT-23
Rev. G
AD5624R AD-AD5624R_15 Datasheet
1Mb / 28P
   Quad, 12-/14-/16-Bit nanoDACs with 5 ppm/C On-Chip Reference
REV. C
AD5664R AD-AD5664R_15 Datasheet
1Mb / 28P
   Quad, 12-/14-/16-Bit nanoDACs with 5 ppm/C On-Chip Reference
REV. C
AD5644R AD-AD5644R_15 Datasheet
1Mb / 28P
   Quad, 12-/14-/16-Bit nanoDACs with 5 ppm/C On-Chip Reference
REV. C
AD5624R AD-AD5624R Datasheet
1Mb / 28P
   Quad, 12-/14-/16-Bit nanoDACs with 5 ppm/C On-Chip Reference
REV. A
More results




Acerca de Analog Devices


Analog Devices, Inc. (ADI) es una empresa que cotiza en bolsa que diseña, desarrolla y fabrica circuitos integrados (ICS) analógicos, de señal mixtos y digitales (DSP).
La compañía fue fundada en 1965 y tiene su sede en Norwood, Massachusetts.
ADI sirve una amplia gama de industrias, incluidas aeroespaciales y defensa, automotriz, comunicaciones, consumidores, industriales, médicos y pruebas y medidas.
La cartera de productos de la compañía incluye convertidores de datos, amplificadores y comparadores, ICS de administración de energía, microcontroladores, sensores y radiofrecuencia (RF) y componentes de microondas, entre otros.
ADI se dedica a la innovación y la satisfacción del cliente, y se compromete a proporcionar a sus clientes soluciones confiables y de alta calidad para satisfacer sus necesidades.
Con un enfoque en la eficiencia energética y la sostenibilidad, ADI es un líder en la industria de IC analógicas y de señal mixta, impulsando los avances tecnológicos y proporcionando soluciones innovadoras a los problemas más desafiantes del mundo.

*Esta información es solo para fines informativos generales, no seremos responsables de ninguna pérdida o daño causado por la información anterior.




Enlace URL



Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com