Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC13180 Datasheet (PDF) - Motorola, Inc

MC13180 Datasheet PDF - Motorola, Inc
No. de pieza MC13180
Descarga  MC13180 Descarga

Tamaño del archivo   995.78 Kbytes
Page   58 Pages
Fabricante Electrónico  MOTOROLA [Motorola, Inc]
Página de inicio  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Descripción Electrónicos 2.4 GHz Low Power Wireless Transceiver IC for Bluetooth??Applications

MC13180 Datasheet (PDF)

Go To PDF Page Descarga Datasheet
MC13180 Datasheet PDF - Motorola, Inc

No. de pieza MC13180
Descarga  MC13180 Click to download

Tamaño del archivo   995.78 Kbytes
Page   58 Pages
Fabricante Electrónico  MOTOROLA [Motorola, Inc]
Página de inicio  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Descripción Electrónicos 2.4 GHz Low Power Wireless Transceiver IC for Bluetooth??Applications

MC13180 Datasheet (HTML) - Motorola, Inc

Back Button MC13180 Datasheet HTML 1Page - Motorola, Inc MC13180 Datasheet HTML 2Page - Motorola, Inc MC13180 Datasheet HTML 3Page - Motorola, Inc MC13180 Datasheet HTML 4Page - Motorola, Inc MC13180 Datasheet HTML 5Page - Motorola, Inc MC13180 Datasheet HTML 6Page - Motorola, Inc MC13180 Datasheet HTML 7Page - Motorola, Inc MC13180 Datasheet HTML 8Page - Motorola, Inc MC13180 Datasheet HTML 9Page - Motorola, Inc MC13180 Datasheet HTML 10Page - Motorola, Inc Next Button 

MC13180 Detalles de producto

The MC13180 2.4 GHz Low Power Wireless Transceiver for Bluetooth™ is a part of the comprehensive Bluetooth platform from Motorola that provides a complete, low-power Bluetooth Radio System for Bluetooth Class 1 or 2 power systems. The design is based on Motorolas third-generation Bluetooth architecture that has set the industry standard for interoperability, complete functionality, and compliance with the Bluetooth specification. When combined with a specified Motorola baseband controller such as the MC71000 or MC9328MX1, a complete Bluetooth solution can be realized.

The MC13180 provides a unique combination of sensitivity, excellent C/I performance, and low power consumption. These performance parameters are extremely important to maintaining a robust link in high RF interference environments such as mobile phones, high density Bluetooth networks, 802.11b networks, microwave ovens, etc.

• Power Supply Range: 2.5 to 3.1 V
• Low Current Drain in Transmit (27 mA Peak) or Receive (37 mA Peak) Mode
• Minimum External Components
• Low IF Receiver with On-Chip Filters
• Fully Integrated Demodulator with A/D
• Direct Launch Transmitter
• Multi-Accumulator, Dual-Port, Fractional-N Synthesizer
• RSSI with A/D
• Bluetooth Class I Compatible
• Crystal Independent (12 to 15 MHz) Reference Oscillator or 12 to 26 MHz if supplied externally




Número de pieza similar - MC13180

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Motorola, Inc
MC13181 MOTOROLA-MC13181 Datasheet
213Kb / 18P
   Wireless Power Management Integrated Circuit
MC13181R2 MOTOROLA-MC13181R2 Datasheet
213Kb / 18P
   Wireless Power Management Integrated Circuit
More results


Descripción similar - MC13180

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
NXH3670UK NXP-NXH3670UK Datasheet
366Kb / 45P
   Ultra-low power 2.4 GHz Bluetooth Low Energy transceiver for audio streaming
Rev. 3.2-13 December 2019
logo
Texas Instruments
CC2540T TI-CC2540T_15 Datasheet
1,014Kb / 37P
[Old version datasheet]   SimpleLink CC2540T 2.4-GHz Bluetooth Low Energy Wireless MCU
logo
Infineon Technologies A...
PMB6625 INFINEON-PMB6625 Datasheet
33Kb / 1P
   Transceiver for Bluetooth FH-SS 2.4 GHz Systems
01.01
logo
Pulse A Technitrol Comp...
W1027 PULSE-W1027 Datasheet
213Kb / 2P
   Wireless External Antenna for 2.4 GHz Applications
W1038M PULSE-W1038M Datasheet
660Kb / 8P
   Wireless External Antenna for 2.4 GHz Applications
W1030 PULSE-W1030 Datasheet
1Mb / 2P
   Wireless External Antenna for 2.4 GHz Applications
W1038 PULSE-W1038 Datasheet
774Kb / 2P
   Wireless External Antenna for 2.4 GHz Applications
W1038X PULSE-W1038X Datasheet
936Kb / 10P
   Wireless External Antenna for 2.4 GHz Applications
W1038 PULSE-W1038_17 Datasheet
660Kb / 8P
   Wireless External Antenna for 2.4 GHz Applications
logo
ATMEL Corporation
AT86RF231-ZU ATMEL-AT86RF231-ZU_09 Datasheet
4Mb / 198P
   Low Power 2.4 GHz Transceiver for ZigBee
More results




Acerca de Motorola, Inc


Motorola, Inc. era una compañía de telecomunicaciones multinacional estadounidense que fue fundada en 1928. Tenía su sede en Schaumburg, Illinois y fue uno de los mayores proveedores de teléfonos móviles, equipos de telecomunicaciones y semiconductores. A lo largo de su historia, Motorola fue conocida por su innovación en el campo de las telecomunicaciones, incluido el desarrollo del primer teléfono celular disponible comercialmente, el Dynatac y el primer buscapersonas de dos vías del mundo, el Pageboy.

En 2011, Motorola se dividió en dos compañías separadas: Motorola Mobility y Motorola Solutions. Google luego adquirió la movilidad de Motorola en Google en 2012, y ahora es una subsidiaria de Lenovo. Motorola Solutions se centra en la seguridad pública y las soluciones de comunicación comercial e industrial. La compañía proporciona una amplia gama de productos que incluyen radios bidireccionales, dispositivos de computación móvil y equipos de infraestructura de red.

Motorola fue uno de los pioneros de la industria de los teléfonos móviles y tiene una rica historia de innovación y avances tecnológicos. El legado de la compañía continúa a través de sus subsidiarias y sus tecnología y productos continúan utilizándose en todo el mundo.

*Esta información es solo para fines informativos generales, no seremos responsables de ninguna pérdida o daño causado por la información anterior.




Enlace URL



Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com