Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

GS71116AU-10I Datasheet (PDF) - List of Unclassifed Manufacturers

GS71116AU-10I Datasheet PDF - List of Unclassifed Manufacturers
No. de pieza GS71116AU-10I
Descarga  GS71116AU-10I Descarga

Tamaño del archivo   398.39 Kbytes
Page   16 Pages
Fabricante Electrónico  ETC1 [List of Unclassifed Manufacturers]
Página de inicio  
Logo ETC1 - List of Unclassifed Manufacturers
Descripción Electrónicos 1Mb Asynchronous SRAM

GS71116AU-10I Datasheet (PDF)

Go To PDF Page Descarga Datasheet
GS71116AU-10I Datasheet PDF - List of Unclassifed Manufacturers

No. de pieza GS71116AU-10I
Descarga  GS71116AU-10I Click to download

Tamaño del archivo   398.39 Kbytes
Page   16 Pages
Fabricante Electrónico  ETC1 [List of Unclassifed Manufacturers]
Página de inicio  
Logo ETC1 - List of Unclassifed Manufacturers
Descripción Electrónicos 1Mb Asynchronous SRAM

GS71116AU-10I Datasheet (HTML) - List of Unclassifed Manufacturers

Back Button GS71116AU-10I Datasheet HTML 1Page - List of Unclassifed Manufacturers GS71116AU-10I Datasheet HTML 2Page - List of Unclassifed Manufacturers GS71116AU-10I Datasheet HTML 3Page - List of Unclassifed Manufacturers GS71116AU-10I Datasheet HTML 4Page - List of Unclassifed Manufacturers GS71116AU-10I Datasheet HTML 5Page - List of Unclassifed Manufacturers GS71116AU-10I Datasheet HTML 6Page - List of Unclassifed Manufacturers GS71116AU-10I Datasheet HTML 7Page - List of Unclassifed Manufacturers GS71116AU-10I Datasheet HTML 8Page - List of Unclassifed Manufacturers GS71116AU-10I Datasheet HTML 9Page - List of Unclassifed Manufacturers GS71116AU-10I Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button 

GS71116AU-10I Detalles de producto

[Giga Semiconductor, Inc.]

Description
The GS71116A is a high speed CMOS static RAM organized as 65,536-words by 16-bits. Static design eliminates the need for external clocks or timing strobes. Operating on a single 3.3 V power supply and all inputs and outputs are TTL-compatible. The GS71116A is available in a 6 mm x 8 mm Fine Pitch BGA package, as well as in 400 mil SOJ and 400 mil TSOP Type-II packages.

Features
• Fast access time: 7, 8, 10, 12 ns
• CMOS low power operation: 145/125/100/85 mA at minimum cycle time
• Single 3.3 V power supply
• All inputs and outputs are TTL-compatible
• Byte control
• Fully static operation
• Industrial Temperature Option: –40° to 85°C
• Package line up
    J: 400 mil, 44-pin SOJ package
    TP: 400 mil, 44-pin TSOP Type II package
    U: 6 mm x 8 mm Fine Pitch Ball Grid Array package
   




Número de pieza similar - GS71116AU-10I

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
GSI Technology
GS71116AU-10I GSI-GS71116AU-10I Datasheet
122Kb / 14P
   64K x 16 1Mb Asynchronous SRAM
More results


Descripción similar - GS71116AU-10I

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
GS71116TP ETC1-GS71116TP Datasheet
220Kb / 15P
   1Mb Asynchronous SRAM
logo
GSI Technology
GS71116AU-10I GSI-GS71116AU-10I Datasheet
122Kb / 14P
   64K x 16 1Mb Asynchronous SRAM
GS71108TP GSI-GS71108TP Datasheet
271Kb / 14P
   128K x 8 1Mb Asynchronous SRAM
logo
List of Unclassifed Man...
GS71108ATP ETC2-GS71108ATP_06 Datasheet
641Kb / 16P
   128K x 8 1Mb Asynchronous SRAM
GS71108ATP ETC-GS71108ATP Datasheet
410Kb / 14P
   128K x 8 1Mb Asynchronous SRAM
logo
GSI Technology
GS71208TP GSI-GS71208TP Datasheet
382Kb / 11P
   128K x 8 1Mb Asynchronous SRAM
GS71216TP GSI-GS71216TP Datasheet
184Kb / 12P
   64K x 16 1Mb Asynchronous SRAM
logo
ON Semiconductor
N01L6183A ONSEMI-N01L6183A Datasheet
1Mb / 10P
   1Mb Ultra-Low Power Asynchronous CMOS SRAM
July 2008 - Rev. 8
logo
NanoAmp Solutions, Inc.
N01L163WN1A NANOAMP-N01L163WN1A Datasheet
260Kb / 10P
   1Mb Ultra-Low Power Asynchronous CMOS SRAM
N01L083WC2A NANOAMP-N01L083WC2A Datasheet
118Kb / 1P
   1Mb Ultra-Low Power Asynchronous CMOS SRAM
More results



Enlace URL



Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com