Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

M62222L Datasheet (PDF) - Mitsubishi Electric Semiconductor

M62222L Datasheet PDF - Mitsubishi Electric Semiconductor
No. de pieza M62222L
Descarga  M62222L Descarga

Tamaño del archivo   25.11 Kbytes
Page   3 Pages
Fabricante Electrónico  MITSUBISHI [Mitsubishi Electric Semiconductor]
Página de inicio  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor
Descripción Electrónicos 2.7V FIXED OUTPUT VOLTAGE DC-DC CONVERTER

M62222L Datasheet (PDF)

Go To PDF Page Descarga Datasheet
M62222L Datasheet PDF - Mitsubishi Electric Semiconductor

No. de pieza M62222L
Descarga  M62222L Click to download

Tamaño del archivo   25.11 Kbytes
Page   3 Pages
Fabricante Electrónico  MITSUBISHI [Mitsubishi Electric Semiconductor]
Página de inicio  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor
Descripción Electrónicos 2.7V FIXED OUTPUT VOLTAGE DC-DC CONVERTER

M62222L Datasheet (HTML) - Mitsubishi Electric Semiconductor

M62222L Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M62222L Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M62222L Datasheet HTML 3Page - Mitsubishi Electric Semiconductor

M62222L Detalles de producto

GENERAL DESCRIPTION
M62222 is a general purpose DC-DC converter which provides a 2.7V fixed output voltage.
It is possible to simplify the peripheral circuit and to design compact and low cost sets because this IC, housed in a small 5- or 8-pin package includes necessary peripheral components.
Especially this is most suitable for CD-ROM, Disk Drive sets and PDA as a converter from 5V to 2.7V .

FEATURES
• Wide operation supply voltage range ·········· 4 to 15 V
• Low power consumption ·········· 900 µA(max.)
• Built-in oscillator without external components (110KHz typ.)
• Built-in over current protection circuit
• Small 5-pin SIP and 8-pin SOP packages

APPLICATIONS
    CD-ROM, PDA, general purpose electric products




Número de pieza similar - M62222L

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
M62222L RENESAS-M62222L Datasheet
167Kb / 6P
   2.7 V Fixed Output Voltage DC/DC Converter
More results


Descripción similar - M62222L

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Mitsubishi Electric Sem...
M62221L MITSUBISHI-M62221L Datasheet
25Kb / 3P
   3.0V FIXED OUTPUT VOLTAGE DC-DC CONVERTER
M62220L MITSUBISHI-M62220L Datasheet
25Kb / 3P
   3.3V FIXED OUTPUT VOLTAGE DC-DC CONVERTER
M62290L MITSUBISHI-M62290L Datasheet
56Kb / 7P
   5.0V FIXED OUTPUT VOLTAGE DC-DC CONVERTER
logo
Renesas Technology Corp
M62222L RENESAS-M62222L Datasheet
167Kb / 6P
   2.7 V Fixed Output Voltage DC/DC Converter
M62290L RENESAS-M62290L_07 Datasheet
141Kb / 11P
   5.0 V Fixed Output Voltage DC/DC Converter
M62221L RENESAS-M62221L Datasheet
167Kb / 6P
   3.0 V Fixed Output Voltage DC/DC Converter
M62220L RENESAS-M62220L Datasheet
114Kb / 7P
   3.3 V Fixed Output Voltage DC/DC Converter
logo
Mitsubishi Electric Sem...
M62294FP MITSUBISHI-M62294FP Datasheet
49Kb / 4P
   3.3V, 2.0V FIXED 2-OUTPUT VOLTAGE DC-DC CONVERTER
M62292FP MITSUBISHI-M62292FP Datasheet
31Kb / 4P
   3.3V, 1.8V FIXED 2-OUTPUT VOLTAGE DC-DC CONVERTER
logo
Renesas Technology Corp
M62292FP RENESAS-M62292FP_07 Datasheet
115Kb / 7P
   3.3 V, 1.8 V Fixed 2-Output Voltage DC/DC Converter
More results



Enlace URL



Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com