Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

X1228S14IZ-2.7A Datasheet (PDF) - Intersil Corporation

X1228S14IZ-2.7A Datasheet PDF - Intersil Corporation
No. de pieza X1228S14IZ-2.7A
Descarga  X1228S14IZ-2.7A Descarga

Tamaño del archivo   430.59 Kbytes
Page   29 Pages
Fabricante Electrónico  INTERSIL [Intersil Corporation]
Página de inicio  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Descripción Electrónicos Real Time Clock/Calendar/CPU Supervisor with EEPROM

X1228S14IZ-2.7A Datasheet (PDF)

Go To PDF Page Descarga Datasheet
X1228S14IZ-2.7A Datasheet PDF - Intersil Corporation

No. de pieza X1228S14IZ-2.7A
Descarga  X1228S14IZ-2.7A Click to download

Tamaño del archivo   430.59 Kbytes
Page   29 Pages
Fabricante Electrónico  INTERSIL [Intersil Corporation]
Página de inicio  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Descripción Electrónicos Real Time Clock/Calendar/CPU Supervisor with EEPROM

X1228S14IZ-2.7A Datasheet (HTML) - Intersil Corporation

Back Button X1228S14IZ-2.7A Datasheet HTML 1Page - Intersil Corporation X1228S14IZ-2.7A Datasheet HTML 2Page - Intersil Corporation X1228S14IZ-2.7A Datasheet HTML 3Page - Intersil Corporation X1228S14IZ-2.7A Datasheet HTML 4Page - Intersil Corporation X1228S14IZ-2.7A Datasheet HTML 5Page - Intersil Corporation X1228S14IZ-2.7A Datasheet HTML 6Page - Intersil Corporation X1228S14IZ-2.7A Datasheet HTML 7Page - Intersil Corporation X1228S14IZ-2.7A Datasheet HTML 8Page - Intersil Corporation X1228S14IZ-2.7A Datasheet HTML 9Page - Intersil Corporation X1228S14IZ-2.7A Datasheet HTML 10Page - Intersil Corporation Next Button 

X1228S14IZ-2.7A Detalles de producto

Real Time Clock/Calendar/CPU Supervisor with EEPROM



FEATURES

• Real Time Clock/Calendar

   — Tracks Time in Hours, Minutes, and Seconds

   — Day of the Week, Day, Month, and Year

• 2 Polled Alarms (Non-volatile)

   — Settable on the Second, Minute, Hour, Day of the Week, Day, or Month

   — Repeat Mode (periodic interrupts)

• Oscillator Compensation on Chip

   — Internal Feedback Resistor and Compensation Capacitors

   — 64 Position Digitally Controlled Trim Capacitor

   — 6 Digital Frequency Adjustment Settings to ±30ppm

• CPU Supervisor Functions

   — Power-On Reset, Low Voltage Sense

   — Watchdog Timer (SW Selectable: 0.25s, 0.75s, 1.75s, off)

• Battery Switch or Super Cap Input

• 512 x 8 Bits of EEPROM

   — 64-Byte Page Write Mode

   — 8 Modes of Block Lock™ Protection

   — Single Byte Write Capability

• High Reliability

   — Data Retention: 100 Years

   — Endurance: 100,000 Cycles Per Byte

• 2-Wire™ Interface Interoperable with I2C*

   — 400kHz Data Transfer Rate

• Frequency Output (SW Selectable: Off, 1Hz, 4096Hz, or 32.768kHz)

• Low Power CMOS

   — 1.25µA Operating Current (Typical)

• Small Package Options

   — 14 Ld SOIC and 14 Ld TSSOP

• Repetitive Alarms

• Temperature Compensation

• Pb-Free Plus Anneal Available (RoHS Compliant)



APPLICATIONS

• Utility Meters

• HVAC Equipment

• Audio/Video Components

• Set Top Box/Television

• Modems

• Network Routers, Hubs, Switches, Bridges

• Cellular Infrastructure Equipment

• Fixed Broadband Wireless Equipment

• Pagers/PDA

• POS Equipment

• Test Meters/Fixtures

• Office Automation (Copiers, Fax)

• Home Appliances

• Computer Products

• Other Industrial/Medical/Automotive



 




Número de pieza similar - X1228S14IZ-2.7A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
X1228S14IZ-2.7A INTERSIL-X1228S14IZ-2.7A Datasheet
421Kb / 29P
   Real Time Clock/Calendar/CPU Supervisor with EEPROM
logo
Renesas Technology Corp
X1228S14IZ-2.7A RENESAS-X1228S14IZ-2.7A Datasheet
1Mb / 29P
   4K (512 x 8), 2-Wire ??RTC Real Time Clock/Calendar/CPU Supervisor with EEPROM
More results


Descripción similar - X1228S14IZ-2.7A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Xicor Inc.
X1228 XICOR-X1228 Datasheet
569Kb / 31P
   Real Time Clock/Calendar/CPU Supervisor with EEPROM
X1227 XICOR-X1227 Datasheet
442Kb / 28P
   Real Time Clock/Calendar/CPU Supervisor with EEPROM
logo
Intersil Corporation
X1228 INTERSIL-X1228_06 Datasheet
421Kb / 29P
   Real Time Clock/Calendar/CPU Supervisor with EEPROM
X1286 INTERSIL-X1286_06 Datasheet
473Kb / 25P
   Intersil Real Time Clock/Calendar/CPU Supervisor with EEPROM
X1286V14T1 INTERSIL-X1286V14T1 Datasheet
482Kb / 25P
   Intersil Real Time Clock/Calendar/CPU Supervisor with EEPROM
April 14, 2006
X1286 INTERSIL-X1286 Datasheet
365Kb / 25P
   Intersil Real Time Clock/Calendar/CPU Supervisor with EEPROM X1286
X1288 INTERSIL-X1288 Datasheet
428Kb / 27P
   2-Wire??RTC Real Time Clock/Calendar/CPU Supervisor with EEPROM
logo
Renesas Technology Corp
X1288 RENESAS-X1288 Datasheet
1Mb / 27P
   2-Wire??RTC Real Time Clock/Calendar/CPU Supervisor with EEPROM
logo
Xicor Inc.
X1288 XICOR-X1288 Datasheet
560Kb / 31P
   2-Wire RTC Real Time Clock/Calendar/CPU Supervisor with EEPROM
logo
Intersil Corporation
ISL12027 INTERSIL-ISL12027_10 Datasheet
390Kb / 28P
   Real Time Clock/Calendar with EEPROM
More results




Acerca de Intersil Corporation


Intersil Corporation era una compañía de semiconductores estadounidenses que se especializó en el diseño y fabricación de circuitos integrados analógicos y de señal mixta de alto rendimiento.
La compañía fue fundada en 1967 y era conocida por su experiencia en gestión de energía, conversión de datos y tecnologías de radiofrecuencia (RF).
Los productos de Intersil se utilizaron en una amplia gama de aplicaciones, como la electrónica de consumo, industrial, telecomunicaciones y aeroespacial y defensa.
En 2016, Intersil fue adquirido por Renesas Electronics Corporation, una empresa de semiconductores japoneses.
La marca y la tecnología Intersil continúan desarrollándose y vendiendo como parte de la cartera de productos de Renesas.

*Esta información es solo para fines informativos generales, no seremos responsables de ninguna pérdida o daño causado por la información anterior.




Enlace URL



Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com