Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

PHPT60415NY Datasheet (PDF) - Nexperia B.V. All rights reserved

PHPT60415NY Datasheet PDF - Nexperia B.V. All rights reserved
No. de pieza PHPT60415NY
Descarga  PHPT60415NY Descarga

Tamaño del archivo   274.41 Kbytes
Page   13 Pages
Fabricante Electrónico  NEXPERIA [Nexperia B.V. All rights reserved]
Página de inicio  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Descripción Electrónicos 40 V, 15 A NPN high power bipolar transistor

PHPT60415NY Datasheet (PDF)

Go To PDF Page Descarga Datasheet
PHPT60415NY Datasheet PDF - Nexperia B.V. All rights reserved

No. de pieza PHPT60415NY
Descarga  PHPT60415NY Click to download

Tamaño del archivo   274.41 Kbytes
Page   13 Pages
Fabricante Electrónico  NEXPERIA [Nexperia B.V. All rights reserved]
Página de inicio  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Descripción Electrónicos 40 V, 15 A NPN high power bipolar transistor

PHPT60415NY Datasheet (HTML) - Nexperia B.V. All rights reserved

Back Button PHPT60415NY Datasheet HTML 1Page - Nexperia B.V. All rights reserved PHPT60415NY Datasheet HTML 2Page - Nexperia B.V. All rights reserved PHPT60415NY Datasheet HTML 3Page - Nexperia B.V. All rights reserved PHPT60415NY Datasheet HTML 4Page - Nexperia B.V. All rights reserved PHPT60415NY Datasheet HTML 5Page - Nexperia B.V. All rights reserved PHPT60415NY Datasheet HTML 6Page - Nexperia B.V. All rights reserved PHPT60415NY Datasheet HTML 7Page - Nexperia B.V. All rights reserved PHPT60415NY Datasheet HTML 8Page - Nexperia B.V. All rights reserved PHPT60415NY Datasheet HTML 9Page - Nexperia B.V. All rights reserved PHPT60415NY Datasheet HTML 10Page - Nexperia B.V. All rights reserved Next Button 

PHPT60415NY Detalles de producto

General description
NPN high power bipolar transistor in a SOT669 (LFPAK56) Surface-Mounted Device (SMD) power plastic package.

PNP complement: PHPT60415PY

Features and benefits
• High thermal power dissipation capability
• High temperature applications up to 175 °C
• Reduced Printed Circuit Board (PCB) requirements comparing to transistors in DPAK
• High energy efficiency due to less heat generation
• AEC-Q101 qualified.

Applications
• Power management
• Load switch
• Linear mode voltage regulator
• Backlighting applications
• Motor drive
• Relay replacement




Número de pieza similar - PHPT60415NY

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
PHPT60415NY PHILIPS-PHPT60415NY_15 Datasheet
253Kb / 17P
   40 V, 15 A NPN high power bipolar transistor
27 May 2015
More results


Descripción similar - PHPT60415NY

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
PHPT60415NY PHILIPS-PHPT60415NY_15 Datasheet
253Kb / 17P
   40 V, 15 A NPN high power bipolar transistor
27 May 2015
logo
Nexperia B.V. All right...
PHPT60415PY NEXPERIA-PHPT60415PY Datasheet
272Kb / 13P
   40 V, 15 A PNP high power bipolar transistor
15 January 2019
logo
NXP Semiconductors
PHPT60415PY NXP-PHPT60415PY Datasheet
252Kb / 17P
   40 V, 15 A PNP high power bipolar transistor
27 May 2015
logo
Nexperia B.V. All right...
PHPT60406NY NEXPERIA-PHPT60406NY Datasheet
723Kb / 16P
   40 V, 6 A NPN high power bipolar transistor
PHPT60410NY NEXPERIA-PHPT60410NY Datasheet
719Kb / 15P
   40 V, 10 A NPN high power bipolar transistor
27 January 2015
logo
NXP Semiconductors
PHPT60410NY NXP-PHPT60410NY Datasheet
242Kb / 15P
   40 V, 10 A NPN high power bipolar transistor
27 January 2015
PHPT60410PY NXP-PHPT60410PY Datasheet
254Kb / 16P
   40 V, 10 A PNP high power bipolar transistor
21 January 2015
logo
Nexperia B.V. All right...
PHPT60410PY NEXPERIA-PHPT60410PY Datasheet
730Kb / 16P
   40 V, 10 A PNP high power bipolar transistor
21 January 2015
PHPT60406PY NEXPERIA-PHPT60406PY Datasheet
719Kb / 15P
   40 V, 6 A PNP high power bipolar transistor
logo
STMicroelectronics
2N2219AHR STMICROELECTRONICS-2N2219AHR Datasheet
133Kb / 9P
   Hi-Rel NPN bipolar transistor 40 V, 0.8 A
More results



Enlace URL



Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com