Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74HCT163D-Q100 Datasheet (PDF) - Nexperia B.V. All rights reserved

74HCT163D-Q100 Datasheet PDF - Nexperia B.V. All rights reserved
No. de pieza 74HCT163D-Q100
Descarga  74HCT163D-Q100 Descarga

Tamaño del archivo   294.01 Kbytes
Page   19 Pages
Fabricante Electrónico  NEXPERIA [Nexperia B.V. All rights reserved]
Página de inicio  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Descripción Electrónicos Presettable synchronous 4-bit binary counter; synchronous reset

74HCT163D-Q100 Datasheet (PDF)

Go To PDF Page Descarga Datasheet
74HCT163D-Q100 Datasheet PDF - Nexperia B.V. All rights reserved

No. de pieza 74HCT163D-Q100
Descarga  74HCT163D-Q100 Click to download

Tamaño del archivo   294.01 Kbytes
Page   19 Pages
Fabricante Electrónico  NEXPERIA [Nexperia B.V. All rights reserved]
Página de inicio  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Descripción Electrónicos Presettable synchronous 4-bit binary counter; synchronous reset

74HCT163D-Q100 Datasheet (HTML) - Nexperia B.V. All rights reserved

Back Button 74HCT163D-Q100 Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74HCT163D-Q100 Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74HCT163D-Q100 Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74HCT163D-Q100 Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74HCT163D-Q100 Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74HCT163D-Q100 Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74HCT163D-Q100 Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74HCT163D-Q100 Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74HCT163D-Q100 Datasheet HTML 9Page - Nexperia B.V. All rights reserved 74HCT163D-Q100 Datasheet HTML 10Page - Nexperia B.V. All rights reserved Next Button 

74HCT163D-Q100 Detalles de producto

General description
The 74HC163-Q100; 74HCT163-Q100 is a synchronous presettable binary counter with an internal look-head carry. Synchronous operation is provided by having all flip-flops clocked simultaneously on the positive-going edge of the clock (CP). The outputs (Q0 to Q3) of the counters may be preset to a HIGH or LOW. A LOW at the parallel enable input (PE) disables the counting action. It causes the data at the data inputs (D0 to D3) to be loaded into the counter on the positive-going edge of the clock. Preset takes place regardless of the levels at count enable inputs (CEP and CET). A LOW at the master reset input (MR) sets Q0 to Q3 LOW after the next positive-going transition on the clock input (CP). This action occurs regardless of the levels at input pins PE, CET and CEP. This synchronous reset feature enables the designer to modify the maximum count with only one external NAND gate. The look-ahead carry simplifies serial cascading of the counters. Both CEP and CET must be HIGH to count. The CET input is fed forward to enable the terminal count output (TC). The TC output thus enabled will produce a HIGH output pulse of a duration approximately equal to a HIGH output of Q0. This pulse can be used to enable the next cascaded stage. Inputs include clamp diodes. This enables the use of current limiting resistors to interface inputs to voltages in excess of VCC.

Features and benefits
• Automotive product qualification in accordance with AEC-Q100 (Grade 1)
   • Specified from -40 °C to +85 °C and from -40 °C to +125 °C
• Complies with JEDEC standard no. 7A
• Input levels:
   • For 74HC163: CMOS level
   • For 74HCT163: TTL level
• Synchronous counting and loading
• 2 count enable inputs for n-bit cascading
• Synchronous reset
• Positive-edge triggered clock
• ESD protection:
   • MIL-STD-883, method 3015 exceeds 2000 V
   • HBM JESD22-A114F exceeds 2000 V
   • MM JESD22-A115-A exceeds 200 V (C = 200 pF; R = 0 Ω)
• Multiple package options




Número de pieza similar - 74HCT163D-Q100

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Nexperia B.V. All right...
74HCT163D-Q100 NEXPERIA-74HCT163D-Q100 Datasheet
292Kb / 19P
   Presettable synchronous 4-bit binary counter; synchronous reset
Rev. 2 - 12 October 2018
More results


Descripción similar - 74HCT163D-Q100

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
74LV163 PHILIPS-74LV163 Datasheet
142Kb / 14P
   Presettable synchronous 4-bit binary counter; synchronous reset
1998 Apr 30
logo
Nexperia B.V. All right...
74HCT163 NEXPERIA-74HCT163 Datasheet
309Kb / 20P
   Presettable synchronous 4-bit binary counter; synchronous reset
Rev. 5 - 12 October 2018
logo
NXP Semiconductors
74HC163 PHILIPS-74HC163 Datasheet
86Kb / 11P
   Presettable synchronous 4-bit binary counter; synchronous reset
December 1990
logo
Nexperia B.V. All right...
74LVC163 NEXPERIA-74LVC163 Datasheet
295Kb / 18P
   Presettable synchronous 4-bit binary counter; synchronous reset
Rev. 7 - 19 April 2021
logo
NXP Semiconductors
74LVC163 PHILIPS-74LVC163 Datasheet
115Kb / 12P
   Presettable synchronous 4-bit binary counter; synchronous reset
1998 May 20
logo
Nexperia B.V. All right...
74HCT163-Q100 NEXPERIA-74HCT163-Q100 Datasheet
292Kb / 19P
   Presettable synchronous 4-bit binary counter; synchronous reset
Rev. 2 - 12 October 2018
logo
NXP Semiconductors
74HC161 PHILIPS-74HC161 Datasheet
83Kb / 12P
   Presettable synchronous 4-bit binary counter; asynchronous reset
December 1990
74LV161 PHILIPS-74LV161 Datasheet
148Kb / 16P
   Presettable synchronous 4-bit binary counter; asynchronous reset
1997 May 15
logo
Nexperia B.V. All right...
74HC161-Q100 NEXPERIA-74HC161-Q100 Datasheet
272Kb / 17P
   Presettable synchronous 4-bit binary counter; asynchronous reset
74HC161 NEXPERIA-74HC161 Datasheet
279Kb / 17P
   Presettable synchronous 4-bit binary counter; asynchronous reset
Rev. 5 - 16 March 2021
More results



Enlace URL



Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com