Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74HC2G32-Q100 Datasheet (PDF) - Nexperia B.V. All rights reserved

74HC2G32-Q100 Datasheet PDF - Nexperia B.V. All rights reserved
No. de pieza 74HC2G32-Q100
Descarga  74HC2G32-Q100 Descarga

Tamaño del archivo   212.94 Kbytes
Page   12 Pages
Fabricante Electrónico  NEXPERIA [Nexperia B.V. All rights reserved]
Página de inicio  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Descripción Electrónicos Dual 2-input OR gate

74HC2G32-Q100 Datasheet (PDF)

Go To PDF Page Descarga Datasheet
74HC2G32-Q100 Datasheet PDF - Nexperia B.V. All rights reserved

No. de pieza 74HC2G32-Q100
Descarga  74HC2G32-Q100 Click to download

Tamaño del archivo   212.94 Kbytes
Page   12 Pages
Fabricante Electrónico  NEXPERIA [Nexperia B.V. All rights reserved]
Página de inicio  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Descripción Electrónicos Dual 2-input OR gate

74HC2G32-Q100 Datasheet (HTML) - Nexperia B.V. All rights reserved

Back Button 74HC2G32-Q100 Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74HC2G32-Q100 Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74HC2G32-Q100 Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74HC2G32-Q100 Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74HC2G32-Q100 Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74HC2G32-Q100 Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74HC2G32-Q100 Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74HC2G32-Q100 Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74HC2G32-Q100 Datasheet HTML 9Page - Nexperia B.V. All rights reserved 74HC2G32-Q100 Datasheet HTML 10Page - Nexperia B.V. All rights reserved Next Button 

74HC2G32-Q100 Detalles de producto

General description
The 74HC2G32-Q100; 74HCT2G32-Q100 is a dual 2-input OR gate. Inputs include clamp diodes that enable the use of current limiting resistors to interface inputs to voltages in excess of VCC.
This product has been qualified to the Automotive Electronics Council (AEC) standard Q100 (Grade 1) and is suitable for use in automotive applications.

Features and benefits
• Automotive product qualification in accordance with AEC-Q100 (Grade 1)
   • Specified from -40 °C to +85 °C and from -40 °C to +125 °C
• Wide supply voltage range from 2.0 V to 6.0 V
• Input levels:
   • For 74HC2G32-Q100: CMOS level
   • For 74HCT2G32-Q100: TTL level
• Complies with JEDEC standard no. 7A
• Symmetrical output impedance
• High noise immunity
• Low power dissipation
• Balanced propagation delays
• ESD protection:
   • MIL-STD-883, method 3015 exceeds 2000 V
   • HBM JESD22-A114F exceeds 2000 V
   • MM JESD22-A115-A exceeds 200 V (C = 200 pF, R = 0 Ω)




Número de pieza similar - 74HC2G32-Q100

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Nexperia B.V. All right...
74HC2G32-Q100 NEXPERIA-74HC2G32-Q100 Datasheet
211Kb / 12P
   Dual 2-input OR gate
Rev. 3 - 8 February 2019
More results


Descripción similar - 74HC2G32-Q100

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
74V2T32 STMICROELECTRONICS-74V2T32 Datasheet
80Kb / 7P
   DUAL 2-INPUT OR GATE
logo
Toshiba Semiconductor
TC7W32F TOSHIBA-TC7W32F_01 Datasheet
234Kb / 7P
   DUAL 2-INPUT OR GATE
logo
Unisonic Technologies
U74AHC2G32 UTC-U74AHC2G32 Datasheet
196Kb / 5P
   DUAL 2-INPUT OR GATE
logo
ON Semiconductor
NL27WZ32 ONSEMI-NL27WZ32 Datasheet
51Kb / 6P
   Dual 2-Input OR Gate
February, 2004 ??Rev. 4
logo
Renesas Technology Corp
RD74LVC2G32 RENESAS-RD74LVC2G32 Datasheet
1Mb / 8P
   Dual 2-input OR Gate
logo
Diodes Incorporated
74LVC2G32 DIODES-74LVC2G32 Datasheet
507Kb / 11P
   DUAL 2-INPUT OR GATE
logo
Nexperia B.V. All right...
74LVC2G32 NEXPERIA-74LVC2G32 Datasheet
287Kb / 18P
   Dual 2-input OR gate
Rev. 15 - 23 June 2022
logo
Toshiba Semiconductor
TC7W32F TOSHIBA-TC7W32F Datasheet
201Kb / 6P
   DUAL 2-INPUT OR GATE
logo
NXP Semiconductors
74AHC2G32 PHILIPS-74AHC2G32 Datasheet
85Kb / 16P
   Dual 2-input OR gate
Rev. 01-23 February 2004
logo
Toshiba Semiconductor
TC7WH32FU TOSHIBA-TC7WH32FU Datasheet
195Kb / 6P
   DUAL 2-INPUT OR GATE
More results



Enlace URL



Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com