Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74HCT4852PW-Q100 Datasheet (PDF) - Nexperia B.V. All rights reserved

74HCT4852PW-Q100 Datasheet PDF - Nexperia B.V. All rights reserved
No. de pieza 74HCT4852PW-Q100
Descarga  74HCT4852PW-Q100 Descarga

Tamaño del archivo   847.92 Kbytes
Page   21 Pages
Fabricante Electrónico  NEXPERIA [Nexperia B.V. All rights reserved]
Página de inicio  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Descripción Electrónicos Dual 4-channel analog multiplexer/demultiplexer with injection-current effect control

74HCT4852PW-Q100 Datasheet (PDF)

Go To PDF Page Descarga Datasheet
74HCT4852PW-Q100 Datasheet PDF - Nexperia B.V. All rights reserved

No. de pieza 74HCT4852PW-Q100
Descarga  74HCT4852PW-Q100 Click to download

Tamaño del archivo   847.92 Kbytes
Page   21 Pages
Fabricante Electrónico  NEXPERIA [Nexperia B.V. All rights reserved]
Página de inicio  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Descripción Electrónicos Dual 4-channel analog multiplexer/demultiplexer with injection-current effect control

74HCT4852PW-Q100 Datasheet (HTML) - Nexperia B.V. All rights reserved

Back Button 74HCT4852PW-Q100 Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74HCT4852PW-Q100 Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74HCT4852PW-Q100 Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74HCT4852PW-Q100 Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74HCT4852PW-Q100 Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74HCT4852PW-Q100 Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74HCT4852PW-Q100 Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74HCT4852PW-Q100 Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74HCT4852PW-Q100 Datasheet HTML 9Page - Nexperia B.V. All rights reserved 74HCT4852PW-Q100 Datasheet HTML 10Page - Nexperia B.V. All rights reserved Next Button 

74HCT4852PW-Q100 Detalles de producto

General description
The 74HC4852-Q100; 74HCT4852-Q100 are high-speed Si-gate CMOS devices and are specified in compliance with JEDEC standard no. 7A.
The injection-current effect control allows signals at disabled analog input channels to exceed the supply voltage without affecting the signal of the enabled analog channel. This eliminates the need for external diode/resistor networks typically used to keep the analog channel signals within the supply-voltage range.

Features and benefits
■ Automotive product qualification in accordance with AEC-Q100 (Grade 1)
    ◆ Specified from -40 °C to +85 °C and from -40 °C to +125 °C
■ Injection-current cross coupling < 1 mV/mA
■ Wide supply voltage range from 2.0 V to 6.0 V for 74HC4852-Q100
■ ESD protection:
    ◆ MIL-STD-883, method 3015 exceeds 2000 V
    ◆ HBM JESD22-A114F exceeds 2000 V
    ◆ MM JESD22-A115-A exceeds 200 V (C = 200 pf, R = 0 Ω)
■ Latch-up performance exceeds 100 mA per JESD 78 Class II level A
■ Low ON-state resistance:
    ◆ 400 Ω (typical) at VCC = 2.0 V
    ◆ 215 Ω (typical) at VCC = 3.0 V
    ◆ 120 Ω (typical) at VCC = 3.3 V
    ◆ 76 Ω (typical) at VCC = 4.5 V
    ◆ 59 Ω (typical) at VCC = 6.0 V

Applications
■ Analog multiplexing and demultiplexing
■ Digital multiplexing and demultiplexing
■ Signal gating
■ Automotive application




Número de pieza similar - 74HCT4852PW-Q100

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
74HCT4852PW NXP-74HCT4852PW Datasheet
114Kb / 20P
   Dual 4-channel analog multiplexer/demultiplexer with injection-current effect control
Rev. 03-2 September 2008
logo
Nexperia B.V. All right...
74HCT4852PW NEXPERIA-74HCT4852PW Datasheet
297Kb / 19P
   Dual 4-channel analog multiplexer/demultiplexer with injection-current effect control
Rev. 4 - 28 April 2020
More results


Descripción similar - 74HCT4852PW-Q100

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
74HC_HCT4852 PHILIPS-74HC_HCT4852_15 Datasheet
123Kb / 20P
   Dual 4-channel analog multiplexer/demultiplexer with injection-current effect control
Rev. 03-2 September 2008
logo
Nexperia B.V. All right...
74HCT4852 NEXPERIA-74HCT4852 Datasheet
297Kb / 19P
   Dual 4-channel analog multiplexer/demultiplexer with injection-current effect control
Rev. 4 - 28 April 2020
logo
NXP Semiconductors
74HCT4852 NXP-74HCT4852 Datasheet
114Kb / 20P
   Dual 4-channel analog multiplexer/demultiplexer with injection-current effect control
Rev. 03-2 September 2008
logo
Texas Instruments
SN74HC4852 TI-SN74HC4852_07 Datasheet
463Kb / 22P
[Old version datasheet]   DUAL 4-TO-1 CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER WITH INJECTION-CURRENT EFFECT CONTROL
SN74HC4852-Q1 TI1-SN74HC4852-Q1 Datasheet
319Kb / 18P
[Old version datasheet]   DUAL 4-TO-1 CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER WITH INJECTION-CURRENT EFFECT CONTROL
SN74HC4852 TI-SN74HC4852_08 Datasheet
531Kb / 20P
[Old version datasheet]   DUAL 4-TO-1 CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER WITH INJECTION-CURRENT EFFECT CONTROL
logo
NXP Semiconductors
74HCT4851 NXP-74HCT4851 Datasheet
114Kb / 20P
   8-channel analog multiplexer/demultiplexer with injection-current effect control
Rev. 02-2 September 2008
logo
Texas Instruments
SN74HC4851 TI-SN74HC4851_08 Datasheet
689Kb / 21P
[Old version datasheet]   8-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER WITH INJECTION-CURRENT EFFECT CONTROL
SN74HC4851 TI-SN74HC4851_10 Datasheet
630Kb / 22P
[Old version datasheet]   8-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER WITH INJECTION-CURRENT EFFECT CONTROL
logo
NXP Semiconductors
74HC4851-Q100 NXP-74HC4851-Q100 Datasheet
260Kb / 21P
   8-channel analog multiplexer/demultiplexer with injection-current effect control
Rev. 1-2 August 2012
More results



Enlace URL



Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com