Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74LVC16374A-Q100 Datasheet (PDF) - Nexperia B.V. All rights reserved

74LVC16374A-Q100 Datasheet PDF - Nexperia B.V. All rights reserved
No. de pieza 74LVC16374A-Q100
Descarga  74LVC16374A-Q100 Descarga

Tamaño del archivo   230.64 Kbytes
Page   14 Pages
Fabricante Electrónico  NEXPERIA [Nexperia B.V. All rights reserved]
Página de inicio  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Descripción Electrónicos 16-bit edge-triggered D-type flip-flop; 5 V tolerant; 3-state

74LVC16374A-Q100 Datasheet (PDF)

Go To PDF Page Descarga Datasheet
74LVC16374A-Q100 Datasheet PDF - Nexperia B.V. All rights reserved

No. de pieza 74LVC16374A-Q100
Descarga  74LVC16374A-Q100 Click to download

Tamaño del archivo   230.64 Kbytes
Page   14 Pages
Fabricante Electrónico  NEXPERIA [Nexperia B.V. All rights reserved]
Página de inicio  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Descripción Electrónicos 16-bit edge-triggered D-type flip-flop; 5 V tolerant; 3-state

74LVC16374A-Q100 Datasheet (HTML) - Nexperia B.V. All rights reserved

Back Button 74LVC16374A-Q100 Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74LVC16374A-Q100 Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74LVC16374A-Q100 Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74LVC16374A-Q100 Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74LVC16374A-Q100 Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74LVC16374A-Q100 Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74LVC16374A-Q100 Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74LVC16374A-Q100 Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74LVC16374A-Q100 Datasheet HTML 9Page - Nexperia B.V. All rights reserved 74LVC16374A-Q100 Datasheet HTML 10Page - Nexperia B.V. All rights reserved Next Button 

74LVC16374A-Q100 Detalles de producto

General description
The 74LVC16374A-Q100 and 74LVCH16374A-Q100 are 16-bit edge-triggered flip-flops featuring separate D-type inputs with bus hold (74LVCH16374A-Q100 only) for each flip-flop and 3-state outputs for bus-oriented applications. It consists of two sections of eight positive edge-triggered flip-flops. A clock input (nCP) and an output enable (nOE) are provided for each octal.
The flip-flops store the state of their individual D-inputs that meet the set-up and hold time requirements on the LOW-to-HIGH clock (CP) transition.
When pin nOE is LOW, the contents of the flip-flops are available at the outputs. When pin nOE is HIGH, the outputs go to the high-impedance OFF-state. Operation of input nOE does not affect the state of the flip-flops.
Inputs can be driven from either 3.3 V or 5 V devices. When disabled, up to 5.5 V can be applied to the outputs. These features allow the use of these devices in mixed 3.3 V and 5 V applications.
Bus hold on data inputs eliminates the need for external pull-up resistors to hold unused inputs.
This product has been qualified to the Automotive Electronics Council (AEC) standard Q100 (Grade 1) and is suitable for use in automotive applications.

Features and benefits
• Automotive product qualification in accordance with AEC-Q100 (Grade 1)
   • Specified from -40 °C to +85 °C and from -40 °C to +125 °C
• 5 V tolerant inputs/outputs for interfacing with 5 V logic
• Wide supply voltage range from 1.2 V to 3.6 V
• CMOS low power consumption
• Multibyte flow-through standard pinout architecture
• Low inductance multiple supply pins for minimum noise and ground bounce
• Direct interface with TTL levels
• All data inputs have bus hold (74LVCH16374A-Q100 only)
• High-impedance outputs when VCC = 0 V
• Complies with JEDEC standard:
   • JESD8-7A (1.65 V to 1.95 V)
   • JESD8-5A (2.3 V to 2.7 V)
   • JESD8-C/JESD36 (2.7 V to 3.6 V)
• ESD protection:
   • MIL-STD-883, method 3015 exceeds 2000 V
   • HBM JESD22-A114F exceeds 2000 V
   • MM JESD22-A115-A exceeds 200 V (C = 200 pF; R = 0 Ω)




Número de pieza similar - 74LVC16374A-Q100

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
74LVC16374A PHILIPS-74LVC16374A Datasheet
82Kb / 10P
   16-bit edge triggered D-type flip-flop with 5 Volt tolerant inputs/outputs 3-State
1998 Mar 17
74LVC16374A NXP-74LVC16374A Datasheet
175Kb / 19P
   16-bit edge-triggered D-type flip-flop with 5 V tolerant inputs/outputs; 3-state
Rev. 07-23 March 2010
logo
Nexperia B.V. All right...
74LVC16374A NEXPERIA-74LVC16374A Datasheet
242Kb / 13P
   16-bit edge-triggered D-type flip-flop; 5 V tolerant; 3-state
Rev. 13 - 27 September 2021
logo
NXP Semiconductors
74LVC16374ABQ NXP-74LVC16374ABQ Datasheet
175Kb / 19P
   16-bit edge-triggered D-type flip-flop with 5 V tolerant inputs/outputs; 3-state
Rev. 07-23 March 2010
74LVC16374ADGG PHILIPS-74LVC16374ADGG Datasheet
82Kb / 10P
   16-bit edge triggered D-type flip-flop with 5 Volt tolerant inputs/outputs 3-State
1998 Mar 17
More results


Descripción similar - 74LVC16374A-Q100

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Nexperia B.V. All right...
74LVC16374A NEXPERIA-74LVC16374A Datasheet
242Kb / 13P
   16-bit edge-triggered D-type flip-flop; 5 V tolerant; 3-state
Rev. 13 - 27 September 2021
logo
NXP Semiconductors
74AVC16374 PHILIPS-74AVC16374 Datasheet
84Kb / 16P
   16-bit edge triggered D-type flip-flop; 3.6 V tolerant; 3-state
2000 Mar 09
logo
Nexperia B.V. All right...
74AVC16374 NEXPERIA-74AVC16374 Datasheet
1Mb / 16P
   16-bit edge triggered D-type flip-flop; 3.6 V tolerant; 3-state
Rev. 3 - 16 August 2013
74AVC16374-Q100 NEXPERIA-74AVC16374-Q100 Datasheet
772Kb / 16P
   16-bit edge triggered D-type flip-flop 3.6 V tolerant; 3-state
logo
NXP Semiconductors
74LVC16374A NXP-74LVC16374A Datasheet
175Kb / 19P
   16-bit edge-triggered D-type flip-flop with 5 V tolerant inputs/outputs; 3-state
Rev. 07-23 March 2010
74LVT16374A NXP-74LVT16374A Datasheet
187Kb / 19P
   3.3 V 16-bit edge-triggered D-type flip-flop; 3-state
Rev. 07-22 March 2010
logo
Nexperia B.V. All right...
74LVT-LVTH16374A NEXPERIA-74LVT-LVTH16374A Datasheet
233Kb / 13P
   3.3 V 16-bit edge-triggered D-type flip-flop; 3-state
Rev. 12 - 6 August 2021
logo
NXP Semiconductors
74LVC16374A PHILIPS-74LVC16374A Datasheet
82Kb / 10P
   16-bit edge triggered D-type flip-flop with 5 Volt tolerant inputs/outputs 3-State
1998 Mar 17
74LVCH32374A PHILIPS-74LVCH32374A Datasheet
77Kb / 16P
   32-bit edge-triggered D-type flip-flop with 5 V tolerant inputs/outputs; 3-state
1999 Nov 24
logo
Nexperia B.V. All right...
74ALVCH16374 NEXPERIA-74ALVCH16374 Datasheet
232Kb / 13P
   2.5 V/3.3 V 16-bit edge-triggered D-type flip-flop; 3-state
Rev. 7 - 23 November 2021
More results



Enlace URL



Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com