Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74AHC2G241-Q100 Datasheet (PDF) - Nexperia B.V. All rights reserved

74AHC2G241-Q100 Datasheet PDF - Nexperia B.V. All rights reserved
No. de pieza 74AHC2G241-Q100
Descarga  74AHC2G241-Q100 Descarga

Tamaño del archivo   240.9 Kbytes
Page   14 Pages
Fabricante Electrónico  NEXPERIA [Nexperia B.V. All rights reserved]
Página de inicio  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Descripción Electrónicos Dual buffer/line driver; 3-state

74AHC2G241-Q100 Datasheet (PDF)

Go To PDF Page Descarga Datasheet
74AHC2G241-Q100 Datasheet PDF - Nexperia B.V. All rights reserved

No. de pieza 74AHC2G241-Q100
Descarga  74AHC2G241-Q100 Click to download

Tamaño del archivo   240.9 Kbytes
Page   14 Pages
Fabricante Electrónico  NEXPERIA [Nexperia B.V. All rights reserved]
Página de inicio  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Descripción Electrónicos Dual buffer/line driver; 3-state

74AHC2G241-Q100 Datasheet (HTML) - Nexperia B.V. All rights reserved

Back Button 74AHC2G241-Q100 Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74AHC2G241-Q100 Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74AHC2G241-Q100 Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74AHC2G241-Q100 Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74AHC2G241-Q100 Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74AHC2G241-Q100 Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74AHC2G241-Q100 Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74AHC2G241-Q100 Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74AHC2G241-Q100 Datasheet HTML 9Page - Nexperia B.V. All rights reserved 74AHC2G241-Q100 Datasheet HTML 10Page - Nexperia B.V. All rights reserved Next Button 

74AHC2G241-Q100 Detalles de producto

General description
The 74AHC2G241-Q100; 74AHCT2G241-Q100 is a high-speed Si-gate CMOS device.
The 74AHC2G241-Q100; 74AHCT2G241-Q100 is a dual non-inverting buffer/line driver with 3- state outputs.

Features and benefits
• Automotive product qualification in accordance with AEC-Q100 (Grade 1)
• Specified from -40 °C to +85 °C and from -40 °C to +125 °C
• Symmetrical output impedance
• High noise immunity
• ESD protection:
    • MIL-STD-883, method 3015 exceeds 2000 V
    • HBM JESD22-A114F exceeds 2000 V
    • MM JESD22-A115-A exceeds 200 V (C = 200 pF, R = 0 Ω)
• Low power dissipation
• Balanced propagation delays




Número de pieza similar - 74AHC2G241-Q100

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
74AHC2G241 PHILIPS-74AHC2G241 Datasheet
105Kb / 19P
   Dual buffer/line driver; 3-state
Rev. 01-10 March 2004
74AHC2G241 NXP-74AHC2G241 Datasheet
105Kb / 16P
   Dual buffer/line driver; 3-state
Rev. 02-13 January 2009
logo
Nexperia B.V. All right...
74AHC2G241 NEXPERIA-74AHC2G241 Datasheet
240Kb / 14P
   Dual buffer/line driver; 3-state
Rev. 4 - 16 January 2019
logo
NXP Semiconductors
74AHC2G241DC PHILIPS-74AHC2G241DC Datasheet
105Kb / 19P
   Dual buffer/line driver; 3-state
Rev. 01-10 March 2004
74AHC2G241DC NXP-74AHC2G241DC Datasheet
105Kb / 16P
   Dual buffer/line driver; 3-state
Rev. 02-13 January 2009
More results


Descripción similar - 74AHC2G241-Q100

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
74AHC2G126 PHILIPS-74AHC2G126 Datasheet
103Kb / 20P
   Dual buffer/line driver; 3-state
Rev. 02-21 September 2004
74AHC_AHCT2G241 PHILIPS-74AHC_AHCT2G241_15 Datasheet
195Kb / 17P
   Dual buffer/line driver; 3-state
Rev. 3-13 May 2013
74LVC2G241 NXP-74LVC2G241 Datasheet
98Kb / 17P
   Dual buffer/line driver; 3-state
Rev. 07-5 October 2007
74AHC2G241 NXP-74AHC2G241 Datasheet
105Kb / 16P
   Dual buffer/line driver; 3-state
Rev. 02-13 January 2009
74AHC2G126 NXP-74AHC2G126 Datasheet
100Kb / 15P
   Dual buffer/line driver; 3-state
Rev. 04-27 April 2009
logo
Nexperia B.V. All right...
74HCT2G125-Q100 NEXPERIA-74HCT2G125-Q100 Datasheet
225Kb / 13P
   Dual buffer/line driver; 3-state
Rev. 2 - 1 November 2018
74HCT2G125 NEXPERIA-74HCT2G125 Datasheet
226Kb / 13P
   Dual buffer/line driver; 3-state
Rev. 6 - 1 November 2018
logo
Unisonic Technologies
U74AHC2G125 UTC-U74AHC2G125 Datasheet
219Kb / 6P
   DUAL BUFFER/LINE DRIVER; 3-STATE
logo
Nexperia B.V. All right...
74AHCT2G126 NEXPERIA-74AHCT2G126 Datasheet
230Kb / 13P
   Dual buffer/line driver; 3-state
Rev. 8 - 19 November 2018
logo
NXP Semiconductors
74HC2G125 PHILIPS-74HC2G125 Datasheet
90Kb / 20P
   Dual buffer/line driver; 3-state
2003 Mar 03
XC7WH126 PHILIPS-XC7WH126_15 Datasheet
180Kb / 14P
   Dual buffer/line driver; 3-state
Rev. 2-8 May 2013
More results



Enlace URL



Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com