Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74AHCT1G17GV Datasheet (PDF) - Nexperia B.V. All rights reserved

74AHCT1G17GV Datasheet PDF - Nexperia B.V. All rights reserved
No. de pieza 74AHCT1G17GV
Descarga  74AHCT1G17GV Descarga

Tamaño del archivo   801.25 Kbytes
Page   17 Pages
Fabricante Electrónico  NEXPERIA [Nexperia B.V. All rights reserved]
Página de inicio  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Descripción Electrónicos Single Schmitt trigger buffer

74AHCT1G17GV Datasheet (PDF)

Go To PDF Page Descarga Datasheet
74AHCT1G17GV Datasheet PDF - Nexperia B.V. All rights reserved

No. de pieza 74AHCT1G17GV
Descarga  74AHCT1G17GV Click to download

Tamaño del archivo   801.25 Kbytes
Page   17 Pages
Fabricante Electrónico  NEXPERIA [Nexperia B.V. All rights reserved]
Página de inicio  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Descripción Electrónicos Single Schmitt trigger buffer

74AHCT1G17GV Datasheet (HTML) - Nexperia B.V. All rights reserved

Back Button 74AHCT1G17GV Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74AHCT1G17GV Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74AHCT1G17GV Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74AHCT1G17GV Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74AHCT1G17GV Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74AHCT1G17GV Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74AHCT1G17GV Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74AHCT1G17GV Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74AHCT1G17GV Datasheet HTML 9Page - Nexperia B.V. All rights reserved 74AHCT1G17GV Datasheet HTML 10Page - Nexperia B.V. All rights reserved Next Button 

74AHCT1G17GV Detalles de producto

General description
The 74AHC1G17 and 74AHCT1G17 are single buffers with Schmitt-trigger inputs. Inputs are overvoltage tolerant. This feature allows the use of these devices as translators in mixed voltage environments.
The AHC device has CMOS input switching levels and supply voltage range 2 V to 5.5 V.
The AHCT device has TTL input switching levels and supply voltage range 4.5 V to 5.5 V.

Features and benefits
■ Symmetrical output impedance
■ High noise immunity
■ ESD protection:
    ◆ HBM JESD22-A114E: exceeds 2000 V
    ◆ MM JESD22-A115-A: exceeds 200 V
    ◆ CDM JESD22-C101C: exceeds 1000 V
■ Low power dissipation
■ Balanced propagation delays
■ Specified from -40 °C to +125 °C

Applications
■ Wave and pulse shapers
■ Astable multivibrators
■ Monostable multivibrators




Número de pieza similar - 74AHCT1G17GV

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Nexperia B.V. All right...
74AHCT1G17GW-Q100 NEXPERIA-74AHCT1G17GW-Q100 Datasheet
830Kb / 16P
   Single Schmitt trigger buffer
74AHCT1G17GW-Q100 NEXPERIA-74AHCT1G17GW-Q100 Datasheet
238Kb / 13P
   Single Schmitt trigger buffer
Rev. 2 - 12 January 2022
More results


Descripción similar - 74AHCT1G17GV

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Diodes Incorporated
74AUP1G17 DIODES-74AUP1G17 Datasheet
190Kb / 11P
   SINGLE SCHMITT-TRIGGER BUFFER
logo
NXP Semiconductors
74LVC1G17 NXP-74LVC1G17_12 Datasheet
367Kb / 21P
   Single Schmitt trigger buffer
Rev. 10-29 June 2012
logo
Texas Instruments
SN74LVC1G17 TI-SN74LVC1G17_10 Datasheet
832Kb / 19P
[Old version datasheet]   SINGLE SCHMITT-TRIGGER BUFFER
SN74AUC1G17 TI-SN74AUC1G17 Datasheet
320Kb / 13P
[Old version datasheet]   SINGLE SCHMITT TRIGGER BUFFER
logo
Unisonic Technologies
U74LVC1G17 UTC-U74LVC1G17 Datasheet
104Kb / 5P
   SINGLE SCHMITT-TRIGGER BUFFER
logo
Texas Instruments
SN74LVC1G17-Q1 TI-SN74LVC1G17-Q1 Datasheet
259Kb / 9P
[Old version datasheet]   SINGLE SCHMITT-TRIGGER BUFFER
logo
Diodes Incorporated
74LVC1G17_1107 DIODES-74LVC1G17_1107 Datasheet
266Kb / 13P
   SINGLE SCHMITT-TRIGGER BUFFER
74LVC1G17 DIODES-74LVC1G17 Datasheet
273Kb / 14P
   SINGLE SCHMITT-TRIGGER BUFFER
DS35124 Rev. 1 - 2
logo
Texas Instruments
SN74LVC1G17 TI-SN74LVC1G17_07 Datasheet
762Kb / 19P
[Old version datasheet]   SINGLE SCHMITT-TRIGGER BUFFER
SN74LVC1G17 TI-SN74LVC1G17_08 Datasheet
832Kb / 19P
[Old version datasheet]   SINGLE SCHMITT-TRIGGER BUFFER
logo
Unisonic Technologies
U74LVC1G17 UTC-U74LVC1G17_V01 Datasheet
180Kb / 5P
   SINGLE SCHMITT-TRIGGER BUFFER
More results



Enlace URL



Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com