Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74AHCT1G14GV-Q100 Datasheet (PDF) - Nexperia B.V. All rights reserved

74AHCT1G14GV-Q100 Datasheet PDF - Nexperia B.V. All rights reserved
No. de pieza 74AHCT1G14GV-Q100
Descarga  74AHCT1G14GV-Q100 Descarga

Tamaño del archivo   802.33 Kbytes
Page   17 Pages
Fabricante Electrónico  NEXPERIA [Nexperia B.V. All rights reserved]
Página de inicio  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Descripción Electrónicos Inverting Schmitt trigger

74AHCT1G14GV-Q100 Datasheet (PDF)

Go To PDF Page Descarga Datasheet
74AHCT1G14GV-Q100 Datasheet PDF - Nexperia B.V. All rights reserved

No. de pieza 74AHCT1G14GV-Q100
Descarga  74AHCT1G14GV-Q100 Click to download

Tamaño del archivo   802.33 Kbytes
Page   17 Pages
Fabricante Electrónico  NEXPERIA [Nexperia B.V. All rights reserved]
Página de inicio  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Descripción Electrónicos Inverting Schmitt trigger

74AHCT1G14GV-Q100 Datasheet (HTML) - Nexperia B.V. All rights reserved

Back Button 74AHCT1G14GV-Q100 Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74AHCT1G14GV-Q100 Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74AHCT1G14GV-Q100 Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74AHCT1G14GV-Q100 Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74AHCT1G14GV-Q100 Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74AHCT1G14GV-Q100 Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74AHCT1G14GV-Q100 Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74AHCT1G14GV-Q100 Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74AHCT1G14GV-Q100 Datasheet HTML 9Page - Nexperia B.V. All rights reserved 74AHCT1G14GV-Q100 Datasheet HTML 10Page - Nexperia B.V. All rights reserved Next Button 

74AHCT1G14GV-Q100 Detalles de producto

General description
74AHC1G14-Q100 and 74AHCT1G14-Q100 are high-speed Si-gate CMOS devices. They provide an inverting buffer function with Schmitt-trigger action. These devices can transform slowly changing input signals into sharply defined, jitter-free output signals.
The AHC device has CMOS input switching levels and supply voltage range 2 V to 5.5 V.
The AHCT device has TTL input switching levels and supply voltage range 4.5 V to 5.5 V.

Features and benefits
■ Automotive product qualification in accordance with AEC-Q100 (Grade 1)
    ◆ Specified from -40 °C to +85 °C and from -40 °C to +125 °C
■ Symmetrical output impedance
■ High noise immunity
■ Low power dissipation
■ Balanced propagation delays
■ ESD protection:
    ◆ MIL-STD-883, method 3015 exceeds 2000 V
    ◆ HBM JESD22-A114F exceeds 2000 V
    ◆ MM JESD22-A115-A exceeds 200 V (C = 200 pF, R = 0 Ω)
■ SOT353-1 and SOT753 package options

Applications
■ Wave and pulse shapers
■ Astable multivibrators
■ Monostable multivibrators




Número de pieza similar - 74AHCT1G14GV-Q100

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Nexperia B.V. All right...
74AHCT1G14GV-Q100 NEXPERIA-74AHCT1G14GV-Q100 Datasheet
259Kb / 14P
   Inverting Schmitt trigger
Rev. 4 - 12 January 2022
More results


Descripción similar - 74AHCT1G14GV-Q100

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
74AHC1G14 NXP-74AHC1G14 Datasheet
105Kb / 15P
   Inverting Schmitt trigger
Rev. 06 ??18 May 2009
logo
Nexperia B.V. All right...
74AHC1G14 NEXPERIA-74AHC1G14 Datasheet
261Kb / 14P
   Inverting Schmitt trigger
Rev. 10 - 12 January 2022
XC7SET14 NEXPERIA-XC7SET14 Datasheet
227Kb / 12P
   Inverting Schmitt trigger
Rev. 2 - 14 January 2022
logo
NXP Semiconductors
74AHC3G14 PHILIPS-74AHC3G14 Datasheet
137Kb / 21P
   Inverting Schmitt trigger
2004 Oct 18
74HC1G14 PHILIPS-74HC1G14 Datasheet
92Kb / 20P
   Inverting Schmitt-trigger
2002 May 15
74HC1G14 NXP-74HC1G14 Datasheet
93Kb / 14P
   Inverting Schmitt trigger
Rev. 04-17 July 2007
logo
Nexperia B.V. All right...
XC7SH14 NEXPERIA-XC7SH14 Datasheet
233Kb / 12P
   Inverting Schmitt trigger
Rev. 2 - 24 January 2022
logo
NXP Semiconductors
74AHC1G14 PHILIPS-74AHC1G14 Datasheet
105Kb / 20P
   Inverting Schmitt trigger
2002 Jun 06.
74AHC3G14 NXP-74AHC3G14 Datasheet
115Kb / 16P
   Inverting Schmitt trigger
Rev. 04-5 May 2009
logo
Unisonic Technologies
U74AHC3G14 UTC-U74AHC3G14_15 Datasheet
148Kb / 6P
   INVERTING SCHMITT TRIGGER
logo
NXP Semiconductors
74AHC_AHCT1G14 PHILIPS-74AHC_AHCT1G14_15 Datasheet
204Kb / 16P
   Inverting Schmitt trigger
Rev. 7-18 November 2014
More results



Enlace URL



Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com