Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC100E416 Datasheet (PDF) - ON Semiconductor

MC100E416 Datasheet PDF - ON Semiconductor
No. de pieza MC100E416
Descarga  MC100E416 Descarga

Tamaño del archivo   108.95 Kbytes
Page   4 Pages
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Descripción Electrónicos QUINT DIFFERENTIAL LINE RECEIVER

MC100E416 Datasheet (PDF)

Go To PDF Page Descarga Datasheet
MC100E416 Datasheet PDF - ON Semiconductor

No. de pieza MC100E416
Descarga  MC100E416 Click to download

Tamaño del archivo   108.95 Kbytes
Page   4 Pages
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Descripción Electrónicos QUINT DIFFERENTIAL LINE RECEIVER

MC100E416 Datasheet (HTML) - ON Semiconductor

MC100E416 Datasheet HTML 1Page - ON Semiconductor MC100E416 Datasheet HTML 2Page - ON Semiconductor MC100E416 Datasheet HTML 3Page - ON Semiconductor MC100E416 Datasheet HTML 4Page - ON Semiconductor

MC100E416 Detalles de producto

Description
The MC10E416/100E416 is a 5-bit differential line receiving device. The 2.0 GHz of bandwidth provided by the high frequency outputs makes the device ideal for buffering of very high speed oscillators.
The design incorporates two stages of gain, internal to the device, making it an excellent choice for use in high bandwidth amplifier applications.
   
Features
• Differential D and Q; VBB available
• 600 ps Max. Propagation Delay
• High Frequency Outputs
• 2 Stages of Gain
• PECL Mode Operating Range: VCC = 4.2 V to 5.7 V
    with VEE = 0 V
• NECL Mode Operating Range: VCC = 0 V
    with VEE = −4.2 V to −5.7 V
• Internal Input 50 kΩ Pulldown Resistors
• ESD Protection: Human Body Model; > 2 kV,
                             Machine Model; > 200 V
• Meets or Exceeds JEDEC Spec EIA/JESD78 IC Latchup Test
• Moisture Sensitivity Level:
                Pb = 1;
                Pb−Free = 3
    For Additional Information, see Application Note AND8003/D
• Flammability Rating: UL 94 V−0 @ 0.125 in,
    Oxygen Index: 28 to 34
• Transistor Count = 201 devices
• Pb−Free Packages are Available*
   




Número de pieza similar - MC100E416

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MC100E416 ONSEMI-MC100E416 Datasheet
132Kb / 9P
   5V ECL Quint Differential Line Receiver
November, 2006 ??Rev. 7
MC100E416FN ONSEMI-MC100E416FN Datasheet
132Kb / 9P
   5V ECL Quint Differential Line Receiver
November, 2006 ??Rev. 7
MC100E416FNG ONSEMI-MC100E416FNG Datasheet
132Kb / 9P
   5V ECL Quint Differential Line Receiver
November, 2006 ??Rev. 7
MC100E416FNR2 ONSEMI-MC100E416FNR2 Datasheet
132Kb / 9P
   5V ECL Quint Differential Line Receiver
November, 2006 ??Rev. 7
MC100E416FNR2G ONSEMI-MC100E416FNR2G Datasheet
132Kb / 9P
   5V ECL Quint Differential Line Receiver
November, 2006 ??Rev. 7
More results


Descripción similar - MC100E416

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Micrel Semiconductor
SY10E416 MICREL-SY10E416_06 Datasheet
62Kb / 4P
   QUINT DIFFERENTIAL LINE RECEIVER
SY100S314 MICREL-SY100S314_10 Datasheet
344Kb / 4P
   QUINT DIFFERENTIAL LINE RECEIVER
SY10E416 MICREL-SY10E416 Datasheet
60Kb / 4P
   QUINT DIFFERENTIAL LINE RECEIVER
logo
Semtech Corporation
SK10E116PJ SEMTECH-SK10E116PJ Datasheet
113Kb / 4P
   Quint Differential Line Receiver
logo
Micrel Semiconductor
SY10E116 MICREL-SY10E116 Datasheet
72Kb / 4P
   QUINT DIFFERENTIAL LINE RECEIVER
logo
ON Semiconductor
MC10E116 ONSEMI-MC10E116 Datasheet
108Kb / 4P
   QUINT DIFFERENTIAL LINE RECEIVER
1996 REV 3
logo
Micrel Semiconductor
SY10E116 MICREL-SY10E116_06 Datasheet
63Kb / 4P
   QUINT DIFFERENTIAL LINE RECEIVER
SY100S314 MICREL-SY100S314 Datasheet
97Kb / 5P
   QUINT DIFFERENTIAL LINE RECEIVER
logo
National Semiconductor ...
F100114 NSC-F100114 Datasheet
113Kb / 4P
   Quint Differential Line Receiver
logo
Micrel Semiconductor
SY100S314 MICREL-SY100S314_06 Datasheet
87Kb / 6P
   QUINT DIFFERENTIAL LINE RECEIVER
More results




Acerca de ON Semiconductor


ON Semiconductor hay una empresa que cotiza en bolsa que diseña, desarrolla y fabrica una amplia gama de productos de semiconductores para una variedad de aplicaciones que incluyen automotriz, informática, bienes de consumo, industriales y mercados de comunicaciones.
La compañía fue fundada en 1999 y tiene su sede en Phoenix, Arizona.
En Semiconductor ofrece una amplia cartera de gestión de energía, semiconductores analógicos y discretos que incluyen MOSFET de potencia, diodos, rectificadores, reguladores de voltaje, entre otros.
Los productos de la compañía están diseñados para ser eficientes en energía, confiables y rentables y se utilizan en una variedad de aplicaciones, incluidas la electrónica portátil, sistemas de automatización industrial, sistemas de energía renovable y electrónica automotriz.
El semiconductor se compromete con la innovación y la satisfacción del cliente, y se compromete a proporcionar las mejores soluciones de semiconductores para satisfacer las necesidades de nuestros clientes .

*Esta información es solo para fines informativos generales, no seremos responsables de ninguna pérdida o daño causado por la información anterior.




Enlace URL



Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com