Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

25M02GWZEIG Datasheet (PDF) - Winbond

25M02GWZEIG Datasheet PDF - Winbond
No. de pieza 25M02GWZEIG
Descarga  25M02GWZEIG Descarga

Tamaño del archivo   2317.91 Kbytes
Page   68 Pages
Fabricante Electrónico  WINBOND [Winbond]
Página de inicio  http://www.winbond.com
Logo WINBOND - Winbond
Descripción Electrónicos 1.8V 2G-BIT (2 x 1G-BIT) SERIAL SLC NAND FLASH MEMORY WITH

25M02GWZEIG Datasheet (PDF)

Go To PDF Page Descarga Datasheet
25M02GWZEIG Datasheet PDF - Winbond

No. de pieza 25M02GWZEIG
Descarga  25M02GWZEIG Click to download

Tamaño del archivo   2317.91 Kbytes
Page   68 Pages
Fabricante Electrónico  WINBOND [Winbond]
Página de inicio  http://www.winbond.com
Logo WINBOND - Winbond
Descripción Electrónicos 1.8V 2G-BIT (2 x 1G-BIT) SERIAL SLC NAND FLASH MEMORY WITH

25M02GWZEIG Datasheet (HTML) - Winbond

Back Button 25M02GWZEIG Datasheet HTML 1Page - Winbond 25M02GWZEIG Datasheet HTML 2Page - Winbond 25M02GWZEIG Datasheet HTML 3Page - Winbond 25M02GWZEIG Datasheet HTML 4Page - Winbond 25M02GWZEIG Datasheet HTML 5Page - Winbond 25M02GWZEIG Datasheet HTML 6Page - Winbond 25M02GWZEIG Datasheet HTML 7Page - Winbond 25M02GWZEIG Datasheet HTML 8Page - Winbond 25M02GWZEIG Datasheet HTML 9Page - Winbond 25M02GWZEIG Datasheet HTML 10Page - Winbond Next Button 

25M02GWZEIG Detalles de producto

GENERAL DESCRIPTIONS
The W25M02GW (2 x 1G-bit) Serial MCP (Multi Chip Package) Flash memory is based on the W25N Serial SLC NAND SpiFlash® series by stacking two individual W25N01GW die into a standard 8-pin package. It offers the highest memory density for the low pin-count package, as well as Concurrent Operations in Serial Flash memory for the first time. The W25M SpiStack® series is ideal for small form factor system designs, and applications that demand high Program/Erase data throughput. All W25N SpiFlash family devices are offered in space-saving packages which were impossible to use in the past for the typical NAND flash memory.

FEATURES
• New Family of SpiFlash Memories
   – W25M02GW: 2x1G-bit / 2x128M-Byte
   – Standard SPI: CLK, /CS, DI, DO, /WP, /HOLD
   – Dual SPI: CLK, /CS, IO0, IO1, /WP, /HOLD
   – Quad SPI: CLK, /CS, IO0, IO1, IO2, IO3
   – Compatible SPI serial flash commands
• Highest Performance Serial NAND Flash
   – 104MHz Standard/Dual/Quad SPI clocks
   – 208/416MHz equivalent Dual/Quad SPI
   – 40MB/S continuous data transfer rate
   – Fast Program/Erase performance
   – More than 100,000 erase/program cycles
   – More than 10-year data retention
• Efficient “Continuous Read Mode”(1)
   – Alternative method to the Buffer Read Mode
   – No need to issue “Page Data Read” between
      Read commands
   – Allows direct read access to the entire array
• Flexible “Concurrent Operations”
   – Independent single die access
   – Allows “Read while Program/Erase”
   – Allows “Multi Die Program/Erase”
   – Improves Program/Erase throughput
• Low Power, Wide Temperature Range
   – Single 1.70 to 1.95V supply
   – 25mA active, 20µA standby current
   – -40°C to +85°C operating range
• Flexible Architecture with 128KB blocks
   – Uniform 128K-Byte Block Erase
   – Flexible page data load methods
• Advanced Features
   – On chip 1-Bit ECC for memory array
   – ECC status bits indicate ECC results
   – bad block management and LUT(2) access
   – Software and Hardware Write-Protect
   – Power Supply Lock-Down and OTP protection
   – 2KB Unique ID and 2KB parameter pages
   – Ten 2KB OTP pages(3)
• Space Efficient Packaging
   – 8-pad WSON 8x6-mm
   – 24-ball TFBGA 8x6-mm
   – Contact Winbond for other package options




Número de pieza similar - 25M02GWZEIG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Winbond
25M02GVTBIG WINBOND-25M02GVTBIG Datasheet
820Kb / 68P
   3V 2G-BIT (2 x 1G-BIT) SERIAL SLC NAND FLASH MEMORY WITH DUAL/QUAD SPI BUFFER READ & CONTINUOUS READ CONCURRENT OPERATIONS
25M02GVTBIT WINBOND-25M02GVTBIT Datasheet
820Kb / 68P
   3V 2G-BIT (2 x 1G-BIT) SERIAL SLC NAND FLASH MEMORY WITH DUAL/QUAD SPI BUFFER READ & CONTINUOUS READ CONCURRENT OPERATIONS
25M02GVTCIG WINBOND-25M02GVTCIG Datasheet
820Kb / 68P
   3V 2G-BIT (2 x 1G-BIT) SERIAL SLC NAND FLASH MEMORY WITH DUAL/QUAD SPI BUFFER READ & CONTINUOUS READ CONCURRENT OPERATIONS
25M02GVTCIT WINBOND-25M02GVTCIT Datasheet
820Kb / 68P
   3V 2G-BIT (2 x 1G-BIT) SERIAL SLC NAND FLASH MEMORY WITH DUAL/QUAD SPI BUFFER READ & CONTINUOUS READ CONCURRENT OPERATIONS
25M02GVZEIG WINBOND-25M02GVZEIG Datasheet
820Kb / 68P
   3V 2G-BIT (2 x 1G-BIT) SERIAL SLC NAND FLASH MEMORY WITH DUAL/QUAD SPI BUFFER READ & CONTINUOUS READ CONCURRENT OPERATIONS
More results


Descripción similar - 25M02GWZEIG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Samsung semiconductor
K9WAG08U1A SAMSUNG-K9WAG08U1A Datasheet
1Mb / 49P
   1G x 8 Bit / 2G x 8 Bit NAND Flash Memory
K9G8G08U0A SAMSUNG-K9G8G08U0A Datasheet
1Mb / 45P
   1G x 8 Bit / 2G x 8 Bit NAND Flash Memory
K9WAG08U1M SAMSUNG-K9WAG08U1M Datasheet
1Mb / 49P
   1G x 8 Bit / 2G x 8 Bit NAND Flash Memory
K9K8G08U0B-PIB0000 SAMSUNG-K9K8G08U0B-PIB0000 Datasheet
1Mb / 48P
   1G x 8 / 2G x 8 Bit NAND Flash Memory
logo
Macronix International
MX30UF4G28AB-XKI MCNIX-MX30UF4G28AB-XKI Datasheet
1Mb / 85P
   1.8V, 2G/4G-bit NAND Flash Memory
logo
Winbond
W25M02GVZEIG-TR WINBOND-W25M02GVZEIG-TR Datasheet
820Kb / 68P
   3V 2G-BIT (2 x 1G-BIT) SERIAL SLC NAND FLASH MEMORY WITH DUAL/QUAD SPI BUFFER READ & CONTINUOUS READ CONCURRENT OPERATIONS
logo
Samsung semiconductor
K9WAG08U1A_067 SAMSUNG-K9WAG08U1A_067 Datasheet
1Mb / 50P
   1G x 8 Bit / 2G x 8 Bit / 4G x 8 Bit NAND Flash Memory
K9XXG08UXA SAMSUNG-K9XXG08UXA_06 Datasheet
1Mb / 50P
   1G x 8 Bit / 2G x 8 Bit / 4G x 8 Bit NAND Flash Memory
logo
Macronix International
MX30LF1G08AA-XKI MCNIX-MX30LF1G08AA-XKI Datasheet
766Kb / 48P
   1G-bit NAND Flash Memory
logo
Samsung semiconductor
K9XXG08UXM SAMSUNG-K9XXG08UXM_V01 Datasheet
1Mb / 51P
   2G x 8 Bit NAND Flash Memory
More results



Enlace URL



Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com