Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC100LVEL37 Datasheet (PDF) - ON Semiconductor

MC100LVEL37 Datasheet PDF - ON Semiconductor
No. de pieza MC100LVEL37
Descarga  MC100LVEL37 Descarga

Tamaño del archivo   72.19 Kbytes
Page   3 Pages
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Descripción Electrónicos 1:4 첨1/첨2 ECL/PECL Clock Fanout Buffer

MC100LVEL37 Datasheet (PDF)

Go To PDF Page Descarga Datasheet
MC100LVEL37 Datasheet PDF - ON Semiconductor

No. de pieza MC100LVEL37
Descarga  MC100LVEL37 Click to download

Tamaño del archivo   72.19 Kbytes
Page   3 Pages
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Descripción Electrónicos 1:4 첨1/첨2 ECL/PECL Clock Fanout Buffer

MC100LVEL37 Datasheet (HTML) - ON Semiconductor

MC100LVEL37 Datasheet HTML 1Page - ON Semiconductor MC100LVEL37 Datasheet HTML 2Page - ON Semiconductor MC100LVEL37 Datasheet HTML 3Page - ON Semiconductor

MC100LVEL37 Detalles de producto

Description
The MC100LVEL37 is a fully differential 1:4 fanout buffer. The device offers two outputs at ÷1 of the input frequency, and two outputs at ÷2 of the input frequency. The Low Output−Output Skew of the device makes it ideal for distributing 1x and 1/2x frequency synchronous signals.

Features
• 700 ps Typical Propagation Delays
• 50 ps Maximum Output−Output Skews
• ESD Protection: >2 kV Human Body Model, >200 V Machine Model
• The 100 Series Contains Temperature Compensation
• PECL Mode Operating Range: VCC = 3.0 V to 3.8 V with VEE = 0 V
• NECL Mode Operating Range: VCC = 0 V with VEE = −3.0 V to −3.8 V
• Internal Input Pulldown Resistors
• Qn Output will Default LOW with Inputs Open or at VEE
• Meets or Exceeds JEDEC Spec EIA/JESD78 IC Latchup Test
• Moisture Sensitivity Level 1 For Additional Information, see Application Note AND8003/D
• Flammability Rating: UL 94 V−0 @ 0.125 in, Oxygen Index 28 to 34
• Transistor Count = 256 devices
• Pb−Free Packages are Available*




Número de pieza similar - MC100LVEL37

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MC100LVEL37 ONSEMI-MC100LVEL37 Datasheet
116Kb / 6P
   3.3V ECL 1:4 첨1/첨2 Clock Fanout Buffer
November, 2006 ??Rev. 5
MC100LVEL37 ONSEMI-MC100LVEL37 Datasheet
152Kb / 7P
   3.3 V ECL Clock Fanout Buffer
July, 2016 ??Rev. 7
MC100LVEL37DW ONSEMI-MC100LVEL37DW Datasheet
116Kb / 6P
   3.3V ECL 1:4 첨1/첨2 Clock Fanout Buffer
November, 2006 ??Rev. 5
MC100LVEL37DWG ONSEMI-MC100LVEL37DWG Datasheet
116Kb / 6P
   3.3V ECL 1:4 첨1/첨2 Clock Fanout Buffer
November, 2006 ??Rev. 5
MC100LVEL37DWG ONSEMI-MC100LVEL37DWG Datasheet
152Kb / 7P
   3.3 V ECL Clock Fanout Buffer
July, 2016 ??Rev. 7
More results


Descripción similar - MC100LVEL37

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MC100LVEL37 ONSEMI-MC100LVEL37_06 Datasheet
116Kb / 6P
   3.3V ECL 1:4 첨1/첨2 Clock Fanout Buffer
November, 2006 ??Rev. 5
logo
Arizona Microtek, Inc
AZP92 AZM-AZP92 Datasheet
106Kb / 7P
   ECL/PECL 첨1, 첨2 Clock Generation Chip with Selectable Enable
AZP92 AZM-AZP92_12 Datasheet
489Kb / 8P
   PECL/ECL 첨1, 첨2 Clock Generation Chip with Selectable Enable
logo
List of Unclassifed Man...
AZP92 ETC1-AZP92 Datasheet
119Kb / 7P
   ECL/PECL 첨1, 첨2 Clock Generation Chip with Selectable Enable
logo
Arizona Microtek, Inc
AZP92_1308 AZM-AZP92_1308 Datasheet
467Kb / 8P
   PECL/ECL 첨1, 첨2 Clock Generation Chip with Selectable Enable
AZP92 AZM-AZP92_09 Datasheet
171Kb / 9P
   ECL/PECL 첨1, 첨2 Clock Generation Chip with Selectable Enable
AZP94 AZM-AZP94_09 Datasheet
202Kb / 10P
   ECL/PECL 첨1, 첨2 Clock Generation Chip with Tristate Compatible Outputs
logo
ON Semiconductor
NB100LVEP222 ONSEMI-NB100LVEP222 Datasheet
117Kb / 10P
   2.5 V/3.3 V 1:15 Differential ECL/PECL 첨1/첨2 Clock Driver
October, 2005??Rev. 9
logo
Arizona Microtek, Inc
AZP94 AZM-AZP94 Datasheet
141Kb / 8P
   ECL/PECL 첨1, 첨2 Clock Generation Chip with Tristate Compatible Outputs
AZP94_1205 AZM-AZP94_1205 Datasheet
545Kb / 9P
   PECL/ECL 첨1, 첨2 Clock Generation Chip with Tristate Compatible Outputs
More results




Acerca de ON Semiconductor


ON Semiconductor hay una empresa que cotiza en bolsa que diseña, desarrolla y fabrica una amplia gama de productos de semiconductores para una variedad de aplicaciones que incluyen automotriz, informática, bienes de consumo, industriales y mercados de comunicaciones.
La compañía fue fundada en 1999 y tiene su sede en Phoenix, Arizona.
En Semiconductor ofrece una amplia cartera de gestión de energía, semiconductores analógicos y discretos que incluyen MOSFET de potencia, diodos, rectificadores, reguladores de voltaje, entre otros.
Los productos de la compañía están diseñados para ser eficientes en energía, confiables y rentables y se utilizan en una variedad de aplicaciones, incluidas la electrónica portátil, sistemas de automatización industrial, sistemas de energía renovable y electrónica automotriz.
El semiconductor se compromete con la innovación y la satisfacción del cliente, y se compromete a proporcionar las mejores soluciones de semiconductores para satisfacer las necesidades de nuestros clientes .

*Esta información es solo para fines informativos generales, no seremos responsables de ninguna pérdida o daño causado por la información anterior.




Enlace URL



Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com