Fabricante Electrónico | No. de pieza | Datasheet | Descripción Electrónicos |
CTS Corporation |
406
|
149Kb / 4P |
3.5 x 6.0 mm Ceramic - SM Crystal
|
Transko Electronics, In... |
CS63A
|
237Kb / 1P |
CERAMIC SMD CRYSTAL (6.0 x 3.5 x 1.0mm)
Rev. 5: 10-10-19 |
CS63B
|
239Kb / 1P |
CERAMIC SMD CRYSTAL (6.0 x 3.5 x 1.1mm)
Rev. 4: 10-10-19 |
CS63C
|
255Kb / 1P |
CERAMIC SMD CRYSTAL (6.0 x 3.5 x 1.4mm)
Rev 5: 10/18/2022 |
MTRONPTI |
PR1DD
|
291Kb / 2P |
3.5 x 6.0 x 1.0 mm Surface Mount Crystals
|
PP
|
403Kb / 2P |
Surface Mount Crystals 3.5 x 6.0 x 1.2 mm
|
Panasonic Semiconductor |
EVQ-PE104K
|
67Kb / 2P |
6.0 mm3.5 mm SMD Light Touch Switch es
|
EVQPE1
|
100Kb / 2P |
6.0 mm3.5 mm SMD Light Touch Switch es
|
C&K Components |
PTS636
|
477Kb / 6P |
6.0 x 3.5 Top Actuated
14 Nov 22 |
SunLED Corporation |
XZFBBM2ACRDG92W-3
|
285Kb / 4P |
3.5 x 3.5 mm Surface Mount SMD Chip LED
Feb 04,2021 |