Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FAN4852 Datasheet (PDF) - ON Semiconductor

FAN4852 Datasheet PDF - ON Semiconductor
No. de pieza FAN4852
Descarga  FAN4852 Descarga

Tamaño del archivo   1331.21 Kbytes
Page   18 Pages
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Descripción Electrónicos 9MHz Low-Power Dual CMOS Amplifier

FAN4852 Datasheet (PDF)

Go To PDF Page Descarga Datasheet
FAN4852 Datasheet PDF - ON Semiconductor

No. de pieza FAN4852
Descarga  FAN4852 Click to download

Tamaño del archivo   1331.21 Kbytes
Page   18 Pages
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Descripción Electrónicos 9MHz Low-Power Dual CMOS Amplifier

FAN4852 Datasheet (HTML) - ON Semiconductor

Back Button FAN4852 Datasheet HTML 1Page - ON Semiconductor FAN4852 Datasheet HTML 2Page - ON Semiconductor FAN4852 Datasheet HTML 3Page - ON Semiconductor FAN4852 Datasheet HTML 4Page - ON Semiconductor FAN4852 Datasheet HTML 5Page - ON Semiconductor FAN4852 Datasheet HTML 6Page - ON Semiconductor FAN4852 Datasheet HTML 7Page - ON Semiconductor FAN4852 Datasheet HTML 8Page - ON Semiconductor FAN4852 Datasheet HTML 9Page - ON Semiconductor FAN4852 Datasheet HTML 10Page - ON Semiconductor Next Button 

FAN4852 Detalles de producto

Description
The FAN4852 is a dual, rail-to-rail output, low-power, CMOS amplifier that consumes only 800µA of supply current, while providing ±50mA of output short-circuit current. This amplifier is designed to operate supplies from 2.5V to 5V.

Features
■ 0.8mA Supply Current
■ 9 MHz Bandwidth
■ Output Swing to within 10mV of Either Rail
■ Input Voltage Range Exceeds the Rails
■ 6V/µs Slew Rate
■ 11nV/Hz Input Voltage Noise
■ Fully Specified at +3.3V and +5V Supplies

Applications
■ Piezoelectric Sensors
■ PCMCIA, USB
■ Mobile Communications / Battery-Powered Devices
■ Notebooks and PDAs
■ Active Filters
■ Signal Conditioning
■ Portable Test Instruments




Número de pieza similar - FAN4852

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FAN4852 FAIRCHILD-FAN4852 Datasheet
3Mb / 16P
   9MHz Low-Power Dual CMOS Amplifier
FAN4852IMU8X FAIRCHILD-FAN4852IMU8X Datasheet
3Mb / 16P
   9MHz Low-Power Dual CMOS Amplifier
More results


Descripción similar - FAN4852

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FAN4852 FAIRCHILD-FAN4852 Datasheet
3Mb / 16P
   9MHz Low-Power Dual CMOS Amplifier
logo
Analog Devices
OP-285 AD-OP-285 Datasheet
577Kb / 16P
   DUAL, 9MHz PRECISION OPERATIONAL AMPLIFIER
REV. 0
logo
ELM Electronics
ELM832BW ELM-ELM832BW Datasheet
926Kb / 10P
   CMOS Low power dual operational amplifier
logo
National Semiconductor ...
LPC662 NSC-LPC662 Datasheet
585Kb / 16P
   Low Power CMOS Dual Operational Amplifier
LPC662 NSC-LPC662_14 Datasheet
644Kb / 20P
   Low Power CMOS Dual Operational Amplifier
logo
ELM Technology Corporat...
ELM832BW ELM-TECH-ELM832BW Datasheet
119Kb / 10P
   CMOS Low power dual operational amplifier
logo
National Semiconductor ...
LMC6022 NSC-LMC6022 Datasheet
339Kb / 16P
   Low Power CMOS Dual Operational Amplifier
logo
Intersil Corporation
CA3280 INTERSIL-CA3280 Datasheet
286Kb / 10P
   Dual, 9MHz, Operational Transconductance Amplifier (OTA)
September 1998
CA3280 INTERSIL-CA3280_02 Datasheet
393Kb / 10P
   Dual, 9MHz, Operational Transconductance Amplifier (OTA)
logo
Renesas Technology Corp
CA3280 RENESAS-CA3280 Datasheet
644Kb / 10P
   Dual, 9MHz, Operational Transconductance Amplifier (OTA)
More results




Acerca de ON Semiconductor


ON Semiconductor hay una empresa que cotiza en bolsa que diseña, desarrolla y fabrica una amplia gama de productos de semiconductores para una variedad de aplicaciones que incluyen automotriz, informática, bienes de consumo, industriales y mercados de comunicaciones.
La compañía fue fundada en 1999 y tiene su sede en Phoenix, Arizona.
En Semiconductor ofrece una amplia cartera de gestión de energía, semiconductores analógicos y discretos que incluyen MOSFET de potencia, diodos, rectificadores, reguladores de voltaje, entre otros.
Los productos de la compañía están diseñados para ser eficientes en energía, confiables y rentables y se utilizan en una variedad de aplicaciones, incluidas la electrónica portátil, sistemas de automatización industrial, sistemas de energía renovable y electrónica automotriz.
El semiconductor se compromete con la innovación y la satisfacción del cliente, y se compromete a proporcionar las mejores soluciones de semiconductores para satisfacer las necesidades de nuestros clientes .

*Esta información es solo para fines informativos generales, no seremos responsables de ninguna pérdida o daño causado por la información anterior.




Enlace URL



Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com