Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADM1087AKS-REEL7 Datasheet (PDF) - Analog Devices

ADM1087AKS-REEL7 Datasheet PDF - Analog Devices
No. de pieza ADM1087AKS-REEL7
Descarga  ADM1087AKS-REEL7 Descarga

Tamaño del archivo   299.47 Kbytes
Page   16 Pages
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices
Descripción Electrónicos Simple Sequencers in 6-Lead SC70

ADM1087AKS-REEL7 Datasheet (PDF)

Go To PDF Page Descarga Datasheet
ADM1087AKS-REEL7 Datasheet PDF - Analog Devices

No. de pieza ADM1087AKS-REEL7
Descarga  ADM1087AKS-REEL7 Click to download

Tamaño del archivo   299.47 Kbytes
Page   16 Pages
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices
Descripción Electrónicos Simple Sequencers in 6-Lead SC70

ADM1087AKS-REEL7 Datasheet (HTML) - Analog Devices

Back Button ADM1087AKS-REEL7 Datasheet HTML 1Page - Analog Devices ADM1087AKS-REEL7 Datasheet HTML 2Page - Analog Devices ADM1087AKS-REEL7 Datasheet HTML 3Page - Analog Devices ADM1087AKS-REEL7 Datasheet HTML 4Page - Analog Devices ADM1087AKS-REEL7 Datasheet HTML 5Page - Analog Devices ADM1087AKS-REEL7 Datasheet HTML 6Page - Analog Devices ADM1087AKS-REEL7 Datasheet HTML 7Page - Analog Devices ADM1087AKS-REEL7 Datasheet HTML 8Page - Analog Devices ADM1087AKS-REEL7 Datasheet HTML 9Page - Analog Devices ADM1087AKS-REEL7 Datasheet HTML 10Page - Analog Devices Next Button 

ADM1087AKS-REEL7 Detalles de producto

GENERAL DESCRIPTION

The ADM1085/ADM1086/ADM1087/ADM1088 are simple sequencing circuits that provide a time delay between the enabling of voltage regulators and/ordc-dc converters atpower upin multiple supply systems. When the output voltage of the first power module reaches a preset threshold,atime delayis initiated  before an enable signal allows subsequent regulators to power up. Any number ofthese devices can be cascaded with regulators toallow sequencing ofmultiple power supplies.



FEATURES

Provide programmable time delays between enable signals

Can be cascadedwith power modules for multiple supply sequencing

Power supply monitoring from 0.6 V Output stages:

   High voltage (up to 22 V) open-drain output (ADM1085/ADM1087)

   Push-pull output (ADM1086/ADM1088)

Capacitor-adjustable time delays

High voltage (up to 22 V) Enable and VINinputs

Low power consumption (15 µA)

Specified over –40°C to +125°Ctemperature range

6-leadSC70package



APPLICATIONS

Desktop/notebook computers,servers

Low power portable equipment

Routers

Base stations

Line cards

Graphics cards



 




Número de pieza similar - ADM1087AKS-REEL7

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADM1087AKS-REEL7 AD-ADM1087AKS-REEL7 Datasheet
299Kb / 16P
   Simple Sequencers in 6-Lead SC7
REV. A
More results


Descripción similar - ADM1087AKS-REEL7

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADM1085AKSZ-REEL7 AD-ADM1085AKSZ-REEL7 Datasheet
299Kb / 16P
   Simple Sequencers in 6-Lead SC7
REV. A
ADM6820 AD-ADM6820_15 Datasheet
215Kb / 12P
   FET Drive Simple Sequencers
REV. 0
ADM6819 AD-ADM6819_15 Datasheet
215Kb / 12P
   FET Drive Simple Sequencers
REV. 0
ADM6819 AD-ADM6819 Datasheet
215Kb / 12P
   FET Drive Simple Sequencers
REV. 0
AD7910 AD-AD7910_15 Datasheet
493Kb / 24P
   250 kSPS, 10-/12-Bit ADCs in 6-Lead SC70
REV. C
AD7910 AD-AD7910 Datasheet
1Mb / 20P
   250 kSPS, 10-/12-Bit ADCs in 6-Lead SC70
REV. B
AD7920 AD-AD7920_15 Datasheet
493Kb / 24P
   250 kSPS, 10-/12-Bit ADCs in 6-Lead SC70
REV. C
AD7920BRMZ AD-AD7920BRMZ Datasheet
493Kb / 24P
   250 kSPS, 10-/12-Bit ADCs in 6-Lead SC70
REV. C
logo
SG Micro Corp
SGM3167 SGMICRO-SGM3167_15 Datasheet
324Kb / 11P
   Analog Switch in 6-Pin SC70
logo
Analog Devices
ADM6711 AD-ADM6711 Datasheet
155Kb / 8P
   Microprocessor Supervisory Circuit in 4-Lead SC70
REV. 0
More results




Acerca de Analog Devices


Analog Devices, Inc. (ADI) es una empresa que cotiza en bolsa que diseña, desarrolla y fabrica circuitos integrados (ICS) analógicos, de señal mixtos y digitales (DSP).
La compañía fue fundada en 1965 y tiene su sede en Norwood, Massachusetts.
ADI sirve una amplia gama de industrias, incluidas aeroespaciales y defensa, automotriz, comunicaciones, consumidores, industriales, médicos y pruebas y medidas.
La cartera de productos de la compañía incluye convertidores de datos, amplificadores y comparadores, ICS de administración de energía, microcontroladores, sensores y radiofrecuencia (RF) y componentes de microondas, entre otros.
ADI se dedica a la innovación y la satisfacción del cliente, y se compromete a proporcionar a sus clientes soluciones confiables y de alta calidad para satisfacer sus necesidades.
Con un enfoque en la eficiencia energética y la sostenibilidad, ADI es un líder en la industria de IC analógicas y de señal mixta, impulsando los avances tecnológicos y proporcionando soluciones innovadoras a los problemas más desafiantes del mundo.

*Esta información es solo para fines informativos generales, no seremos responsables de ninguna pérdida o daño causado por la información anterior.




Enlace URL



Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com