Fabricante Electrónico | No. de pieza | Datasheet | Descripción Electrónicos |
MicroPower Direct, LLC |
MG200MRRI4
|
235Kb / 2P |
Medical Approved Compact MiniDIP, 2W DC/DC Converters
|
MD200MEHI
|
439Kb / 3P |
Miniature, 2W SIP Medical Approved DC/DC Converters
|
ML100MRI4
|
253Kb / 2P |
Medical Approved Compact SMT, 1W DC/DC Con vert ers
|
G200I
|
77Kb / 2P |
Compact MiniDIP, 2W High Isolation DC/DC Converters
|
G200E
|
199Kb / 2P |
Low Cost, 2W Compact MiniDIP DC/DC Converters
|
G200
|
75Kb / 2P |
Compact MiniDIP, 2W Single & Dual Output DC/DC Converters
|
MHI200GRI8
|
484Kb / 2P |
Compact, 2W MiniDIP Ultra-High Isolation DC/DC Converters
|
G200RW
|
164Kb / 2P |
Compact MiniDIP, 2W Wide Input Range DC/DC Converters
|
A200R
|
94Kb / 2P |
Compact, Regulated, 2W Single & Dual Output DC/DC Converters
|
LF200ES
|
325Kb / 2P |
Low Cost, 2W SMT Single Output DC/DC Converters
|